Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32914A3474 Datasheet(PDF) 3 Page - EPCOS

Part # B32914A3474
Description  EMI Suppression Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32914A3474 Datasheet(HTML) 3 Page - EPCOS

  B32914A3474 Datasheet HTML 1Page - EPCOS B32914A3474 Datasheet HTML 2Page - EPCOS B32914A3474 Datasheet HTML 3Page - EPCOS B32914A3474 Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EMI Suppression Capacitors (MKP)
B3291* Series
X1 / 330 V AC
Preliminary data
Ordering codes and packing units
±0.4 (mm)
CR
Max dimensions
w × h × l
Ordering code
Ammo
pack
Reel
Untaped
mm
mm
pcs/unit
pcs/unit
pcs/unit
10
nF
4.0 ×
9.0 × 13.0
B32911A3103+***
1000
1700
1000
22
nF
5.0 × 11.0 × 13.0
B32911B3223+***
830
1300
1000
10
33
nF
6.0 × 12.0 × 13.0
B32911A3333M***
680
1100
1000
22
nF
5.0 × 10.5 × 18.0
B32912A3223+***
1170
1300
1000
33
nF
5.0 × 10.5 × 18.0
B32912A3333+***
1170
1300
1000
47
nF
5.0 × 10.5 × 18.0
B32912A3473+***
1170
1300
1000
68
nF
6.0 × 11.0 × 18.0
B32912A3683+***
960
1100
1000
0.1
µF
7.0 × 12.5 × 18.0
B32912A3104+***
830
900
1000
0.15 µF
7.0 × 12.5 × 18.0
B32912B3154M***
830
900
1000
0.15 µF
8.5 × 14.5 × 18.0
B32912A3154+***
680
700
500
0.22 µF
8.5 × 14.5 × 18.0
B32912B3224M***
680
700
500
0.22 µF
9.0 × 17.5 × 18.0
B32912A3224+***
640
700
500
15
0.33 µF
9.0 × 17.5 × 18.0
B32912B3334M***
640
700
500
0.15 µF
6.0 × 15.0 × 26.5
B32913A3154+***
680
700
720
0.22 µF
7.0 × 16.0 × 26.5
B32913A3224+***
580
600
630
0.33 µF
8.5 × 16.5 × 26.5
B32913A3334M***
480
500
510
22.5
0.47 µF
10.5 × 18.5 × 26.5
B32913A3474M***
390
400
540
0.47 µF
11.0 × 21.0 × 31.5
B32914A3474+***
-
350
320
0.68 µF
11.0 × 21.0 × 31.5
B32914B3684+***
-
350
320
1.0
µF
13.5 × 23.0 × 31.5
B32914A3105+***
-
250
260
1.5
µF
18.0 × 27.5 × 31.5
B32914A3155+***
-
-
200
27.5
2.2
µF
19.0 × 30.0 × 31.5
B32914A3225M***
-
-
180
3.3
µF
18.0 × 32.5 × 41.5
B32916A3335+***
-
-
90
4.7
µF
20.0 × 39.5 × 41.5
B32916A3475M***
-
-
75
37.5
6.8
µF
28.0 × 42.5 × 41.5
B32916A3685M***
-
-
55
Further E series and intermediate capacitance values are available on request.
Composition of ordering code
+ = Capacitance tolerance code
*** = Packing code
M = ±20%
289 = ammo pack
K = ±10%
189 = reel pack
000 = untaped (lead length 6 –1 mm)
Approvals
Standards
Certificate
Marks of Conformity
EN 132400 /
IEC 60384-14 (330 V AC)
UL1414 (250 V AC)
UL1283 (330 V AC)
CSA C22.2 No.1 (250 V AC)
CSA C22.2 No.8 (330 V AC)
40018909 &
40010694
E97863
E157153
E97863
E157153
(¹)
(¹) approved by UL
dV/dt and K0 values
±0.4 (mm)
10
15
22.5
27.5
37.5
dV/dt (V/µs)
550
400
200
150
100
K0 (V
2/µs)
473,000
344,000
172,000
129,000
86,000
Note: The maximum values of dV/dt and K0 must not be exceeded in order to avoid overheating of the capacitor.
FK DC PM
May 2007
Page 3 of 4


Similar Part No. - B32914A3474

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32914A3474 EPCOS-B32914A3474 Datasheet
315Kb / 17P
   Film Capacitors EMI Suppression Capacitors (MKP)
logo
Fairchild Semiconductor
B32914A3474 FAIRCHILD-B32914A3474 Datasheet
5Mb / 30P
   Dual BCM PFC Controller
logo
EPCOS
B32914A3474 EPCOS-B32914A3474 Datasheet
299Kb / 14P
   Film Capacitors
B32914A3474000 EPCOS-B32914A3474000 Datasheet
299Kb / 14P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32914A3474189 EPCOS-B32914A3474189 Datasheet
299Kb / 14P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results

Similar Description - B32914A3474

ManufacturerPart #DatasheetDescription
logo
EPCOS
B81130 EPCOS-B81130 Datasheet
133Kb / 5P
   EMI Suppression Capacitors
logo
TDK Electronics
B32021A3102K000 TDK-B32021A3102K000 Datasheet
373Kb / 22P
   EMI Suppression Capacitors
logo
MERITEK ELECTRONICS COR...
ULE197475 MERITEK-ULE197475 Datasheet
929Kb / 10P
   EMI Suppression Capacitors
logo
EPCOS
B81141C1474M EPCOS-B81141C1474M Datasheet
123Kb / 4P
   EMI Suppression Capacitors
logo
List of Unclassifed Man...
B81133 ETC1-B81133 Datasheet
133Kb / 3P
   EMI Suppression Capacitors
logo
EPCOS
B81141C1104M EPCOS-B81141C1104M Datasheet
123Kb / 4P
   EMI Suppression Capacitors
logo
TDK Electronics
B32932 TDK-B32932 Datasheet
572Kb / 19P
   EMI Suppression Capacitors
March 2019
logo
EPCOS
Y2_B32021_026 EPCOS-Y2_B32021_026 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors
logo
TDK Electronics
B32911 TDK-B32911 Datasheet
315Kb / 19P
   Film Capacitors EMI Suppression Capacitors
logo
EPCOS
B32021A3222M EPCOS-B32021A3222M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com