Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62177DV20 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY62177DV20
Description  32-Mbit (2M x 16) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62177DV20 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY62177DV20 Datasheet HTML 1Page - Cypress Semiconductor CY62177DV20 Datasheet HTML 2Page - Cypress Semiconductor CY62177DV20 Datasheet HTML 3Page - Cypress Semiconductor CY62177DV20 Datasheet HTML 4Page - Cypress Semiconductor CY62177DV20 Datasheet HTML 5Page - Cypress Semiconductor CY62177DV20 Datasheet HTML 6Page - Cypress Semiconductor CY62177DV20 Datasheet HTML 7Page - Cypress Semiconductor CY62177DV20 Datasheet HTML 8Page - Cypress Semiconductor CY62177DV20 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CY62177DV20 MoBL2™
Document #: 001-44018 Rev. **
Page 2 of 11
Pin Configuration
Figure 1. 48-Ball VFBGA (8 x 9.5 x 1.2 mm) Top View [1]
Product Portfolio
Product
VCC Range (V)
Speed
(ns)
Power Dissipation
Operating ICC (mA)
Standby ISB2 (μA)
f = 1 MHz
f = fmax
Min
Typ[2]
Max
Typ[2]
Max
Typ[2]
Max
Typ[2]
Max
CY62177DV20LL
1.7
1.8
2.2
70
2
4
12
25
5
50
WE
A11
A10
A6
A0
A3
CE1
IO 10
IO 8
IO 9
A4
A5
IO11
IO 13
IO 12
IO 14
IO 15
VSS
A9
A8
OE
Vss
A7
IO 0
BHE
CE2
A17
A2
A1
BLE
VCC
IO 2
IO 1
IO3
IO 4
IO 5
IO 6
IO 7
A15
A14
A13
A
12
A19
A18
A20
3
2
6
5
4
1
D
E
B
A
C
F
G
H
A16
DNU
Vcc
Notes
1. DNU pins must be connected to VSS or left open.
2. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ), TA = 25°C.
[+] Feedback


Similar Part No. - CY62177DV20

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62177DV30 CYPRESS-CY62177DV30 Datasheet
931Kb / 10P
   16-Mbit (2M x 8) Static RAM
CY62177DV30 CYPRESS-CY62177DV30 Datasheet
498Kb / 14P
   32-Mbit (2M x 16) Static RAM
CY62177DV30L-55BAI CYPRESS-CY62177DV30L-55BAI Datasheet
931Kb / 10P
   16-Mbit (2M x 8) Static RAM
CY62177DV30L-55BAI CYPRESS-CY62177DV30L-55BAI Datasheet
513Kb / 11P
   32-Mbit (2M x 16) Static RAM
CY62177DV30L-70BAI CYPRESS-CY62177DV30L-70BAI Datasheet
931Kb / 10P
   16-Mbit (2M x 8) Static RAM
More results

Similar Description - CY62177DV20

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62177DV30 CYPRESS-CY62177DV30_09 Datasheet
513Kb / 11P
   32-Mbit (2M x 16) Static RAM
CY7C1071AV33 CYPRESS-CY7C1071AV33 Datasheet
148Kb / 10P
   32-Mbit (2M x 16) Static RAM
CY62177DV30 CYPRESS-CY62177DV30_11 Datasheet
498Kb / 14P
   32-Mbit (2M x 16) Static RAM
logo
Integrated Silicon Solu...
IS32WV204816B ISSI-IS32WV204816B Datasheet
102Kb / 18P
   2M x 16 (32-Mbit) PSEUDO STATIC RAM
logo
Cypress Semiconductor
CY7C1069DV33 CYPRESS-CY7C1069DV33_07 Datasheet
518Kb / 10P
   16-Mbit (2M x 8) Static RAM
CY7C1069BV33 CYPRESS-CY7C1069BV33 Datasheet
302Kb / 7P
   16-Mbit (2M x 8) Static RAM
CY7C1069DV33 CYPRESS-CY7C1069DV33 Datasheet
387Kb / 9P
   16-Mbit (2M x 8) Static RAM
CY62168EV30 CYPRESS-CY62168EV30 Datasheet
931Kb / 10P
   16-Mbit (2M x 8) Static RAM
CY7C1062DV33 CYPRESS-CY7C1062DV33 Datasheet
317Kb / 10P
   16-Mbit (512K X 32) Static RAM
CY7C1062DV33 CYPRESS-CY7C1062DV33_07 Datasheet
462Kb / 11P
   16-Mbit (512K X 32) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com