Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X0202-T92-B Datasheet(PDF) 2 Page - Unisonic Technologies

Part # X0202-T92-B
Description  SENSITIVE SCRS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

X0202-T92-B Datasheet(HTML) 2 Page - Unisonic Technologies

  X0202-T92-B Datasheet HTML 1Page - Unisonic Technologies X0202-T92-B Datasheet HTML 2Page - Unisonic Technologies X0202-T92-B Datasheet HTML 3Page - Unisonic Technologies X0202-T92-B Datasheet HTML 4Page - Unisonic Technologies X0202-T92-B Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
X0202/A
SCR
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R301-006.B
ABSOLUTE MAXIMUM RATINGS (unless otherwise specified)
PARAMETERS
SYMBOL
RATINGS
UNIT
X0202
600
V
Peak Repetitive Forward and Reverse Blocking Voltage
(TJ=110℃, RGK=1kΩ)
X0202A
VDRM, VRRM
800
V
RMS On-State Current
(Ttab=95℃)
180℃ Conduction Angle
IT(RMS)
1.25
A
Average On-State Current
(Ttab=95℃)
180℃ Conduction Angle
IT(AV)
0.8
A
Non Repetitive Surge Peak on-State Current
(tp=8.3ms TJ=25℃)
ITSM
25
A
Non Repetitive Surge Peak on-State Current
(tp=10ms TJ=25℃)
ITSM
22.5
A
I
2t Value for Fusing (tp=10ms TJ=25℃)
I
2t
2.5
A
2S
Critical Rate Of Rise Of On-state Current
IG=2*IGT,tr≤100ns, f=60Hz, TJ=125℃
dI/dt
50
A/
µs
Peak Gate Current (p=20
µs TJ=125℃)
IGM
1.2
A
Average Gate Power Dissipation (TJ=125℃)
PG(AV)
0.2
W
Operating Junction Temperature Range
TJ
-40 ~ +125
Storage Junction Temperature Range
TSTG
-40 ~ +150
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOT-223
25
/W
Junction to Tab
TO-92
θJT
60
/W
SOT-223
60
/W
Junction to Ambient (S=5cm)
TO-92
θJA
150
/W
S=Copper surface under tab
ELECTRICAL CHARACTERISTICS (TJ=25℃, unless otherwise specified)
PARAMETER
SYMBOL TEST CONDITIONS MIN
TYP MAX UNIT
TJ=25℃
5
µ A
Peak Forward or Reverse Blocking Current
TJ=125℃
IDRM, IRRM VDRM=VRRM, RGK=1kΩ
500
µ A
Peak Forward On-State Voltage
VTM
ITM= 2.5A, tp=380µs
1.45
V
Gate Trigger Current
IGT
VD=12V, RL=140Ω
200
µ A
Gate Trigger Voltage
VGT
VD=12V, RL=140Ω
0.8
V
Gate Non-Trigger Voltage
VGD
VD=VDRM, RL=3.3kΩ,
RGK=1kΩ, (TJ=125℃)
0.1
V
Holding Current
IH
IT=50mA, RGK=1kΩ
5
mA
Latch Current
IL
IG=1mA, RGK=1kΩ
6
mA
Critical Rate of Rise of Off-State Voltage
dv/dt
VD=67%VDRM,
RGK=1kΩ, (TJ=110℃)
10
V/
µs
Peak Reversed Gate Voltage
VRG
IRG=10µ A
8
V
Threshold Voltage
VTO
(TJ=125℃)
0.9
V
Dynamic Resistance
Rd
(TJ=125℃)
200
mΩ


Similar Part No. - X0202-T92-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
X0202-TO-92 UTC-X0202-TO-92 Datasheet
169Kb / 4P
   SCR
More results

Similar Description - X0202-T92-B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
T106D4 LITTELFUSE-T106D4 Datasheet
205Kb / 12P
   Sensitive SCRs
logo
Unisonic Technologies
X0202 UTC-X0202_10 Datasheet
332Kb / 5P
   SENSITIVE SCRS
logo
Littelfuse
T106D2 LITTELFUSE-T106D2 Datasheet
205Kb / 12P
   Sensitive SCRs
logo
Unisonic Technologies
X0202B UTC-X0202B Datasheet
370Kb / 5P
   SENSITIVE SCRS
logo
JIEJIE MICROELECTRONICS...
BT169 JIEJIE-BT169 Datasheet
394Kb / 4P
   0.8A SENSITIVE SCRs
MCR100-8 JIEJIE-MCR100-8 Datasheet
386Kb / 4P
   0.8A SENSITIVE SCRs
logo
Nell Semiconductor Co.,...
1PT NELLSEMI-1PT_18 Datasheet
1Mb / 5P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX011 JIEJIE-JX011 Datasheet
314Kb / 4P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
2PT NELLSEMI-2PT Datasheet
761Kb / 6P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
MCR100-6 JIEJIE-MCR100-6 Datasheet
391Kb / 4P
   0.8A SENSITIVE SCRs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com