Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62146ELL-45ZSXA Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62146ELL-45ZSXA
Description  4-Mbit (256K x 16) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62146ELL-45ZSXA Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62146ELL-45ZSXA Datasheet HTML 1Page - Cypress Semiconductor CY62146ELL-45ZSXA Datasheet HTML 2Page - Cypress Semiconductor CY62146ELL-45ZSXA Datasheet HTML 3Page - Cypress Semiconductor CY62146ELL-45ZSXA Datasheet HTML 4Page - Cypress Semiconductor CY62146ELL-45ZSXA Datasheet HTML 5Page - Cypress Semiconductor CY62146ELL-45ZSXA Datasheet HTML 6Page - Cypress Semiconductor CY62146ELL-45ZSXA Datasheet HTML 7Page - Cypress Semiconductor CY62146ELL-45ZSXA Datasheet HTML 8Page - Cypress Semiconductor CY62146ELL-45ZSXA Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CY62146E MoBL®
Document Number: 001-07970 Rev. *D
Page 3 of 11
Maximum Ratings
Exceeding maximum ratings may impair the useful life of the
device. These user guidelines are not tested.
Storage Temperature .................................. –65°C to +150°C
Ambient Temperature with
Power Applied ............................................ –55°C to +125°C
Supply Voltage to Ground Potential..................–0.5V to 6.0V
DC Voltage Applied to Outputs
in High-Z State [3, 4] ..........................................–0.5V to 6.0V
DC Input Voltage [3, 4] .......................................–0.5V to 6.0V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage............................................ >2001V
(MIL-STD-883, Method 3015)
Latch up Current...................................................... >200 mA
Operating Range
Device
Range
Ambient
Temperature
VCC
[5]
CY62146ELL
Ind’l/Auto-A
–40°C to +85°C
4.5V–5.5V
Electrical Characteristics
Over the Operating Range
Parameter
Description
Test Conditions
45 ns (Ind’l/Auto-A)
Unit
Min
Typ [2]
Max
VOH
Output HIGH Voltage
IOH = –1.0 mA
2.4
V
VOL
Output LOW Voltage
IOL = 2.1 mA
0.4
V
VIH
Input HIGH Voltage
4.5 < VCC < 5.5
2.2
VCC + 0.5
V
VIL
Input LOW Voltage
4.5 < VCC < 5.5
–0.5
0.8
V
IIX
Input Leakage Current
GND < VI < VCC
–1
+1
μA
IOZ
Output Leakage Current GND < VO < VCC, Output Disabled
–1
+1
μA
ICC
VCC Operating Supply
Current
f = fmax = 1/tRC
VCC = VCCmax
IOUT = 0 mA, CMOS levels
15
20
mA
f = 1 MHz
2
2.5
ISB2
[6]
Automatic CE Power
down Current — CMOS
Inputs
CE > VCC – 0.2V, VIN > VCC – 0.2V or VIN < 0.2V,
f = 0, VCC = VCC(max)
17
μA
Capacitance
Tested initially and after any design or process changes that may affect these parameters.
Parameter
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = VCC(typ)
10
pF
COUT
Output Capacitance
10
pF
Thermal Resistance
Tested initially and after any design or process changes that may affect these parameters.
Parameter
Description
Test Conditions
TSOP II
Unit
Θ
JA
Thermal Resistance
(Junction to Ambient)
Still Air, soldered on a 3 × 4.5 inch, two layer
printed circuit board
77
°C/W
Θ
JC
Thermal Resistance
(Junction to Case)
13
°C/W
Notes
3. VIL(min) = –2.0V for pulse durations less than 20 ns for I < 30 mA.
4. VIH(max) = VCC + 0.75V for pulse durations less than 20 ns.
5. Full Device AC operation assumes a minimum of 100
μs ramp time from 0 to V
CC (min) and 200 μs wait time after VCC stabilization.
6. Only chip enable (CE) and byte enables (BHE and BLE) is tied to CMOS levels to meet the ISB2 / ICCDR spec. Other inputs are left floating.
[+] Feedback


Similar Part No. - CY62146ELL-45ZSXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62146ELL-45ZSXA CYPRESS-CY62146ELL-45ZSXA Datasheet
529Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62146ELL-45ZSXA CYPRESS-CY62146ELL-45ZSXA Datasheet
336Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62146ELL-45ZSXA CYPRESS-CY62146ELL-45ZSXA Datasheet
463Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62146ELL-45ZSXA CYPRESS-CY62146ELL-45ZSXA Datasheet
256Kb / 14P
   4-Mbit (256K x 16) Static RAM Automatic power down when deselected
CY62146ELL-45ZSXA CYPRESS-CY62146ELL-45ZSXA Datasheet
309Kb / 16P
   4-Mbit (256 K x 16) Static RAM
More results

Similar Description - CY62146ELL-45ZSXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62146E CYPRESS-CY62146E_11 Datasheet
463Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_09 Datasheet
394Kb / 13P
   4-Mbit (256K x 16) Static RAM
CY62146DV30 CYPRESS-CY62146DV30 Datasheet
406Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E Datasheet
529Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62147EV18 CYPRESS-CY62147EV18 Datasheet
457Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY7C1041DV33 CYPRESS-CY7C1041DV33 Datasheet
403Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E_09 Datasheet
336Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY7C1041CV33 CYPRESS-CY7C1041CV33_08 Datasheet
432Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62147DV30 CYPRESS-CY62147DV30 Datasheet
393Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY62146EV30 CYPRESS-CY62146EV30 Datasheet
527Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY62147DV30 CYPRESS-CY62147DV30_06 Datasheet
369Kb / 12P
   4-Mbit (256K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com