Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62137CV33LL-70BAI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY62137CV33LL-70BAI
Description  2M (128K x 16) Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62137CV33LL-70BAI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY62137CV33LL-70BAI Datasheet HTML 1Page - Cypress Semiconductor CY62137CV33LL-70BAI Datasheet HTML 2Page - Cypress Semiconductor CY62137CV33LL-70BAI Datasheet HTML 3Page - Cypress Semiconductor CY62137CV33LL-70BAI Datasheet HTML 4Page - Cypress Semiconductor CY62137CV33LL-70BAI Datasheet HTML 5Page - Cypress Semiconductor CY62137CV33LL-70BAI Datasheet HTML 6Page - Cypress Semiconductor CY62137CV33LL-70BAI Datasheet HTML 7Page - Cypress Semiconductor CY62137CV33LL-70BAI Datasheet HTML 8Page - Cypress Semiconductor CY62137CV33LL-70BAI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CY62137CV25/30/33 MoBL®
CY62137CV MoBL®
Document #: 38-05201 Rev. *F
Page 5 of 13
Capacitance[6]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = VCC(typ.)
6
pF
COUT
Output Capacitance
8
pF
Thermal Resistance
Parameter
Description
Test Conditions
FBGA
Package
Unit
Θ
JA
Thermal Resistance
(Junction to Ambient)[6]
Still Air, soldered on a 3 x 4.5 inch, two-layer printed
circuit board
55
°C/W
Θ
JC
Thermal Resistance
(Junction to Case)[6]
16
°C/W
AC Test Loads and Waveforms
VCC Typ
VCC
OUTPUT
R2
30 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
OUTPUT
VTH
Equivalent to: THÉVENIN EQUIVALENT
ALL INPUT PULSES
RTH
R1
Rise TIme: 1 V/ns
Fall Time: 1 V/ns
Parameters
2.5V
3.0V
3.3V
Unit
R1
16600
1105
1216
R2
15400
1550
1374
RTH
8000
645
645
VTH
1.20
1.75
1.75
V
Data Retention Characteristics (Over the Operating Range)
Parameter
Description
Conditions
Min.
Typ.[4]
Max.
Unit
VDR
VCC for Data Retention
1.5
Vccmax
V
ICCDR
Data Retention Current
VCC= 1.5V
CE > VCC – 0.2V,
VIN > VCC – 0.2V or VIN < 0.2V
LL
Ind’l
1
6
µA
Auto
8
SL
Ind’l
4
tCDR
[6]
Chip Deselect to Data Retention Time
0
ns
tR
[7]
Operation Recovery Time
tRC
ns
Data Retention Waveform[8]
Notes:
6. Tested initially and after any design or process changes that may affect these parameters.
7. Full-device AC operation requires linear VCC ramp from VDR to VCC(min.) > 100 µs or stable at VCC(min.) > 100 µs.
8. BHE.BLE is the AND of both BHE and BLE. Chip can be deselected by either disabling the chip enable signals or by disabling both BHE and BLE.
VCC(min.)
VCC(min.)
tCDR
VDR > 1.5 V
DATA RETENTION MODE
tR
CE or
VCC
BHE.BLE


Similar Part No. - CY62137CV33LL-70BAI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137CV33LL-70BAI CYPRESS-CY62137CV33LL-70BAI Datasheet
227Kb / 13P
   2M (128K x 16) Static RAM
More results

Similar Description - CY62137CV33LL-70BAI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137CV25 CYPRESS-CY62137CV25 Datasheet
227Kb / 13P
   2M (128K x 16) Static RAM
CY62136CV30 CYPRESS-CY62136CV30 Datasheet
213Kb / 13P
   2M (128K x 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33 Datasheet
339Kb / 11P
   128K x 16 Static RAM
CY7C1011BV33 CYPRESS-CY7C1011BV33 Datasheet
153Kb / 10P
   128K x 16 Static RAM
CY62136VLL CYPRESS-CY62136VLL Datasheet
218Kb / 12P
   128K x 16 Static RAM
CY62137CV18 CYPRESS-CY62137CV18_02 Datasheet
251Kb / 11P
   128K x 16 Static RAM
CY62137CV18 CYPRESS-CY62137CV18 Datasheet
213Kb / 11P
   128K x 16 Static RAM
logo
Weida Semiconductor, In...
WCMA2016U4B WEIDA-WCMA2016U4B Datasheet
242Kb / 12P
   128K x 16 Static RAM
logo
Cypress Semiconductor
CY62136CV18 CYPRESS-CY62136CV18 Datasheet
204Kb / 12P
   128K x 16 Static RAM
logo
List of Unclassifed Man...
WCMA2016U4X ETC1-WCMA2016U4X Datasheet
297Kb / 11P
   128K x 16 STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com