Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62128VL-70ZAI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62128VL-70ZAI
Description  128K x 8 Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62128VL-70ZAI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62128VL-70ZAI Datasheet HTML 1Page - Cypress Semiconductor CY62128VL-70ZAI Datasheet HTML 2Page - Cypress Semiconductor CY62128VL-70ZAI Datasheet HTML 3Page - Cypress Semiconductor CY62128VL-70ZAI Datasheet HTML 4Page - Cypress Semiconductor CY62128VL-70ZAI Datasheet HTML 5Page - Cypress Semiconductor CY62128VL-70ZAI Datasheet HTML 6Page - Cypress Semiconductor CY62128VL-70ZAI Datasheet HTML 7Page - Cypress Semiconductor CY62128VL-70ZAI Datasheet HTML 8Page - Cypress Semiconductor CY62128VL-70ZAI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CY62128V Family
3
ISB2
Automatic CE
Power-Down Current—
CMOS Inputs
Max. VCC,
CE > VCC – 0.3V
VIN > VCC – 0.3V
or VIN < 0.3V, f = 0
Com’l
L
0.4
100
µA
LL
15
µA
XL
10
µA
Ind’l
L
100
µA
LL
30
µA
Electrical Characteristics Over the Operating Range (continued)
CY62128V-55/70
Parameter
Description
Test Conditions
Min.
Typ.[2]
Max.
Unit
Electrical Characteristics Over the Operating Range
CY62128V25-100
CY62128V18-200
Parameter
Description
Test Conditions
Min.
Typ.[2]
Max.
Min.
Typ.[2]
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –0.1 mA
2.4
0.8*
VCC
V
VOL
Output LOW Voltage
VCC = Min., IOL = 0.1 mA
0.4
0.2
V
VIH
Input HIGH Voltage
2
VCC
+0.5
0.7*
VCC
VCC
+0.3
V
VIL
Input LOW Voltage
–0.5
0.8
–0.5
0.3*
VCC
V
IIX
Input Load Current
GND < VI < VCC
–1
±1
+1
–1
±0.1
+1
µA
IOZ
Output Leakage Current
GND < VO < VCC, Output
Disabled
–1
±1
+1
–1
±0.1
+1
µA
ICC
VCC Operating Supply
Current
VCC = Max.,
IOUT = 0 mA,
f = fMAX = 1/tRC
L
15
20
10
15
mA
LL
ISB1
Automatic CE
Power-Down Current—
TTL Inputs
Max. VCC, CE > VIH,
VIN > VIH or
VIN < VIL, f = fMAX
L
15
300
5
100
µA
LL
ISB2
Automatic CE
Power-Down Current—
CMOS Inputs
Max. VCC,
CE > VCC – 0.3V
VIN > VCC – 0.3V
or VIN < 0.3V, f = 0
L
0.4
50
0.4
30
µA
LL
12
10
µA
Indust’l Temp Range
LL
24
20
µA
Capacitance[3]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 3.0V
6
pF
COUT
Output Capacitance
8
pF
Note:
3.
Tested initially and after any design or process changes that may affect these parameters.


Similar Part No. - CY62128VL-70ZAI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128VL-70ZAI CYPRESS-CY62128VL-70ZAI Datasheet
178Kb / 12P
   128K x 8 Static RAM
More results

Similar Description - CY62128VL-70ZAI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
logo
Mosel Vitelic, Corp
V62C5181024 MOSEL-V62C5181024 Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
logo
Cypress Semiconductor
CY7C1009V33 CYPRESS-CY7C1009V33 Datasheet
201Kb / 9P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com