Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62136VLL-55ZI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY62136VLL-55ZI
Description  2-Mbit (128K x 16) Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62136VLL-55ZI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY62136VLL-55ZI Datasheet HTML 1Page - Cypress Semiconductor CY62136VLL-55ZI Datasheet HTML 2Page - Cypress Semiconductor CY62136VLL-55ZI Datasheet HTML 3Page - Cypress Semiconductor CY62136VLL-55ZI Datasheet HTML 4Page - Cypress Semiconductor CY62136VLL-55ZI Datasheet HTML 5Page - Cypress Semiconductor CY62136VLL-55ZI Datasheet HTML 6Page - Cypress Semiconductor CY62136VLL-55ZI Datasheet HTML 7Page - Cypress Semiconductor CY62136VLL-55ZI Datasheet HTML 8Page - Cypress Semiconductor CY62136VLL-55ZI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CY62136V MoBL®
Document #: 38-05087 Rev. *D
Page 5 of 13
AC Test Loads and Waveforms
Parameters
3.0V
Unit
R1
1105
Ohms
R2
1550
Ohms
RTH
645
Ohms
VTH
1.75
Volts
Data Retention Characteristics (Over the Operating Range)
Parameter
Description
Conditions[9]
Min.
Typ.[2]
Max.
Unit
VDR
VCC for Data Retention
1.0
3.6
V
ICCDR
Data Retention Current
VCC = 1.0V, CE > VCC − 0.3V,
VIN > VCC − 0.3V or VIN < 0.3V,
No input may exceed VCC + 0.3V
0.5
7.5
µA
tCDR
[6]
Chip Deselect to Data
Retention Time
0ns
tR
[8]
Operation Recovery Time
70
ns
Data Retention Waveform
Notes:
8. Full device operation requires linear VCC ramp from VDR to VCC(min) > 100 µs or stable at VCC(min) > 100 µs.
9. Test conditions assume signal transition time of 5 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to VCC(typ.), and output loading of the specified
IOL/IOH and 30 pF load capacitance.
VCC Typ
VCC
OUTPUT
R2
30 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
OUTPUT
V
Equivalent to:
THEVENIN EQUIVALENT
ALL INPUT PULSES
RTH
R1
VCC
OUTPUT
R2
5 pF
INCLUDING
JIG AND
SCOPE
R1
Rise Time:
1 V/ns
Fall Time:
1 V/ns
(a)
(b)
(c)
VCC(min.)
VCC(min.)
tCDR
VDR > 1.0 V
DATA RETENTION MODE
tR
CE
VCC


Similar Part No. - CY62136VLL-55ZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62136VLL-55ZI CYPRESS-CY62136VLL-55ZI Datasheet
218Kb / 12P
   128K x 16 Static RAM
More results

Similar Description - CY62136VLL-55ZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137FV30 CYPRESS-CY62137FV30_11 Datasheet
508Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136CV CYPRESS-CY62136CV Datasheet
173Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30_09 Datasheet
467Kb / 12P
   2 Mbit (128K x 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30 Datasheet
578Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136EV30 CYPRESS-CY62136EV30_09 Datasheet
579Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136VN CYPRESS-CY62136VN_09 Datasheet
580Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V Datasheet
214Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V_06 Datasheet
292Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33_10 Datasheet
533Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62137FV18 CYPRESS-CY62137FV18_10 Datasheet
491Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30 Datasheet
508Kb / 12P
   2-Mbit (128K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com