Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62127DV20L-55ZI Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY62127DV20L-55ZI
Description  1M (64K x 16) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62127DV20L-55ZI Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY62127DV20L-55ZI Datasheet HTML 1Page - Cypress Semiconductor CY62127DV20L-55ZI Datasheet HTML 2Page - Cypress Semiconductor CY62127DV20L-55ZI Datasheet HTML 3Page - Cypress Semiconductor CY62127DV20L-55ZI Datasheet HTML 4Page - Cypress Semiconductor CY62127DV20L-55ZI Datasheet HTML 5Page - Cypress Semiconductor CY62127DV20L-55ZI Datasheet HTML 6Page - Cypress Semiconductor CY62127DV20L-55ZI Datasheet HTML 7Page - Cypress Semiconductor CY62127DV20L-55ZI Datasheet HTML 8Page - Cypress Semiconductor CY62127DV20L-55ZI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CY62127DV20
MoBL2®
ADVANCE
INFORMATION
Document #: 38-05301 Rev. **
Page 4 of 12
DC Electrical Characteristics (Over the Operating
Range)
Capacitance [5]
Thermal Resistance
Parameter
Description
Test Conditions
CY62127DV20-55
Unit
Min.
Typ.[4]
Max.
VOH
Output HIGH Voltage
IOH = −0.1 mA
VCC = 1.65V
1.4
V
VOL
Output LOW Voltage
IOL = 0.1 mA
VCC = 1.65V
0.2
V
VIH
Input HIGH Voltage
1.4
VCC +
0.2
V
VIL
Input LOW Voltage
–0.2
0.4
V
IIX
Input Leakage Current
GND < VI < VCC
–1+1
µA
IOZ
Output Leakage Current
GND < VO < VCC, Output Disabled
–1+1
µA
ICC
VCC Operating Supply Cur-
rent
f = fMAX = 1/tRC
Vcc = 2.2V, IOUT
= 0mA, CMOS
level
3.75
7.5
mA
f = 1 MHz
0.5
1
ISB1
Automatic CE Power-down
Current
− CMOS Inputs
CE1 > VCC − 0.2V, CE2 < 0.2V,
VIN > VCC − 0.2V, VIN < 0.2V, f =
fMAX (Address and Data Only), f
= 0 (OE, WE, BHE and BLE)
L0.5
4
µA
LL
0.5
2.5
ISB2
Automatic CE Power-down
Current
− CMOS Inputs
CE1 > VCC − 0.2V, CE2 < 0.2V,
VIN > VCC − 0.2V or VIN < 0.2V, f
= 0, VCC=2.2V
L0.5
4
µA
LL
0.5
2.5
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz
VCC = VCC(typ)
6pF
COUT
Output Capacitance
8
pF
Parameter
Description
Test Conditions
BGA
Unit
θ
JA
Thermal Resistance (Junction to
Ambient)[5]
Still Air, soldered on a 3 x 4.5 inch, two-layer
printed circuit board
55
C/W
θ
JC
Thermal Resistance (Junction to
Case)[5]
16
C/W
Note:
5. Tested initially and after any design or proces changes that may affect these parameters.


Similar Part No. - CY62127DV20L-55ZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62127DV18 CYPRESS-CY62127DV18 Datasheet
215Kb / 13P
   1M (64K x 16) Static RAM
CY62127DV18 CYPRESS-CY62127DV18 Datasheet
223Kb / 11P
   1 Mb (64K x 16) Static RAM
CY62127DV18L-55BVI CYPRESS-CY62127DV18L-55BVI Datasheet
215Kb / 13P
   1M (64K x 16) Static RAM
CY62127DV18L-55BVI CYPRESS-CY62127DV18L-55BVI Datasheet
223Kb / 11P
   1 Mb (64K x 16) Static RAM
CY62127DV18L-55ZI CYPRESS-CY62127DV18L-55ZI Datasheet
215Kb / 13P
   1M (64K x 16) Static RAM
More results

Similar Description - CY62127DV20L-55ZI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62127DV18 CYPRESS-CY62127DV18 Datasheet
215Kb / 13P
   1M (64K x 16) Static RAM
CY62127BV CYPRESS-CY62127BV_02 Datasheet
347Kb / 11P
   1M (64K x 16) Static RAM
CY62126BV CYPRESS-CY62126BV Datasheet
188Kb / 9P
   64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCFS1016C1C WEIDA-WCFS1016C1C Datasheet
185Kb / 9P
   64K x 16 Static RAM
logo
Cypress Semiconductor
CY7C1021BNV33 CYPRESS-CY7C1021BNV33 Datasheet
534Kb / 10P
   64K x 16 Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33 Datasheet
231Kb / 12P
   64K x 16 Static RAM
CY62127BV CYPRESS-CY62127BV Datasheet
264Kb / 11P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_09 Datasheet
521Kb / 10P
   64K x 16 Static RAM
CY7C1021 CYPRESS-CY7C1021 Datasheet
181Kb / 9P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_10 Datasheet
727Kb / 11P
   64K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com