Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62127DV18 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY62127DV18
Description  1 Mb (64K x 16) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62127DV18 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY62127DV18 Datasheet HTML 1Page - Cypress Semiconductor CY62127DV18 Datasheet HTML 2Page - Cypress Semiconductor CY62127DV18 Datasheet HTML 3Page - Cypress Semiconductor CY62127DV18 Datasheet HTML 4Page - Cypress Semiconductor CY62127DV18 Datasheet HTML 5Page - Cypress Semiconductor CY62127DV18 Datasheet HTML 6Page - Cypress Semiconductor CY62127DV18 Datasheet HTML 7Page - Cypress Semiconductor CY62127DV18 Datasheet HTML 8Page - Cypress Semiconductor CY62127DV18 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1 Mb (64K x 16) Static RAM
PRELIMINARY
CY62127DV18
MoBL2®
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-05226 Rev. *A
Revised May 5, 2005
Features
• Very high speed: 55 ns
• Voltage range: 1.65V to 2.2V
• Ultra-low active power
— Typical active current: 0.5 mA @ f = 1 MHz
— Typical active current: 3.75 mA @ f = fMAX
• Ultra-low standby power
• Easy memory expansion with CE</> and OE</> fea-
tures
• Automatic power-down when deselected
• Packages offered in a 48-ball FBGA and a 44-lead TSOP
Type II
Functional Description[1]
The CY62127DV18 is a high-performance CMOS static RAM
organized as 64K words by 16 bits. This device features ad-
vanced circuit design to provide ultra-low active current. This
is ideal for providing More Battery Life
™ (MoBL®) in portable
applications such as cellular telephones. The device also has
an automatic power-down feature that significantly reduces
power consumption by 99% when addresses are not toggling.
The device can be put into standby mode reducing power con-
sumption by more than 99% when deselected Chip Enable
(CE) HIGH or both BHE and BLE are HIGH. The input/output
pins (I/O0 through I/O15) are placed in a high-impedance state
when: deselected Chip Enable (CE) HIGH, outputs are dis-
abled (OE HIGH), both Byte High Enable and Byte Low Enable
are disabled (BHE, BLE HIGH) or during a write operation
(Chip Enable (CE) LOW and Write Enable (WE) LOW).
Writing to the device is accomplished by taking Chip Enable
(CE) LOW and Write Enable (WE) input LOW. If Byte Low
Enable (BLE) is LOW, then data from I/O pins (I/O0 through
I/Os pins (A0 through A15). If Byte High Enable (BHE) is LOW,
then data from I/O pins (I/O8 through I/O15) is written into the
location specified on the ad
Reading from the device is accomplished by taking Chip En-
able (CE) LOW and Output Enable (OE) LOW while forcing the
Write Enable (WE) HIGH. If Byte Low Enable (BLE) is LOW,
then O7. If Byte High Enable (BHE) is LOW, then data from
memory will appear on I/O8 to I/O15. See the truth table at the
back of this data sheet for a complete description of re
Note:
1.
For best-practice recommendations, please refer to the Cypress application note “System Design Guidelines” on http://www.cypress.com.
Logic Block Diagram
64K x 16
RAM Array
I/O0–I/O7
COLUMN DECODER
2048 X 512
DATA IN DRIVERS
OE
I/O8–I/O15
CE
WE
BLE
BHE
A7
A6
A3
A0
A2
A1
A5
A4
A8
Power -Down
Circuit
BHE
BLE
CE
A9
A10


Similar Part No. - CY62127DV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62127DV18 CYPRESS-CY62127DV18 Datasheet
215Kb / 13P
   1M (64K x 16) Static RAM
CY62127DV18L-55BVI CYPRESS-CY62127DV18L-55BVI Datasheet
215Kb / 13P
   1M (64K x 16) Static RAM
CY62127DV18L-55ZI CYPRESS-CY62127DV18L-55ZI Datasheet
215Kb / 13P
   1M (64K x 16) Static RAM
CY62127DV18LL-55BVI CYPRESS-CY62127DV18LL-55BVI Datasheet
215Kb / 13P
   1M (64K x 16) Static RAM
CY62127DV18LL-55ZI CYPRESS-CY62127DV18LL-55ZI Datasheet
215Kb / 13P
   1M (64K x 16) Static RAM
More results

Similar Description - CY62127DV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62127DV30 CYPRESS-CY62127DV30 Datasheet
384Kb / 12P
   1 Mb (64K x 16) Static RAM
CY62127DV30 CYPRESS-CY62127DV30_06 Datasheet
549Kb / 11P
   1-Mb (64K x 16) Static RAM
CY62127DV30 CYPRESS-CY62127DV30_09 Datasheet
554Kb / 11P
   1-Mb (64K x 16) Static RAM
CY7C1021B CYPRESS-CY7C1021B Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021D CYPRESS-CY7C1021D Datasheet
558Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL Datasheet
419Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_10 Datasheet
299Kb / 16P
   1-Mbit (64K x 16) Static RAM
CY62126DV30 CYPRESS-CY62126DV30_06 Datasheet
365Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26_05 Datasheet
183Kb / 9P
   1-Mbit (64K x 16) Static RAM
CY7C1021DV33 CYPRESS-CY7C1021DV33_10 Datasheet
576Kb / 13P
   1-Mbit (64K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com