Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXLD1321 Datasheet(PDF) 19 Page - Zetex Semiconductors

Part # ZXLD1321
Description  Boost mode DC-DC converter for LED driving with 1A output and current control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXLD1321 Datasheet(HTML) 19 Page - Zetex Semiconductors

Back Button ZXLD1321 Datasheet HTML 12Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 13Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 14Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 15Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 16Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 17Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 18Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 19Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 20Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
ZXLD1321
Issue 1 - January 2008
19
www.zetex.com
© Zetex Semiconductors plc 2008
Package outline - TDFN1443
Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches
DIM
Inches
Millimeters
DIM
Inches
Millimeters
Min
Max
Min
Max
Min
Max
Min
Max
A
0.0276
0.0315
0.70
0.80
D2
0.1240
0.1279
3.15
3.25
A1
0.00
0.002
0.00
0.05
e
0.0197 BSC
0.50 BSC
A3
0.008 REF.
0.203 REF.
E
0.1161
0.1201
2.95
3.05
b
0.0079
0.0118
0.20
0.30
E2
0.0650
0.0689
1.65
1.75
D
0.1555
0.1594
3.95
4.05
L
0.0138
0.0177
0.35
0.45
E
A
A1
A3
L
E2
60.3938
PIN 1 DOT
BY MARKING
CHAMFER 0.300 X 45°
PIN #1 IDENTIFICATION


Similar Part No. - ZXLD1321

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1321 DIODES-ZXLD1321 Datasheet
468Kb / 20P
   Boost mode DC-DC converter for LED driving with 1A
ZXLD1321DCATC DIODES-ZXLD1321DCATC Datasheet
468Kb / 20P
   Boost mode DC-DC converter for LED driving with 1A
More results

Similar Description - ZXLD1321

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1321 DIODES-ZXLD1321 Datasheet
468Kb / 20P
   Boost mode DC-DC converter for LED driving with 1A
logo
Zetex Semiconductors
ZXLD1322 ZETEX-ZXLD1322 Datasheet
359Kb / 18P
   Buck/boost mode DC-DC converter for LED driving with 700mA output and current control
ZXLD1320 ZETEX-ZXLD1320 Datasheet
376Kb / 18P
   Buck mode DC-DC converter for LED driving with 1.5A output and current control
logo
Diodes Incorporated
ZXLD1320 DIODES-ZXLD1320 Datasheet
384Kb / 18P
   Buck mode DC-DC converter for LED driving
logo
Linear Technology
LTC3114EDHC-1 LINER-LTC3114EDHC-1 Datasheet
477Kb / 6P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Output Current Limit
LTC3114-1 LINER-LTC3114-1_15 Datasheet
356Kb / 34P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
logo
Analog Devices
LTC3114-1 AD-LTC3114-1 Datasheet
1Mb / 34P
   40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
logo
Shenzhen Huazhimei Semi...
HM6291 HMSEMI-HM6291 Datasheet
488Kb / 7P
   current mode boost DC-DC converter
logo
Linear Technology
LTC3127 LINER-LTC3127_15 Datasheet
376Kb / 20P
   1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
LTC3127 LINER-LTC3127 Datasheet
371Kb / 20P
   1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com