Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY29351 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY29351
Description  2.5V or 3.3V, 200 MHz, 9-Output Zero Delay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29351 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY29351 Datasheet HTML 2Page - Cypress Semiconductor CY29351 Datasheet HTML 3Page - Cypress Semiconductor CY29351 Datasheet HTML 4Page - Cypress Semiconductor CY29351 Datasheet HTML 5Page - Cypress Semiconductor CY29351 Datasheet HTML 6Page - Cypress Semiconductor CY29351 Datasheet HTML 7Page - Cypress Semiconductor CY29351 Datasheet HTML 8Page - Cypress Semiconductor CY29351 Datasheet HTML 9Page - Cypress Semiconductor CY29351 Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PRELIMINARY
CY29351
Document Number: 38-07475 Rev. *B
Page 7 of 10
Figure 2. LVCMOS_CLK AC Test Reference for VDD = 3.3V / 2.5V
Figure 3. PECL_CLK AC Test Reference for VDD = 3.3V / 2.5V
Figure 4. LVPECL Propagation Delay t(f), static phase offset
Figure 5. LVCMOS Propagation Delay t(
φ), static phase offset
Pu ls e
Ge n e ra to r
Z = 5 0 o h m
Zo = 50 oh m
VT T
Zo = 50 oh m
VT T
R T = 50 oh m
R T = 50 oh m
D iffe re n tia l
Pu ls e
Ge n e ra to r
Z = 5 0 ohm
Z o = 50 oh m
Z o = 50 ohm
VT T
R T = 5 0 oh m
Z o = 50 oh m
R T = 50 o h m
VT T
t(
φ)
PECL_CLK
PECL_CLK
VPP
FB_IN
VCMR
VDD
GND
VDD/2
t(
φ)
LVCMOS_CLK
FB_IN
VDD
GND
VDD/2
VDD
GND
VDD/2
[+] Feedback


Similar Part No. - CY29351

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29351 CYPRESS-CY29351 Datasheet
286Kb / 8P
   2.5V or 3.3V, 200-MHz, 9-Output Zero Delay Buffer
CY29351AI CYPRESS-CY29351AI Datasheet
286Kb / 8P
   2.5V or 3.3V, 200-MHz, 9-Output Zero Delay Buffer
CY29351AIT CYPRESS-CY29351AIT Datasheet
286Kb / 8P
   2.5V or 3.3V, 200-MHz, 9-Output Zero Delay Buffer
CY29351AXI CYPRESS-CY29351AXI Datasheet
451Kb / 10P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
CY29351AXIT CYPRESS-CY29351AXIT Datasheet
451Kb / 10P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
More results

Similar Description - CY29351

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29351 CYPRESS-CY29351 Datasheet
286Kb / 8P
   2.5V or 3.3V, 200-MHz, 9-Output Zero Delay Buffer
CY29351 CYPRESS-CY29351_09 Datasheet
451Kb / 10P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9773A ALSC-ASM5I9773A Datasheet
624Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9772 PULSECORE-PCS5I9772 Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29773 CYPRESS-CY29773 Datasheet
102Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9773 PULSECORE-PCS5I9773 Datasheet
625Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com