Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY29350AIT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY29350AIT
Description  2.5V or 3.3V, 200-MHz, 9-Output Clock Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29350AIT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY29350AIT Datasheet HTML 1Page - Cypress Semiconductor CY29350AIT Datasheet HTML 2Page - Cypress Semiconductor CY29350AIT Datasheet HTML 3Page - Cypress Semiconductor CY29350AIT Datasheet HTML 4Page - Cypress Semiconductor CY29350AIT Datasheet HTML 5Page - Cypress Semiconductor CY29350AIT Datasheet HTML 6Page - Cypress Semiconductor CY29350AIT Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2.5V or 3.3V, 200-MHz, 9-Output Clock Driver
CY29350
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-07474 Rev. *A
Revised July 26, 2004
Features
• Output frequency range: 25 MHz to 200 MHz
• Input frequency range: 6.25 MHz to 31.25 MHz
• 2.5V or 3.3V operation
• Split 2.5V/3.3V outputs
• ±2.5% max Output duty cycle variation
• Nine Clock outputs: Drive up to 18 clock lines
• Two reference clock inputs: Xtal or LVCMOS
• 150-ps max output-output skew
• Phase-locked loop (PLL) bypass mode
• Spread Aware™
• Output enable/disable
• Pin-compatible with MPC9350
• Industrial temperature range: –40°C to +85°C
• 32-pin 1.0mm TQFP package
Functional Description
The CY29350 is a low-voltage high-performance 200-MHz
PLL-based clock driver designed for high speed clock distri-
bution applications.
The CY29350 features Xtal and LVCMOS reference clock
inputs and provides nine outputs partitioned in four banks of 1,
1, 2, and 5 outputs. Bank A divides the VCO output by 2 or 4
while the other banks divide by 4 or 8 per SEL(A:D) settings,
see . These dividers allow output to input ratios of 16:1, 8:1,
4:1, and 2:1. Each LVCMOS compatible output can drive 50
series or parallel terminated transmission lines. For series
terminated transmission lines, each output can drive one or
two traces giving the device an effective fanout of 1:18.
The PLL is ensured stable given that the VCO is configured to
run between 200 MHz to 500 MHz. This allows a wide range
of output frequencies from 25 MHz to 200 MHz. The internal
VCO is running at multiples of the input reference clock set by
the feedback divider, see Table 1.
When PLL_EN is LOW, PLL is bypassed and the reference
clock directly feeds the output dividers. This mode is fully static
and the minimum input clock frequency specification does not
apply.
Block Diagram
Pin Configuration
OSC
Phase
Detector
VCO
200 -
500MHz
LPF
÷16 / ÷32
÷2 / ÷4
÷4 / ÷8
÷4 / ÷8
÷4 / ÷8
QA
QB
QC0
QC1
QD0
QD1
QD2
QD3
QD4
SELA
PLL_EN
TCLK
REF_SEL
XIN
XOUT
FB_SEL
SELB
SELC
OE#
SELD
CY29350
QC0
VDDQC
QC1
VS S
QD0
VDDQD
QD1
VS S
AVD D
FB_SEL
SELA
SELB
SELC
SELD
AVSS
XO UT
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17


Similar Part No. - CY29350AIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29350AXI CYPRESS-CY29350AXI Datasheet
451Kb / 13P
   2.5 V or 3.3 V, 200-MHz, 9-Output Clock Driver Nine Clock outputs: Drive up to 18 clock lines
CY29350AXIT CYPRESS-CY29350AXIT Datasheet
451Kb / 13P
   2.5 V or 3.3 V, 200-MHz, 9-Output Clock Driver Nine Clock outputs: Drive up to 18 clock lines
More results

Similar Description - CY29350AIT

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK39351_0611 EXAR-XRK39351_0611 Datasheet
293Kb / 12P
   3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
XRK39351 EXAR-XRK39351 Datasheet
269Kb / 10P
   3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
logo
Cypress Semiconductor
CY29351 CYPRESS-CY29351_08 Datasheet
316Kb / 10P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay
CY29947 CYPRESS-CY29947 Datasheet
103Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:9 Clock Distribution Buffer
logo
Alliance Semiconductor ...
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29351 CYPRESS-CY29351 Datasheet
286Kb / 8P
   2.5V or 3.3V, 200-MHz, 9-Output Zero Delay Buffer
CY29351 CYPRESS-CY29351_09 Datasheet
451Kb / 10P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
CY29946 CYPRESS-CY29946 Datasheet
111Kb / 6P
   2.5V or 3.3V, 200-MHz, 1:10 Clock Distribution Buffer
CY29948 CYPRESS-CY29948_06 Datasheet
191Kb / 8P
   2.5V or 3.3V, 200-MHz, 1:12 Clock Distribution Buffer
CY29940-1 CYPRESS-CY29940-1 Datasheet
200Kb / 7P
   2.5V or 3.3V, 200-MHz 1:18 Clock Distribution Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com