Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28800 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY28800
Description  100-MHz Differential Buffer for PCI Express and SATA
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28800 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY28800 Datasheet HTML 3Page - Cypress Semiconductor CY28800 Datasheet HTML 4Page - Cypress Semiconductor CY28800 Datasheet HTML 5Page - Cypress Semiconductor CY28800 Datasheet HTML 6Page - Cypress Semiconductor CY28800 Datasheet HTML 7Page - Cypress Semiconductor CY28800 Datasheet HTML 8Page - Cypress Semiconductor CY28800 Datasheet HTML 9Page - Cypress Semiconductor CY28800 Datasheet HTML 10Page - Cypress Semiconductor CY28800 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CY28800
Document #: 38-07723 Rev *B
Page 7 of 16
SRC_STP Clarification
The SRC_STP signal is an asynchronous input used for clean
stopping and starting the DIFT/C outputs. This input can be
Active High or Active Low based on the strapped value of the
OE_INV input. The SRC_STP signal is a debounced signal in
that its state must remain unchanged during two consecutive
rising edges of DIFC to be recognized as a valid assertion or
deassertion. (The assertion and deassertion of this signal is
absolutely asynchronous.) In the case where the output is
disabled via OE control, the output will always be tri-stated
regardless of the SRC_STP Drive Mode register bit state.
Notes:
1. Disabling of the SRCT_IN input clock prior to assertion of PWRDWN is an undefined mode and not recommended. Operation in this mode may result in glitches
excessive frequency shifting.
2. The total power-up latency from power on to all outputs active is less than 1 ms (assuming a valid clock is present on SRC_IN input).
3. LOCK output is a latched signal that is reset with the assertion of PWRDWN or when VDD<1.8V.
4. Special care must be taken to ensure that no abnormal clock behavior occurs after the assertion PLL LOCK (i.e., overshoot/undershoot is allowed).
5. In PLL mode, if power is valid and PWRDWN is deasserted but no input clocks are present on the SRC_IN input, DIF clocks will remain disabled. Only after valid
input clocks are detected, valid power, PWRDWN deasserted with the PLL locked and stable, are the DIF outputs enabled.
6. In the case where OE is asserted low, the output will always be three-stated regardless of SRC_STP drive mode register bit state.
DIFC
DIFT
Tstable
<1 ms
PWRDWN
Tdrive_Pwrdwn#
<300
µs, >200 mV
Figure 4. PWRDWN Deassertion Diagram, OE_INV = 1
Table 4. Buffer Power-up State Machine
State
Description
0
3.3V Buffer power off
1
After 3.3V supply is detected to rise above 1.8V–2.0V, the buffer enters state 1 and initiates a 0.2-ms–0.3-ms delay
2[5]
Buffer waits for PWRDWN deassertion (and a valid clock on the SRC_IN input if in PLL mode)
3[2, 3, 4]
Outputs enabled for normal operation (PLL lock to the SRC_IN input is assured in PLL mode)
Figure 5. Buffer Power-up State Diagram[1]
Table 5. SRC_STP Functionality[6]
OE_INV
SRC_STP
DIFT
DIFC
0
1
Normal
Normal
0
0
Iref * 6 or Float
Low
1
1
Iref * 6 or Float
Low
1
0
Normal
Normal


Similar Part No. - CY28800

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28800 SPECTRALINEAR-CY28800 Datasheet
210Kb / 15P
   100-MHz Differential Buffer for PCI Express and SATA
CY28800OXC SPECTRALINEAR-CY28800OXC Datasheet
210Kb / 15P
   100-MHz Differential Buffer for PCI Express and SATA
CY28800OXCT SPECTRALINEAR-CY28800OXCT Datasheet
210Kb / 15P
   100-MHz Differential Buffer for PCI Express and SATA
More results

Similar Description - CY28800

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28400 SPECTRALINEAR-CY28400 Datasheet
163Kb / 12P
   100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28400 CYPRESS-CY28400_05 Datasheet
220Kb / 13P
   100-MHz Differential Buffer for PCI Express and SATA
CY28400 CYPRESS-CY28400 Datasheet
245Kb / 14P
   100-MHz Differential Buffer for PCI Express and SATA
CY28401 CYPRESS-CY28401 Datasheet
235Kb / 14P
   100-MHz Differential Buffer for PCI Express and SATA
logo
SpectraLinear Inc
CY28400-2 SPECTRALINEAR-CY28400-2 Datasheet
237Kb / 15P
   100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28401 CYPRESS-CY28401_05 Datasheet
233Kb / 14P
   100-MHz Differential Buffer for PCI Express and SATA
logo
Silicon Laboratories
SL28DB200 SILABS-SL28DB200 Datasheet
127Kb / 8P
   100 MHz Differential Buffer for PCI Express and SATA
logo
SpectraLinear Inc
CY28800 SPECTRALINEAR-CY28800 Datasheet
210Kb / 15P
   100-MHz Differential Buffer for PCI Express and SATA
CY28401 SPECTRALINEAR-CY28401 Datasheet
180Kb / 13P
   100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28400-2 CYPRESS-CY28400-2 Datasheet
371Kb / 16P
   100-MHz Differential Buffer for PCI Express and SATA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com