Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28551-3 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY28551-3
Description  Universal Clock Generator for Intel, VIA and SIS짰
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28551-3 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY28551-3 Datasheet HTML 2Page - Cypress Semiconductor CY28551-3 Datasheet HTML 3Page - Cypress Semiconductor CY28551-3 Datasheet HTML 4Page - Cypress Semiconductor CY28551-3 Datasheet HTML 5Page - Cypress Semiconductor CY28551-3 Datasheet HTML 6Page - Cypress Semiconductor CY28551-3 Datasheet HTML 7Page - Cypress Semiconductor CY28551-3 Datasheet HTML 8Page - Cypress Semiconductor CY28551-3 Datasheet HTML 9Page - Cypress Semiconductor CY28551-3 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
CY28551-3
Document #: 001-05677 Rev. *D
Page 6 of 29
Control Registers
29
Acknowledge from slave
37:30
Data from slave – 8 bits
38
NOT Acknowledge
39
Stop
Table 3. Byte Read and Byte Write Protocol (continued)
Byte Write Protocol
Byte Read Protocol
Bit
Description
Bit
Description
Byte 0: Control Register 0
Bit
@Pup
Type
Name
Description
7
1
R/W
Reserved
Reserved
6
1
R/W
PCIEX[T/C]6
PCIEX[T/C]6 Output Enable
0 = Disable (Tri-state), 1 = Enable
5
1
R/W
PCIEX[T/C]5
PCIEX[T/C]5 Output Enable
0 = Disable (Tri-state), 1 = Enable
4
1
R/W
PCIEX[T/C]4
PCIEX[T/C]4 Output Enable
0 = Disable (Tri-state), 1 = Enable
3
1
R/W
PCIEX[T/C]3
PCIEX[T/C]3 Output Enable
0 = Disable (Tri-state), 1 = Enable
2
1
R/W
PCIEX[T/C]2
PCIEX[T/C]2 Output Enable
0 = Disable (Tri-state), 1 = Enable
1
1
R/W
Reserved
Reserved
0
1
R/W
SATA/PCIEX[T/C]0 SATA/PCIEX[T/C]0 Output Enable
0 = Disable (Tri-state), 1 = Enable
Byte 1: Control Register 1
Bit
@Pup
Type
Name
Description
7
1
R/W
SATA/DOT96]
SATA/DOT96Output Enable
0 = Disable (Tri-state), 1 = Enable
6
1
R/W
24_48M
24_48M Output Enable
0 = Disabled, 1 = Enabled
5
1
R/W
48M
48M Output Enable
0 = Disabled, 1 = Enabled
4
1
R/W
REF2
REF2 Output Enable
0 = Disabled, 1 = Enabled
3
1
R/W
REF1
REF1 Output Enable
0 = Disabled, 1 = Enabled
2
1
R/W
REF0
REF0 Output Enable
0 = Disabled, 1 = Enabled
1
1
R/W
CPU[T/C]1
CPU[T/C]1 Output Enable
0 = Disable (Tri-state), 1 = Enabled
0
1
R/W
CPU[T/C]0
CPU[T/C]0 Output Enable
0 = Disable (Tri-state), 1 = Enabled
Byte 2: Control Register 2
Bit
@Pup
Type
Name
Description
7
1
R/W
Reserved
Reserved
6
1
R/W
Reserved
Reserved


Similar Part No. - CY28551-3

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CY28551-3 SILABS-CY28551-3 Datasheet
1Mb / 29P
   Universal Clock Generator for Intel, VIA and SIS짰
More results

Similar Description - CY28551-3

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CY28551-3 SILABS-CY28551-3 Datasheet
1Mb / 29P
   Universal Clock Generator for Intel, VIA and SIS짰
CY28551 SILABS-CY28551 Datasheet
1Mb / 29P
   Universal Clock Generator for Intel, VIA, and SIS짰
logo
Cypress Semiconductor
CY28551 CYPRESS-CY28551 Datasheet
658Kb / 30P
   Universal Clock Generator for Intel, VIA, and SIS짰
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28441 CYPRESS-CY28441 Datasheet
261Kb / 20P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28442 SPECTRALINEAR-CY28442 Datasheet
190Kb / 21P
   Clock Generator for Intel Alviso Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com