Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28517ZXCT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY28517ZXCT
Description  PCI Express Clock Generator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28517ZXCT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY28517ZXCT Datasheet HTML 3Page - Cypress Semiconductor CY28517ZXCT Datasheet HTML 4Page - Cypress Semiconductor CY28517ZXCT Datasheet HTML 5Page - Cypress Semiconductor CY28517ZXCT Datasheet HTML 6Page - Cypress Semiconductor CY28517ZXCT Datasheet HTML 7Page - Cypress Semiconductor CY28517ZXCT Datasheet HTML 8Page - Cypress Semiconductor CY28517ZXCT Datasheet HTML 9Page - Cypress Semiconductor CY28517ZXCT Datasheet HTML 10Page - Cypress Semiconductor CY28517ZXCT Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CY28517
Document #: 001-42225 Rev. *A
Page 7 of 12
Figure 2. Crystal Loading Example
Use the following formulas to calculate the trim capacitor values
for Ce1 and Ce2.
CL ................................................... Crystal load capacitance
CLe ......................................... Actual loading seen by crystal
using standard value trim capacitors
Ce ..................................................... External trim capacitors
Cs ..............................................Stray capacitance (terraced)
Ci .......................................................... Internal capacitance
Output Enable
The Output Enable (OE_100_25) signal is active HIGH input
used for clean stopping and starting the selected 100M and 25M
outputs. To recognize as a valid assertion or deassertion, the
signal is a debounced signal in that its state must remain
unchanged during two consecutive rising edges of 25 MHz.
The assertion and deassertion of this signal is absolutely
asynchronous.
Output Enable Deassertion
Upon deasserting the Output Enable pin (OE_100_25) all
100M/25M outputs are stopped after their next transition. The
final state of all stopped 100M/25M signals is LOW.
Output Enable Assertion
All 100 MHz/25 MHz outputs that were stopped resumes normal
operation in a glitch free manner. The maximum latency from the
assertion to active outputs is between 2–6 clock periods of
100 MHz/25 MHz with all 100M/25M outputs resuming simulta-
neously.
XTAL
Ce 2
Ce 1
Cs 1
Cs 2
X1
X2
Ci1
Ci2
Clo c k Ch ip
Tr a c e
2. 8pF
Tr im
33pF
Pin
3 t o 6p
Load Capacitance (each side)
Total Capacitance (as seen by the crystal)
Ce = 2 * CL – (Cs + Ci)
Ce1 + Cs1 + Ci1
1
+
Ce2 + Cs2 + Ci2
1
(
)
1
=
CLe
Table 6. Output Enable Table
Output Enable
27M
48M
25M[A:B] 100MT/C[A:D]
0
On
On
Low
Hi-Z
1On
On
On
On
Absolute Maximum Conditions
Parameter
Description
Condition
Min
Max
Unit
VDD
Supply Voltage
–0.5
4.6
V
VIN
Input Voltage
Relative to VSS
–0.5
VDD + 0.5
VDC
TS
Temperature, Storage
Non-functional
–65
150
°C
TA
Temperature, Operating Ambient
Functional
5
65
°C
TJ
Temperature, Junction
Functional
150
°C
TSOL
Pb free Soldering Process Temperature
260
°C
ESDHBM
ESD Protection (Human Body Model)
MIL-STD-883, Method 3015
2000
V
UL-94
Flammability Rating
At 1/8 in.
V–0
MSL
Moisture Sensitivity Level
1
Multiple Supplies: The voltage on any input or IO pin cannot exceed the power pin during power up. Power supply sequencing is
NOT required.
[+] Feedback


Similar Part No. - CY28517ZXCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28510 SPECTRALINEAR-CY28510 Datasheet
161Kb / 12P
   Peripheral I/O Clock Generator
logo
Cypress Semiconductor
CY28510 CYPRESS-CY28510 Datasheet
99Kb / 13P
   Peripheral I/O Clock Generator
logo
SpectraLinear Inc
CY28510OC SPECTRALINEAR-CY28510OC Datasheet
161Kb / 12P
   Peripheral I/O Clock Generator
logo
Cypress Semiconductor
CY28510OC CYPRESS-CY28510OC Datasheet
99Kb / 13P
   Peripheral I/O Clock Generator
logo
SpectraLinear Inc
CY28510OCT SPECTRALINEAR-CY28510OCT Datasheet
161Kb / 12P
   Peripheral I/O Clock Generator
More results

Similar Description - CY28517ZXCT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS841S01 IDT-ICS841S01 Datasheet
285Kb / 16P
   PCI EXPRESS??CLOCK GENERATOR
logo
SpectraLinear Inc
CY28SRC01 SPECTRALINEAR-CY28SRC01 Datasheet
94Kb / 9P
   PCI-Express Clock Generator
logo
Integrated Device Techn...
ICS841S02I IDT-ICS841S02I Datasheet
547Kb / 17P
   PCI EXPRESS??CLOCK GENERATOR
logo
SpectraLinear Inc
CY28SRC02 SPECTRALINEAR-CY28SRC02 Datasheet
95Kb / 9P
   PCI-Express Clock Generator
logo
Cypress Semiconductor
CY28SRC04 CYPRESS-CY28SRC04 Datasheet
162Kb / 10P
   PCI-Express Clock Generator
logo
Renesas Technology Corp
841S04 RENESAS-841S04 Datasheet
556Kb / 18P
   PCI Express™ Clock Generator
Revision C, July 15, 2016
logo
Cypress Semiconductor
CY24293 CYPRESS-CY24293 Datasheet
459Kb / 10P
   Two Outputs PCI-Express Clock Generator
CY24292 CYPRESS-CY24292 Datasheet
231Kb / 20P
   Four Outputs PCI-Express Clock Generator
logo
Micrel Semiconductor
PL602031UMG MICREL-PL602031UMG Datasheet
394Kb / 9P
   HCSL-Compatible Clock Generator for PCI Express
PL602-2XSC MICREL-PL602-2XSC Datasheet
345Kb / 6P
   HCSL Compatible Clock Generator for PCI Express
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com