Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28439ZXC-2T Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY28439ZXC-2T
Description  Clock Generator for Intel Grantsdale Chipset
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28439ZXC-2T Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY28439ZXC-2T Datasheet HTML 7Page - Cypress Semiconductor CY28439ZXC-2T Datasheet HTML 8Page - Cypress Semiconductor CY28439ZXC-2T Datasheet HTML 9Page - Cypress Semiconductor CY28439ZXC-2T Datasheet HTML 10Page - Cypress Semiconductor CY28439ZXC-2T Datasheet HTML 11Page - Cypress Semiconductor CY28439ZXC-2T Datasheet HTML 12Page - Cypress Semiconductor CY28439ZXC-2T Datasheet HTML 13Page - Cypress Semiconductor CY28439ZXC-2T Datasheet HTML 14Page - Cypress Semiconductor CY28439ZXC-2T Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
PRELIMINARY
CY28439-2
Document #: 38-07750 Rev. *B
Page 11 of 22
Calculating Load Capacitors
In addition to the standard external trim capacitors, trace
capacitance and pin capacitance must also be considered to
correctly calculate crystal loading. As mentioned previously,
the capacitance on each side of the crystal is in series with the
crystal. This means the total capacitance on each side of the
crystal must be twice the specified crystal load capacitance
(CL). While the capacitance on each side of the crystal is in
series with the crystal, trim capacitors (Ce1,Ce2) should be
calculated to provide equal capacitive loading on both sides.
Use the following formulas to calculate the trim capacitor
values for Ce1 and Ce2.
CL ................................................... Crystal load capacitance
CLe .........................................Actual loading seen by crystal
using standard value trim capacitors
Ce .....................................................External trim capacitors
Cs.............................................. Stray capacitance (terraced)
Ci ........................................................... Internal capacitance
(lead frame, bond wires etc.)
CL ................................................... Crystal load capacitance
CLe .........................................Actual loading seen by crystal
using standard value trim capacitors
Ce .....................................................External trim capacitors
Cs.............................................. Stray capacitance (terraced)
Ci ........................................................... Internal capacitance
(lead frame, bond wires etc.)
Dial-A-Frequency (CPU and SRC)
This feature allows the user to overclock their system by slowly
stepping up the CPU or SRC frequency. When the program-
mable output frequency feature is enabled, the CPU and SRC
frequencies are determined by the following equation
Fcpu = G * N/M or Fcpu=G2 * N, where G2 = G / M
“N” and “M” are the values programmed in Programmable
Frequency Select N-Value Register and M-Value Register,
respectively. “G” stands for the PLL Gear Constant, which is
determined by the programmed value of FS[E:A]. See
Figure 1 for the Gear Constant for each Frequency selection.
The PCI Express only allows user control of the N register, the
M value is fixed and documented in Figure 1.
In this mode, the user writes the desired N and M value into
the DAF I2C registers. The user cannot change only the M
value and must change both the M and the N values at the
same time, if they require a change to the M value. The user
may change only the N value if required.
Associated Register Bits
CPU_DAF Enable—This bit enables CPU DAF mode. By
default, it is not set. When set, the operating frequency is
determined by the values entered into the CPU_DAF_N
register. Note: the CPU_DAF_N and M register must contain
valid values before CPU_DAF is set. Default = 0, (No DAF).
CPU_DAF_N—There will be nine bits (for 512 values) to
linearly change the CPU frequency (limited by VCO range).
Default = 0, (0000) The allowable values for N are detailed in
the frequency select table in Figure 1.
CPU DAF M—There will be 7 bits (for 128 values) to linearly
change the CPU frequency (limited by VCO range). Default =
0, the allowable values for M are detailed in the frequency
select table in Figure 1.
SRC_DAF Enable—This bit enables SRC DAF mode. By
default, it is not set. When set, the operating frequency is
determined by the values entered into the SRC_DAF_N
register. Note: the SRC_DAF_N register must contain valid
values before SRC_DAF is set. Default = 0, (No DAF).
SRC_DAF_N—There are nine bits (for 512 values) to linearly
change the CPU frequency (limited by VCO range). Default =
0, (0000) The allowable values for N are detailed in the
frequency select table in Figure 1.
Recovery—The recovery mechanism during CPU DAF when
the system locks up and the Watchdog timer is enabled is
determined by the “Watchdog Recovery Mode” and
“Watchdog Autorecovery Enable” bits. The possible recovery
methods are: (A) Auto, (B) Manual (by Recovery N), (C) HW,
and (D) No recovery, just send reset signal.
There is no recovery mode for SRC Dial-a-Frequency.
Software Frequency Select
This mode allows the user to select the CPU output
frequencies using the Software Frequency select bits in the
SMBUS register.
FSEL—There will be four bits (for 16 combinations) to select
predetermined CPU frequencies from a table. The table selec-
tions are detailed in section Figure 1.
XTAL
Ce2
Ce1
Cs1
Cs2
X1
X2
Ci1
Ci2
Clock Chip
Trace
2.8pF
Trim
33pF
Pin
3 to 6p
Figure 3. Crystal Loading Example
Load Capacitance (each side)
Total Capacitance (as seen by the crystal)
Ce = 2 * CL – (Cs + Ci)
Ce1 + Cs1 + Ci1
1
+
Ce2 + Cs2 + Ci2
1
()
1
=
CLe


Similar Part No. - CY28439ZXC-2T

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28439ZXC-2T SPECTRALINEAR-CY28439ZXC-2T Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
More results

Similar Description - CY28439ZXC-2T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28439 CYPRESS-CY28439 Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28410-2 CYPRESS-CY28410-2 Datasheet
280Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 CYPRESS-CY28435 Datasheet
306Kb / 23P
   Clock Generator for Intel Grantsdale Chipset
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28410 CYPRESS-CY28410 Datasheet
281Kb / 18P
   Clock Generator for Intel Grantsdale Chipset
logo
SpectraLinear Inc
CY28410-2 SPECTRALINEAR-CY28410-2 Datasheet
219Kb / 16P
   Clock Generator for Intel Grantsdale Chipset
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com