Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28409OCXT Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY28409OCXT
Description  Clock Synthesizer with Differential SRC and CPU Outputs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28409OCXT Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY28409OCXT Datasheet HTML 5Page - Cypress Semiconductor CY28409OCXT Datasheet HTML 6Page - Cypress Semiconductor CY28409OCXT Datasheet HTML 7Page - Cypress Semiconductor CY28409OCXT Datasheet HTML 8Page - Cypress Semiconductor CY28409OCXT Datasheet HTML 9Page - Cypress Semiconductor CY28409OCXT Datasheet HTML 10Page - Cypress Semiconductor CY28409OCXT Datasheet HTML 11Page - Cypress Semiconductor CY28409OCXT Datasheet HTML 12Page - Cypress Semiconductor CY28409OCXT Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
CY28409
Document #: 38-07445 Rev. *D
Page 9 of 17
PD# Deassertion
The power-up latency between PD# rising to a valid logic ‘1’
level and the starting of all clocks is less than 1.8 ms.
CPU_STP# Assertion
The CPU_STP# signal is an active LOW input used for
synchronous stopping and starting the CPU output clocks
while the rest of the clock generator continues to function.
When the CPU_STP# pin is asserted, all CPU outputs that are
set with the SMBus configuration to be stoppable via assertion
of CPU_STP# will be stopped after being sampled by two
rising edges of the internal CPUT clock. The final states of the
stopped CPU signals are CPUT = HIGH and CPUC = LOW.
There is no change to the output drive current values during
the stopped state. The CPUT is driven HIGH with a current
value equal to (Mult 0 ‘select’) x (Iref), and the CPUC signal
will not be driven. Due to the external pull-down circuitry,
CPUC will be LOW during this stopped state.
CPU_STP# Deassertion
The deassertion of the CPU_STP# signal will cause all CPU
outputs that were stopped to resume normal operation in a
synchronous manner. Synchronous manner meaning that no
short or stretched clock pulses will be produce when the clock
resumes. The maximum latency from the deassertion to active
outputs is no more than two CPU clock cycles.
REF
Tdrive_PWRDN#
<300
µs, >200 mV
PD#
CPUC, 133MHz
CPUT, 133MHz
SRCC 100MHz
3V66, 66MHz
USB, 48MHz
PCI, 33MHz
SRCT 100MHz
Tstable
<1.8 ms
Figure 4. Power-down Deassertion Timing Waveform
CPU_STP#
CPUT
CPUC
Figure 5. CPU_STP# Assertion Waveform
CPU_STP#
CPUT
CPUC
CPU Internal
Tdrive_CPU_STP#, 10 ns > 200 mV
Figure 6. CPU_STP# Deassertion Waveform


Similar Part No. - CY28409OCXT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28409OCXT SPECTRALINEAR-CY28409OCXT Datasheet
218Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
More results

Similar Description - CY28409OCXT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28405-2 SPECTRALINEAR-CY28405-2 Datasheet
497Kb / 48P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
Cypress Semiconductor
CY28409 CYPRESS-CY28409 Datasheet
330Kb / 18P
   Clock Synthesizer with Differential SRC and CPU Outputs
CY28419 CYPRESS-CY28419 Datasheet
275Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
logo
SpectraLinear Inc
CY28419 SPECTRALINEAR-CY28419 Datasheet
207Kb / 15P
   Clock Synthesizer with Differential SRC and CPU Outputs
CY28405-3 SPECTRALINEAR-CY28405-3 Datasheet
202Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
CY28409 SPECTRALINEAR-CY28409 Datasheet
218Kb / 16P
   Clock Synthesizer with Differential SRC and CPU Outputs
CY28408 SPECTRALINEAR-CY28408 Datasheet
157Kb / 18P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2_05 Datasheet
236Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
CY28408 CYPRESS-CY28408 Datasheet
212Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346-2 SILABS-CY28346-2 Datasheet
169Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com