Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28411ZXC-1 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY28411ZXC-1
Description  Clock Generator for Intel Alviso Chipset
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28411ZXC-1 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY28411ZXC-1 Datasheet HTML 1Page - Cypress Semiconductor CY28411ZXC-1 Datasheet HTML 2Page - Cypress Semiconductor CY28411ZXC-1 Datasheet HTML 3Page - Cypress Semiconductor CY28411ZXC-1 Datasheet HTML 4Page - Cypress Semiconductor CY28411ZXC-1 Datasheet HTML 5Page - Cypress Semiconductor CY28411ZXC-1 Datasheet HTML 6Page - Cypress Semiconductor CY28411ZXC-1 Datasheet HTML 7Page - Cypress Semiconductor CY28411ZXC-1 Datasheet HTML 8Page - Cypress Semiconductor CY28411ZXC-1 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
CY28411-1
Document #: 38-07694 Rev. *B
Page 5 of 19
2
1
SRC[T/C]2
SRC[T/C]2 Output Enable
0 = Disable (Hi-Z), 1 = Enable
1
1
SRC[T/C]1
SRC[T/C]1 Output Enable
0 = Disable (Hi-Z), 1 = Enable
0
1
SRC[T/C]0
SRC[T/C]0 Output Enable
0 = Disable (Hi-Z), 1 = Enable
Byte 1: Control Register 1
Bit
@Pup
Name
Description
7
1
PCIF0
PCIF0 Output Enable
0 = Disabled, 1 = Enabled
6
1
DOT_96T/C
DOT_96 MHz Output Enable
0 = Disable (Hi-Z), 1 = Enabled
5
1
USB_48
USB_48 MHz Output Enable
0 = Disabled, 1 = Enabled
4
1
REF
REF Output Enable
0 = Disabled, 1 = Enabled
3
0
Reserved
Reserved
2
1
CPU[T/C]1
CPU[T/C]1 Output Enable
0 = Disable (Hi-Z), 1 = Enabled
1
1
CPU[T/C]0
CPU[T/C]0 Output Enable
0 = Disable (Hi-Z), 1 = Enabled
0
0
CPUT/C
SRCT/C
PCIF
PCI
Spread Spectrum Enable
0 = Spread off, 1 = Spread on
Byte 2: Control Register 2
Bit
@Pup
Name
Description
7
1
PCI5
PCI5 Output Enable
0 = Disabled, 1 = Enabled
6
1
PCI4
PCI4 Output Enable
0 = Disabled, 1 = Enabled
5
1
PCI3
PCI3 Output Enable
0 = Disabled, 1 = Enabled
4
1
PCI2
PCI2 Output Enable
0 = Disabled, 1 = Enabled
3
1
Reserved
Reserved, Set = 1
2
1
Reserved
Reserved, Set = 1
1
1
Reserved
Reserved, Set = 1
0
1
PCIF1
PCIF1 Output Enable
0 = Disabled, 1 = Enabled
Byte 3: Control Register 3
Bit
@Pup
Name
Description
7
0
SRC7
Allow control of SRC[T/C]7 with assertion of PCI_STP# or SW PCI_STP#
0 = Free running, 1 = Stopped with PCI_STP#
6
0
SRC6
Allow control of SRC[T/C]6 with assertion of PCI_STP# or SW PCI_STP#
0 = Free running, 1 = Stopped with PCI_STP#
5
0
SRC5
Allow control of SRC[T/C]5 with assertion of PCI_STP# or SW PCI_STP#
0 = Free running, 1 = Stopped with PCI_STP#
Byte 0:Control Register 0 (continued)
Bit
@Pup
Name
Description


Similar Part No. - CY28411ZXC-1

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28411ZXC-1 SPECTRALINEAR-CY28411ZXC-1 Datasheet
177Kb / 18P
   Clock Generator for Intel Alviso Chipset
CY28411ZXC-1T SPECTRALINEAR-CY28411ZXC-1T Datasheet
177Kb / 18P
   Clock Generator for Intel Alviso Chipset
More results

Similar Description - CY28411ZXC-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28442-2 CYPRESS-CY28442-2_05 Datasheet
290Kb / 21P
   Clock Generator for Intel Alviso Chipset
CY28441 CYPRESS-CY28441 Datasheet
261Kb / 20P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28442 SPECTRALINEAR-CY28442 Datasheet
190Kb / 21P
   Clock Generator for Intel Alviso Chipset
logo
Cypress Semiconductor
CY28442 CYPRESS-CY28442 Datasheet
293Kb / 22P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28411 SPECTRALINEAR-CY28411 Datasheet
186Kb / 18P
   Clock Generator for Intel Alviso Chipset
logo
Cypress Semiconductor
CY28442-2 CYPRESS-CY28442-2 Datasheet
300Kb / 22P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28441 SPECTRALINEAR-CY28441 Datasheet
188Kb / 19P
   Clock Generator for Intel Alviso Chipset
CY28442-2 SPECTRALINEAR-CY28442-2 Datasheet
188Kb / 19P
   Clock Generator for Intel Alviso Chipset
CY28411-1 SPECTRALINEAR-CY28411-1 Datasheet
177Kb / 18P
   Clock Generator for Intel Alviso Chipset
logo
Cypress Semiconductor
CY28411 CYPRESS-CY28411 Datasheet
262Kb / 19P
   Clock Generator for Intel Alviso Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com