Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28401OXCT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY28401OXCT
Description  100-MHz Differential Buffer for PCI Express and SATA
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28401OXCT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY28401OXCT Datasheet HTML 1Page - Cypress Semiconductor CY28401OXCT Datasheet HTML 2Page - Cypress Semiconductor CY28401OXCT Datasheet HTML 3Page - Cypress Semiconductor CY28401OXCT Datasheet HTML 4Page - Cypress Semiconductor CY28401OXCT Datasheet HTML 5Page - Cypress Semiconductor CY28401OXCT Datasheet HTML 6Page - Cypress Semiconductor CY28401OXCT Datasheet HTML 7Page - Cypress Semiconductor CY28401OXCT Datasheet HTML 8Page - Cypress Semiconductor CY28401OXCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
100-MHz Differential Buffer for PCI Express and SATA
CY28401
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-07592 Rev. *A
Revised July 14, 2005
Features
• CK409 or CK410 companion buffer
• Eight differential 0.7V clock pairs
• Individual OE controls
• Low CTC jitter (< 50 ps)
• Programmable bandwidth
• SRC_STOP# power management control
• SMBus Block/Byte/Word Read and Write support
• 3.3V operation
• PLL Bypass-configurable
• Divide by 2 programmable
• 48-pin SSOP package
Functional Description
The CY28401 is a differential buffer and serves as a
companion device to the CK409 or CK410 clock generator.
The device is capable of distributing the Serial Reference
Clock (SRC) in PCI Express and SATA implementations.
Block Diagram
Pin Configuration
Output
Buffer
Output
Control
PLL
DIV
SMBus
Controller
SRC_STOP#
PWRDWN#
SCLK
SDATA
SRC_DIV2#
PLL/BYPASS#
SRCT_IN
SRCC_IN
HIGH_BW#
OE_[0:7]
DIFT2
DIFC2
DIFT1
DIFC1
DIFT0
DIFC0
DIFT3
DIFC3
DIFT4
DIFC4
DIFT5
DIFC5
DIFT6
DIFC6
DIFT7
DIFC7
LOCK
48 SSOP
SRC_DIV2#
VDD
SRCT_IN
SRCC_IN
OE_0
OE_3
DIFT0
DIFCO
VSS
VDD
DIFT1
DIFC1
OE_1
OE_2
DIFT2
DIFC2
VSS
VDD
DIFT3
DIFC3
PLL/BYPASS#
SCLK
SDATA
VDD_A
VSS_A
DIFT5
OE_6
OE_5
DIFC6
VDD
DIFT6
VSS
DIFT7
DIFC7
OE_4
LOCK
OE_7
VDD
VSS
DIFT4
DIFC5
IREF
SRC_STOP#
PWRDWN#
VSS
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
VSS
DIFC4
HIGH_BW#


Similar Part No. - CY28401OXCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28401OXCT SPECTRALINEAR-CY28401OXCT Datasheet
180Kb / 13P
   100 MHz Differential Buffer for PCI Express and SATA
More results

Similar Description - CY28401OXCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28400 SPECTRALINEAR-CY28400 Datasheet
163Kb / 12P
   100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28400 CYPRESS-CY28400_05 Datasheet
220Kb / 13P
   100-MHz Differential Buffer for PCI Express and SATA
CY28400 CYPRESS-CY28400 Datasheet
245Kb / 14P
   100-MHz Differential Buffer for PCI Express and SATA
CY28401 CYPRESS-CY28401 Datasheet
235Kb / 14P
   100-MHz Differential Buffer for PCI Express and SATA
logo
SpectraLinear Inc
CY28400-2 SPECTRALINEAR-CY28400-2 Datasheet
237Kb / 15P
   100 MHz Differential Buffer for PCI Express and SATA
logo
Silicon Laboratories
SL28DB200 SILABS-SL28DB200 Datasheet
127Kb / 8P
   100 MHz Differential Buffer for PCI Express and SATA
logo
SpectraLinear Inc
CY28800 SPECTRALINEAR-CY28800 Datasheet
210Kb / 15P
   100-MHz Differential Buffer for PCI Express and SATA
CY28401 SPECTRALINEAR-CY28401 Datasheet
180Kb / 13P
   100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28400-2 CYPRESS-CY28400-2 Datasheet
371Kb / 16P
   100-MHz Differential Buffer for PCI Express and SATA
CY28800 CYPRESS-CY28800 Datasheet
328Kb / 16P
   100-MHz Differential Buffer for PCI Express and SATA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com