Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28410OXC-2T Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY28410OXC-2T
Description  Clock Generator for Intel Grantsdale Chipset
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28410OXC-2T Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY28410OXC-2T Datasheet HTML 5Page - Cypress Semiconductor CY28410OXC-2T Datasheet HTML 6Page - Cypress Semiconductor CY28410OXC-2T Datasheet HTML 7Page - Cypress Semiconductor CY28410OXC-2T Datasheet HTML 8Page - Cypress Semiconductor CY28410OXC-2T Datasheet HTML 9Page - Cypress Semiconductor CY28410OXC-2T Datasheet HTML 10Page - Cypress Semiconductor CY28410OXC-2T Datasheet HTML 11Page - Cypress Semiconductor CY28410OXC-2T Datasheet HTML 12Page - Cypress Semiconductor CY28410OXC-2T Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
CY28410-2
Document #: 38-07747 Rev *.*
Page 9 of 17
each other. Figure 4 is an example showing the relationship of
clocks coming up.
Figure 3. Power-down Assertion Timing Waveform
PD
USB, 48MHz
DOT96T
DOT96C
SRCT 100MHz
SRCC 100MHz
CPUT, 133MHz
PCI, 33 MHz
REF
CPUC, 133MHz
Figure 4. Power-down Deassertion Timing Waveform
DOT96C
PD
CPUC, 133MHz
CPUT, 133MHz
SRCC 100MHz
USB, 48MHz
DOT96T
SRCT 100MHz
Tstable
<1.8nS
PCI, 33MHz
REF
Tdrive_PW RDN#
<300
µS, >200mV


Similar Part No. - CY28410OXC-2T

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28410OXC-2T SPECTRALINEAR-CY28410OXC-2T Datasheet
219Kb / 16P
   Clock Generator for Intel Grantsdale Chipset
More results

Similar Description - CY28410OXC-2T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28439 CYPRESS-CY28439 Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 CYPRESS-CY28439-2 Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28435 CYPRESS-CY28435 Datasheet
306Kb / 23P
   Clock Generator for Intel Grantsdale Chipset
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28410 CYPRESS-CY28410 Datasheet
281Kb / 18P
   Clock Generator for Intel Grantsdale Chipset
logo
SpectraLinear Inc
CY28410-2 SPECTRALINEAR-CY28410-2 Datasheet
219Kb / 16P
   Clock Generator for Intel Grantsdale Chipset
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com