Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28400ZXC-2T Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY28400ZXC-2T
Description  100-MHz Differential Buffer for PCI Express and SATA
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28400ZXC-2T Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY28400ZXC-2T Datasheet HTML 5Page - Cypress Semiconductor CY28400ZXC-2T Datasheet HTML 6Page - Cypress Semiconductor CY28400ZXC-2T Datasheet HTML 7Page - Cypress Semiconductor CY28400ZXC-2T Datasheet HTML 8Page - Cypress Semiconductor CY28400ZXC-2T Datasheet HTML 9Page - Cypress Semiconductor CY28400ZXC-2T Datasheet HTML 10Page - Cypress Semiconductor CY28400ZXC-2T Datasheet HTML 11Page - Cypress Semiconductor CY28400ZXC-2T Datasheet HTML 12Page - Cypress Semiconductor CY28400ZXC-2T Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CY28400-2
Document #: 38-07722 Rev *C
Page 9 of 16
Output Enable Clarification
OE functionality allows for enabling and disabling individual
outputs. OE_1 and OE_6 are Active HIGH or Active LOW
inputs depending on the strapped value of the OE_INV input.
Disabling the outputs may be implemented in two ways, via
writing a ‘0’ to SMBus register bit corresponding to output of
interest or by deasserting the OE input pin. In both methods,
if SMBus registered bit has been written low or the OE pin is
deasserted or both, the output of interest will be tri-stated. (The
assertion and deassertion of this signal is absolutely
asynchronous.)
DIFC (Stoppable)
DIFT (Stoppable)
DIFC(Free Running
DIFT(Free Running
PWRDWN
1 ms
SRC_STP
Figure 9. SRC_STP = Driven, PWRDWN = Driven, OE_INV = 1
DIFC (Stoppable)
DIFC(Free Running
DIFT(Free Running
PWRDWN
1 ms
SRC_STP
DIFT (Stoppable)
Figure 10. SRC_STP = Tri-state, PWRDWN = Driven, OE_INV = 1
DIFC(Free Running
DIFT(Free Running
DIFT (Stoppable)
DIFC (Stoppable)
PWRDWN
1 ms
SRC_STP
Figure 11. SRC_STP = Tri-state, PWRDWN = Tri-state, OE_INV = 1
Table 6. OE Functionality
OE_INV
OE (Pin)
OE (SMBus Bit)
DIF[T/C]
0
0
0
Tri-State
0
0
1
Tri-State
0
1
0
Tri-State
0
1
1
Enabled
1
0
0
Tri-State
1
0
1
Enabled
1
1
0
Tri-State
1
1
1
Tri-State


Similar Part No. - CY28400ZXC-2T

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28400ZXC-2T SPECTRALINEAR-CY28400ZXC-2T Datasheet
237Kb / 15P
   100 MHz Differential Buffer for PCI Express and SATA
More results

Similar Description - CY28400ZXC-2T

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28400 SPECTRALINEAR-CY28400 Datasheet
163Kb / 12P
   100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28400 CYPRESS-CY28400_05 Datasheet
220Kb / 13P
   100-MHz Differential Buffer for PCI Express and SATA
CY28400 CYPRESS-CY28400 Datasheet
245Kb / 14P
   100-MHz Differential Buffer for PCI Express and SATA
CY28401 CYPRESS-CY28401 Datasheet
235Kb / 14P
   100-MHz Differential Buffer for PCI Express and SATA
logo
SpectraLinear Inc
CY28400-2 SPECTRALINEAR-CY28400-2 Datasheet
237Kb / 15P
   100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28401 CYPRESS-CY28401_05 Datasheet
233Kb / 14P
   100-MHz Differential Buffer for PCI Express and SATA
logo
Silicon Laboratories
SL28DB200 SILABS-SL28DB200 Datasheet
127Kb / 8P
   100 MHz Differential Buffer for PCI Express and SATA
logo
SpectraLinear Inc
CY28800 SPECTRALINEAR-CY28800 Datasheet
210Kb / 15P
   100-MHz Differential Buffer for PCI Express and SATA
CY28401 SPECTRALINEAR-CY28401 Datasheet
180Kb / 13P
   100 MHz Differential Buffer for PCI Express and SATA
logo
Cypress Semiconductor
CY28800 CYPRESS-CY28800 Datasheet
328Kb / 16P
   100-MHz Differential Buffer for PCI Express and SATA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com