Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28346OCT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY28346OCT
Description  Clock Synthesizer with Differential CPU Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28346OCT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY28346OCT Datasheet HTML 3Page - Cypress Semiconductor CY28346OCT Datasheet HTML 4Page - Cypress Semiconductor CY28346OCT Datasheet HTML 5Page - Cypress Semiconductor CY28346OCT Datasheet HTML 6Page - Cypress Semiconductor CY28346OCT Datasheet HTML 7Page - Cypress Semiconductor CY28346OCT Datasheet HTML 8Page - Cypress Semiconductor CY28346OCT Datasheet HTML 9Page - Cypress Semiconductor CY28346OCT Datasheet HTML 10Page - Cypress Semiconductor CY28346OCT Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
CY28346
Document #: 38-07331 Rev. *C
Page 7 of 20
Buffer Characteristics
Current Mode CPU Clock Buffer Characteristics
The current mode output buffer detail and current reference
circuit details are contained in the previous table of this data
sheet. The following parameters are used to specify output
buffer characteristics:
1. Output impedance of the current mode buffer circuit—Ro
(see Figure 4).
2. Minimum and maximum required voltage operation range
of the circuit—Vop (see Figure 4).
3. Series resistance in the buffer circuit—Ros (see Figure 4).
4. Current accuracy at given configuration into nominal test
load for given configuration.
Iout is selectable depending on implementation. The param-
eters above apply to all configurations. Vout is the voltage at
the pin of the device.
The various output current configurations are shown in the
host swing select functions table. For all configurations, the
deviation from the expected output current is ±7% as shown in
the current accuracy table.
2.4V
0.4V
3.3V
0V
Tr
Tf
1.5V
3.3V signals
tDC
Probe
Output under Test
Load Cap
-
-
Figure 3. For Single-ended Output Signals
1.2V
0V
Iout
Iout
Ros
Ro
VDD3 (3.3V +/- 5%)
Vout = 1.2V max
Vout
Slope ~ 1/R
0
Figure 4. Buffer Characteristics
Table 4. Host Clock (HCSL) Buffer Characteristics
Characteristic
Min.
Max.


Similar Part No. - CY28346OCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28346OCT CYPRESS-CY28346OCT Datasheet
179Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28346OCT SPECTRALINEAR-CY28346OCT Datasheet
220Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346OCT SILABS-CY28346OCT Datasheet
200Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
More results

Similar Description - CY28346OCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28408 SPECTRALINEAR-CY28408 Datasheet
157Kb / 18P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2_05 Datasheet
236Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
CY28408 CYPRESS-CY28408 Datasheet
212Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346-2 SILABS-CY28346-2 Datasheet
169Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346 CYPRESS-CY28346 Datasheet
179Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28346 SPECTRALINEAR-CY28346 Datasheet
220Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Silicon Laboratories
CY28346 SILABS-CY28346 Datasheet
200Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
logo
Cypress Semiconductor
CY28346-2 CYPRESS-CY28346-2 Datasheet
160Kb / 20P
   Clock Synthesizer with Differential CPU Outputs
logo
SpectraLinear Inc
CY28346-2 SPECTRALINEAR-CY28346-2 Datasheet
168Kb / 19P
   Clock Synthesizer with Differential CPU Outputs
CY28405-2 SPECTRALINEAR-CY28405-2 Datasheet
497Kb / 48P
   Clock Synthesizer with Differential SRC and CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com