Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28341ZC-3T Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY28341ZC-3T
Description  Universal Clock Chip for VIA?줡4M/KT/KM400A DDR Systems
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28341ZC-3T Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY28341ZC-3T Datasheet HTML 3Page - Cypress Semiconductor CY28341ZC-3T Datasheet HTML 4Page - Cypress Semiconductor CY28341ZC-3T Datasheet HTML 5Page - Cypress Semiconductor CY28341ZC-3T Datasheet HTML 6Page - Cypress Semiconductor CY28341ZC-3T Datasheet HTML 7Page - Cypress Semiconductor CY28341ZC-3T Datasheet HTML 8Page - Cypress Semiconductor CY28341ZC-3T Datasheet HTML 9Page - Cypress Semiconductor CY28341ZC-3T Datasheet HTML 10Page - Cypress Semiconductor CY28341ZC-3T Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
PRELIMINARY
CY28341-3
Document #: 38-07580 Rev. **
Page 7 of 19
4
1
31,32
DDRT/C4
1 = output enabled (running). 0 = output disabled asynchronously in a low state.
3
1
35,36
DDRT/C3
1 = output enabled (running). 0 = output disabled asynchronously in a low state.
2
1
37,38
DDRT/C2
1 = output enabled (running). 0 = output disabled asynchronously in a low state.
1
1
41,42
DDRT/C1
1 = output enabled (running). 0 = output disabled asynchronously in a low state.
0
1
43,44
DDRT/C0
1 = output enabled (running). 0 = output disabled asynchronously in a low state.
Byte 6: Watchdog Register
Bit
@Pup
Pin#
Name
Description
7
0
26
SRESET#
1 = Pin 26 is the input pin as PD# signal. 0 = Pin 26 is the output pin as
SRESET# signal.
6
0
Frequency Revert
This bit allows setting the Revert Frequency once the system is rebooted
due to Watchdog time out only. 0 = select frequency of existing H/W setting,
1 = select frequency of the second to last S/W table setting. (the software
setting prior to the one that caused a system reboot).
5
0
WDTEST
For IMI Test - WD-Test, ALWAYS program to '0'
40
WD Alarm
This bit is set to “1” when the Watchdog times out. It is reset to “0” when the
system clears the WD time stamps (WD3:0).
30
WD3
This bit allows the selection of the time stamp for the Watchdog timer. See
Table 7
20
WD2
This bit allows the selection of the time stamp for the Watchdog timer. See
Table 7
10
WD1
This bit allows the selection of the time stamp for the Watchdog timer. See
Table 7
00
WD0
This bit allows the selection of the time stamp for the Watchdog timer. See
Table 7
Table 7. Watchdog Time Stamp
WD3
WD2
WD1
WD0
FUNCTION
00
0
0
Off
0
0
0
1
1 second
0
0
1
0
2 seconds
0
0
1
1
3 seconds
0
1
0
0
4 seconds
0
1
0
1
5 seconds
0
1
1
0
6 seconds
0
1
1
1
7 seconds
1
0
0
0
8 seconds
1
0
0
1
9 seconds
1
0
1
0
10 seconds
1
0
1
1
11 seconds
1
1
0
0
12 seconds
1
1
0
1
13 seconds
1
1
1
0
14 seconds
1
1
1
1
15 seconds
Byte 5: SDR/DDR Clock Register (continued)
Bit
@Pup
Pin#
Name
Description


Similar Part No. - CY28341ZC-3T

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28341ZC-3T SPECTRALINEAR-CY28341ZC-3T Datasheet
263Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400A DDR Systems
More results

Similar Description - CY28341ZC-3T

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28341-3 SPECTRALINEAR-CY28341-3 Datasheet
263Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400A DDR Systems
logo
Cypress Semiconductor
CY28341-2 CYPRESS-CY28341-2_05 Datasheet
320Kb / 19P
   Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
logo
SpectraLinear Inc
CY28341-2 SPECTRALINEAR-CY28341-2 Datasheet
228Kb / 18P
   Universal Clock Chip for VIA?줡4M/KT/KM400 DDR Systems
logo
Cypress Semiconductor
CY28341-2 CYPRESS-CY28341-2 Datasheet
174Kb / 19P
   Universal Clock Chip for VIA P4M/KT/KM400 DDR Systems
logo
SpectraLinear Inc
CY28341 SPECTRALINEAR-CY28341 Datasheet
264Kb / 19P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28347 SPECTRALINEAR-CY28347 Datasheet
230Kb / 21P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
logo
Cypress Semiconductor
CY28341 CYPRESS-CY28341 Datasheet
189Kb / 21P
   Universal Single-Chip Clock Solution for VIA P4M266/KM266 DDR Systems
CY28347 CYPRESS-CY28347 Datasheet
188Kb / 22P
   Universal Single-chip Clock Solution for VIA P4M266/KM266 DDR Systems
logo
Winbond
W83195BR-341 WINBOND-W83195BR-341_06 Datasheet
691Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
W83195BR-341 WINBOND-W83195BR-341 Datasheet
325Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com