Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZXLD1322 Datasheet(PDF) 6 Page - Zetex Semiconductors

Part No. ZXLD1322
Description  Buck/boost mode DC-DC converter for LED driving with 700mA output and current control
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXLD1322 Datasheet(HTML) 6 Page - Zetex Semiconductors

Back Button ZXLD1322 Datasheet HTML 2Page - Zetex Semiconductors ZXLD1322 Datasheet HTML 3Page - Zetex Semiconductors ZXLD1322 Datasheet HTML 4Page - Zetex Semiconductors ZXLD1322 Datasheet HTML 5Page - Zetex Semiconductors ZXLD1322 Datasheet HTML 6Page - Zetex Semiconductors ZXLD1322 Datasheet HTML 7Page - Zetex Semiconductors ZXLD1322 Datasheet HTML 8Page - Zetex Semiconductors ZXLD1322 Datasheet HTML 9Page - Zetex Semiconductors ZXLD1322 Datasheet HTML 10Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ZXLD1322
Issue 1 - January 2008
6
www.zetex.com
© Zetex Semiconductors plc 2008
DC-DC convertertoutput parameters
Switching NPN transistor
NOTES:
(c) Measured under pulse conditions.
(d) This current is measured via the collectors and emitters of the switch with these connected to ground (0V)
(e) Measured under pulse conditions. Peak Current = Ic
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Toff(100)
Discharge pulse width
100% output current
0.7
1.2
1.7
µs
Toff(10)
Discharge pulse width
10% output current
4
8
12
µs
fLXmax
Maximum operating
frequency
600
KHz
fSU
Switching frequency in start-
up mode
VIN=1.2V
50
KHz
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ISW
Average continuous switch
current(c)
2A
IBON(max)
Maximum base current into
switch transistor from internal
drive circuit(d)
2V<VIN<18V
BIAS pin at 0V
30
50
70
mA
IBON
Base current into switch
transistor using external
resistor (RBASE) from BIAS pin
to ground
RBIAS = 1680Ω
10
mA
V(BR)CE
Collector-Emitter breakdown
voltage
IC=10µA
15
V
VCE(sat)
Collector-Emitter saturation
voltage
IC=0.1A, IB=10mA
IC=2A, IB=50mA(e)
50
120
mV
mV
hFE
Static forward current transfer
ratio
IC=200mA, VCE=2V
IC=2A, VCE=2V
209
116
COBO
Output capacitance
VCB=10V,f=1MHz
64
pF
t(on)
Turn-on time
Ic=0 to IC=2A
VIN=10V
30
ns
t(off)
Turn-off time
IC=2A to Ic<100µA
28
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TPS61160White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series 1 2 3 4 5 MoreTexas Instruments
LM36762MHz 600mA Step-Down DC-DC Converter with Mode Control Coming SoonNational Semiconductor (TI)
ISL6422Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs 1 2 3 4 5 MoreIntersil Corporation
ISL6423BSingle Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs 1 2 3 4 5 MoreIntersil Corporation
EPR-12Engineering Prototype Report for EP-12 - 145 W PC Forward Converter with TOP247 and 10 W 5 V Output Standby Flyback with TNY266 1 2 3 4 5 MorePower Integrations, Inc.
TA48LS00F300 mA Output Current Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch 1 2 3 4 5 MoreToshiba Semiconductor
TA48LS015F300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch 1 2 3 4 5 MoreToshiba Semiconductor
TA48S00AF1A Output Current Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch 1 2 3 4 5 MoreToshiba Semiconductor
LM3687Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode Coming SoonNational Semiconductor (TI)
TA48S015AF1A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch 1 2 3 4 5 MoreToshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn