Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZXLD1322 Datasheet(PDF) 5 Page - Zetex Semiconductors

Part No. ZXLD1322
Description  Buck/boost mode DC-DC converter for LED driving with 700mA output and current control
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXLD1322 Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZXLD1322 Datasheet HTML 1Page - Zetex Semiconductors ZXLD1322 Datasheet HTML 2Page - Zetex Semiconductors ZXLD1322 Datasheet HTML 3Page - Zetex Semiconductors ZXLD1322 Datasheet HTML 4Page - Zetex Semiconductors ZXLD1322 Datasheet HTML 5Page - Zetex Semiconductors ZXLD1322 Datasheet HTML 6Page - Zetex Semiconductors ZXLD1322 Datasheet HTML 7Page - Zetex Semiconductors ZXLD1322 Datasheet HTML 8Page - Zetex Semiconductors ZXLD1322 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ZXLD1322
Issue 1 - January 2008
5
www.zetex.com
© Zetex Semiconductors plc 2008
Electrical characteristics (Test conditions: VIN = 4V, TAMB= 25°C unless otherwise stated(a))
DC-DC converter supply parameters
NOTES:
(a) Production testing of the device is performed at 25
°C. Functional operation of the device and parameters specified from -40°C to
+125
°C are guaranteed by design, characterisation and process control.
(b) Between 1.2V and 2.2V the device will run in the Low Voltage Startup Mode (for details refer to section "Low Voltage Operation")
DC-DC converter input parameters
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN
Supply voltage
Normal operation
2.5
15
V
VIN(Start)
Supply voltage for start-up(b)
Start-up mode
1.2
2.4
V
VUV-
Under-voltage detection threshold
normal operation to start-up mode
VIN falling
1.8
V
VUV+
Under-voltage detection threshold
start-up mode to normal operation
VIN rising
2.2
V
Iq
Quiescent current
Measured into VIN
ADJ pin floating.
(Excluding switch
base current).
1.5
mA
ISTBY
Standby current
Measured into VIN.
ADJ pin grounded
12
20
µA
VREF
Internalreference voltage
ADJ pin floating
2.5V<VIN<15V
480
500
520
mV
TCO(REF)
Internal reference temperature
coefficient.
50
ppm
/K
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VSENSE
Peak switch current sense
voltage
Measured on ISENSE
pin CFB pin at 0V
45
55
65
mV
VSENSE
(SU)
Peak switch current sense
voltage in start-up mode
Measured on ISENSE
pin.
Start-up mode
VIN=1.2V
10.5
mV
ISENSE
Sense input current
Measured into
ISENSE with pin at
0V.CFB pin at 0V
-15
-7
-1
µA
CFB
Control loop compensation
capacitor
10
nF
VADJ
External dc control voltage
applied to ADJ pin to adjust
output current
DC brightness
control mode
50
500
mV
VADJ(th)
Switching threshold of ADJ pin Standby state to
Normal operation
26
28
30
mV
TCO(VADJ)
Temperature coefficient of
VADJ(th)
+0.3
%/K
RADJ
Internal resistor between VREF
and ADJ
VADJ<500mV
100
k
Ω
VADJ(clmp) Clamp voltage on ADJ pin
100µA injected into
ADJ pin
575
mV


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TPS61160White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series 1 2 3 4 5 MoreTexas Instruments
LM36762MHz 600mA Step-Down DC-DC Converter with Mode Control Coming SoonNational Semiconductor (TI)
ISL6422Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs 1 2 3 4 5 MoreIntersil Corporation
ISL6423BSingle Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-Top Box Designs 1 2 3 4 5 MoreIntersil Corporation
EPR-12Engineering Prototype Report for EP-12 - 145 W PC Forward Converter with TOP247 and 10 W 5 V Output Standby Flyback with TNY266 1 2 3 4 5 MorePower Integrations, Inc.
TA48LS00F300 mA Output Current Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch 1 2 3 4 5 MoreToshiba Semiconductor
TA48LS015F300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch 1 2 3 4 5 MoreToshiba Semiconductor
TA48S00AF1A Output Current Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch 1 2 3 4 5 MoreToshiba Semiconductor
LM3687Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode Coming SoonNational Semiconductor (TI)
TA48S015AF1A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch 1 2 3 4 5 MoreToshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn