Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28330 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY28330
Description  Clock Generator for AMD??Hammer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28330 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY28330 Datasheet HTML 7Page - Cypress Semiconductor CY28330 Datasheet HTML 8Page - Cypress Semiconductor CY28330 Datasheet HTML 9Page - Cypress Semiconductor CY28330 Datasheet HTML 10Page - Cypress Semiconductor CY28330 Datasheet HTML 11Page - Cypress Semiconductor CY28330 Datasheet HTML 12Page - Cypress Semiconductor CY28330 Datasheet HTML 13Page - Cypress Semiconductor CY28330 Datasheet HTML 14Page - Cypress Semiconductor CY28330 Datasheet HTML 15Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
CY28330
Document #: 38-07366 Rev. *B
Page 11 of 15
Table 12. REF(0:2) Clock Outputs
Parameter
Description
Test Condition
PCI133_HT66 = 66 MHz
Unit
Min.
Typ.
Max.
VOL
Output Low Voltage
IOL = 9.0 mA
0.4
V
VOH
Output High Voltage
IOH = -12.0 mA
2.4
V
IOL
Output Low Current
VO = 0.8V
16
mA
IOH
Output High Current
VO = 2.0V
-22
mA
F
Frequency, Actual
14.318
MHz
TR
Output Rise Edge Rate
Measured from 20% to 60%
0.5
2
V/ns
TF
Output Fall Edge Rate
Measured from 60% to 20%
0.5
2
V/ns
TD
Duty Cycle
Measured at 1.5V
45
55
%
TJC
Jitter, Cycle-to-Cycle
Measured at 1.5V
0
500
1000
ps
TJA
Jitter, Accumulated
Measured at 1.5V
-1000
1000
ps
TFS
Frequency Stabilization from Power-up Measure from full supply voltage
0
3
mS
RON
Output Impedance
Average value during switching transition.
20
24
60
W
Table 13. USB, 24_24 Clock Outputs
Parameter
Description
Conditions
PCI33, PCI33_HT =
33MHz
PCI33_HT = 66MHz
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
VOL
Output Low Voltage
IOL = 9.0mA
0.4
0.4
V
VOH
Output High Voltage
IOH =-12.0mA
2.4
2.4
V
IOL
Output Low Current
VO = 0.8V
16
16
mA
IOH
Output High Current
VO = 2.0V
-22
-22
mA
F
Frequency Actual
24.004
48.008
MHz
TR
Output Rise Edge Rate
Measured from 20% to
80%
0.5
2
0.5
2
V/ns
TF
Output Fall Edge Rate
Measured from 80% to
20%
0.5
2
0.5
2
V/ns
TD
Duty Cycle
Measured at 1.5V
45
55
45
55
%
TJC
Jitter, Cycle-to-Cycle 24_48
MHz
Measured at 1.5V
0
250
500
0
250
500
ps
TJC
Jitter, Cycle-to-Cycle USB
Measured at 1.5V
0
100
ps
TJA
Jitter Accumulated
Measured at 1.5V
-1000
1000
-1000
1000
ps
TFS
Frequency Stabilization from
Power-up
Measure from full supply
voltage
03
0
3
ms
RON
Output Impedance
Average value during
switching transition.
20
24
60
20
24
60
W
Table 14. Skew [5]
Parameter
Description
Conditions
Skew Window Unit
TSK_CPU_CPU
CPU to CPU skew, time
independent
Measured @ crossing points for CPUT rising edges1
250
ps
TSK_CPU_PCI33
CPU to PCI33 skew, time
independent
Measured @ crossing points for CPUT rising edge and
1.5V PCI clocks
500
ps
TSK_PCI33_PCI33 PCI33 to PCI33 skew,
time independent
Measured between rising @ 1.5V
500
ps
Note:
5.
All skews in this skew budget are measured from the first referenced signal to the next. Therefore, this skew specifies the maximum SKEW WINDOW between
these two signals to be 500ps whether the CPU crossing leads or lags the PCI clock. This should NOT be interpreted to mean that the PCI33 edge could either
be 500ps before the CPU clock to 500ps after the clock, thus defining a 1000ps window in which the PCI33 clock edge could fall.


Similar Part No. - CY28330

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28330 SPECTRALINEAR-CY28330 Datasheet
172Kb / 14P
   Clock Generator for AMD??Hammer
CY28330OC SPECTRALINEAR-CY28330OC Datasheet
172Kb / 14P
   Clock Generator for AMD??Hammer
CY28330OCT SPECTRALINEAR-CY28330OCT Datasheet
172Kb / 14P
   Clock Generator for AMD??Hammer
More results

Similar Description - CY28330

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28331 SPECTRALINEAR-CY28331 Datasheet
178Kb / 16P
   Clock Generator for AMD??Hammer
logo
Cypress Semiconductor
CY28331 CYPRESS-CY28331 Datasheet
221Kb / 17P
   Clock Generator for AMD??Hammer
logo
SpectraLinear Inc
CY28330 SPECTRALINEAR-CY28330 Datasheet
172Kb / 14P
   Clock Generator for AMD??Hammer
logo
List of Unclassifed Man...
PLL205-01 ETC1-PLL205-01 Datasheet
112Kb / 12P
   Motherboard Clock Generator for AMD - K7
logo
Integrated Circuit Syst...
ICS9248-168 ICST-ICS9248-168 Datasheet
172Kb / 14P
   AMD - K7??Clock Generator for Mobile System
ICS9248-189 ICST-ICS9248-189 Datasheet
236Kb / 15P
   AMD - K7??Clock Generator for Mobile System
logo
Winbond
W83304D WINBOND-W83304D Datasheet
373Kb / 16P
   ACPI Controller For AMD Claw Hammer TM CPU
logo
Fairchild Semiconductor
FAN5098 FAIRCHILD-FAN5098 Datasheet
460Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for AMD Hammer?
logo
Cypress Semiconductor
CY22K7 CYPRESS-CY22K7 Datasheet
141Kb / 11P
   133-MHz Spread Spectrum Clock Generator For Use With the AMD-K7 Processor and AMD-750 Chipset
CY22K7 CYPRESS-CY22K7_04 Datasheet
278Kb / 13P
   133-MHz Spread Spectrum Clock Generator For Use With the AMD-K7짰 Processor and AMD-750 Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com