Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PCR-SIN15V48F00 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. PCR-SIN15V48F00
Description  15REN@86Vrms to 40REN@45Vrms SINE WAVE TELEPHONE RING GENERATOR
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC2 - List of Unclassifed Manufacturers

PCR-SIN15V48F00 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  PCR-SIN15V48F00 Datasheet HTML 1Page - List of Unclassifed Manufacturers PCR-SIN15V48F00 Datasheet HTML 2Page - List of Unclassifed Manufacturers PCR-SIN15V48F00 Datasheet HTML 3Page - List of Unclassifed Manufacturers PCR-SIN15V48F00 Datasheet HTML 4Page - List of Unclassifed Manufacturers PCR-SIN15V48F00 Datasheet HTML 5Page - List of Unclassifed Manufacturers PCR-SIN15V48F00 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PCR-SIN15V48F00
15REN@86Vrms to 40REN@45Vrms SINE WAVE TELEPHONE RING GENERATOR
PowerDsine Ltd.
Tel: +972-9-775-5100
• Fax: +972-9-775-5111 • Email: sales@powerdsine.com
PowerDsine, Inc.
Tel: +1-631-756-4680
• Fax: +1-631-756-4691 • Email: sales@powerdsineusa.com
PowerDsine Europe
Tel: +49-6187-900-849
• Fax: +49-6187-292848 • Email: europe@powerdsine.com
OUTPUT AMPLITUDE ADJUSTMENT
Raoc for Vout= 86-100 Vrms @ Pout= 10 VA
0
50
100
150
200
250
300
90
91
92
93
94
95
96
97
98
99
100
101
Vout [Vrms]
Raoc for Vout=45-86Vrms @ Pout=10VA
0
100
200
300
400
500
600
700
800
45
50
55
60
65
70
75
80
85
Vout [Vrms]
ROAC connected between the OAC and the V(-) terminals
ROAC connected between the OAC and the V(+) terminals
MECHANICAL DETAILS
DIMENSIONS
A
Side View
Terminals 0.035 ±0.0006" DIA (0.9±0.15mm)
Recommended PCB drill DIA 0.05" (1.2mm)
Case made of Aluminium sheet
5052-H32 PER QQ-A-250/8 1.0mm
Ventilation Holes
V(+)
OAC
Inhibit
F1
F0
OHD
SYNC
V(-)
O2
O1
Bottom View
O2
O1
SHIELD
L
C
H
G
F
J
DD
K
B
mm
Inch
A
B
C
D
E
F
G
H
K
63.50±0.40
63.50±0.40
12.70 Max
35.56±0.25
40.64±0.25
35.56±0.25
0.64±0.10 SQ
3.00±0.30
13.97±0.50
2.500"±0.016"
2.500"±0.016"
0.500" Max
1.400"±0.01"
1.6000"±0.01"
1.400"±0.01"
0.025"±0.004 SQ
0.117"±0.012"
0.550"±0.02"
L
1.00±0.15
0.039"±0.005"
J
5.08±0.25
0.200"±0.01"
PCR-SIN15V48F00 V14 0900


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn