Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PCR-SIN15V48F00 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. PCR-SIN15V48F00
Description  15REN@86Vrms to 40REN@45Vrms SINE WAVE TELEPHONE RING GENERATOR
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC2 - List of Unclassifed Manufacturers

PCR-SIN15V48F00 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PCR-SIN15V48F00 Datasheet HTML 1Page - List of Unclassifed Manufacturers PCR-SIN15V48F00 Datasheet HTML 2Page - List of Unclassifed Manufacturers PCR-SIN15V48F00 Datasheet HTML 3Page - List of Unclassifed Manufacturers PCR-SIN15V48F00 Datasheet HTML 4Page - List of Unclassifed Manufacturers PCR-SIN15V48F00 Datasheet HTML 5Page - List of Unclassifed Manufacturers PCR-SIN15V48F00 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PCR-SIN15V48F00
15REN@86Vrms to 40REN@45Vrms SINE WAVE TELEPHONE RING GENERATOR
PCR-SIN15V48F00
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
.............
+85V
Inhibit, F1 and F0 Input Voltage
.............
-0.5V to +5.2V
Operating Ambient Temperature (TA)
.............
-40
°C to +85°C
Storage Temperature
.............
-55
°C to +90°C
Lead Temperature (Soldering, 10 sec max.)
.............
+300
°C
These are stress ratings. Exposure of the device to any of
these conditions may adversely effect long-term reliability.
Proper operation other than as specified in the
PERFORMANCE / FUNCTIONAL SPECIFICATIONS is
not implied.
PERFORMANCE / FUNCTIONAL SPECIFICATIONS
Typical at: TA = +25°C, Vin = 48Vdc, Load=470Ω resistive, Cin = 100µF, OAC not connected, according to Test Setup schematics.
Parameters
Conditions
Min
Typ
Max
Units
Supply
Supply Voltage (Vin)
Supply Voltage Ripple
Current Consumption
Device Inhibited
No Load
Full Load
Peak Current
100-120Hz, 36.0
≤Vin≤72.0, @ Pout=15VA
Load=470
Ω, @ Vin
min=36V
Load
≤470Ω, @ Vin
min=36V
36.0
48.0
60
72.0
1.0
4
70
750
1.4
Vdc
Vp-p
mA
mA
mA
A
Input Under Voltage Protection
Input Over Voltage Protection
28.0
72.0
36.0
85.0
Vdc
Vdc
Efficiency
Pout = 15W
75
80
%
Output
Power
Power Factor
Output Voltage
OAC not connected
ROAC between OAC & V(+)/V(-)
Output Frequency
Frequency Accuracy
THD
Continuous Loading
Pout=10VA
See graphs on OUTPUT AMPLITUDE ADJUSTMENT
According to F0, F1 setting
36.0
≤Vin≤72.0Vdc, 0≤Pout≤15W, -40°C ≤ T
A ≤+85°C
40.0
≤Vin≤72.0Vdc, 0≤Pout≤15W, -40°C ≤ T
A ≤+85°C
0
0.5
80
86
45-100
16.7, 20,
25, 50
16
92
±3
5
VA
|cos
ρ|
Vrms
Vrms
Hz
%
%
Inhibit Control Input
Disable Voltage VIH
Enable Voltage VIL
Iin Source
Iin Sink
Referenced to the V(-) Terminal
VIL = 0V
VIH = 5V
3.5
-0.5
5
0
5.2
1.0
700
700
Vdc
Vdc
µA
µA
F0, F1 Control Input
VIH
VIL
Iin Source
Referenced to the V(-) Terminal
VIL = 0V
3.5
-0.5
5.2
1.0
700
Vdc
Vdc
µA
Inhibit Control Timing
Time to Turn-On
Time to Turn-Off
40
50
35
ms
ms
Overload Protection Response
Time to Turn-Off
Time to Turn-On
Output Overloaded
Load reverts to Normal; 0
≤Pout≤15VA
200
600
5
800
ms
s
General
Insulation
Switching Frequency
500Vdc Input to Output
40
96
M
kHz
Environment
Relative Humidity
Ambient Temperature (TA)
Non-Condensing, Per IEC 68-2-56
Without Derating
Derated from +50
°C by 0.3W/°C
-40
93
+50
to +85
%
°C
°C
Reliability
Calculated MTBF
Continuous Operation@40
°C Ambient Temperature
Calculation method: Relex Bellcore Software Ver5.30
4,000,000
Hours
OHD, Sync Output
VOH
VOL
VOL
Referenced to V(-) Terminal
Output Source Current 2mA
Output Sink Current 2mA
Output Sink Current 5mA
4.2
0
0
5.3
0.8
1.2
Vdc
Vdc
Vdc


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn