Electronic Components Datasheet Search
English ▼
English
Chinese
German
Japanese
Russian
Korean
Spanish
French
Italian
Portuguese
Polish
Vietnamese
Delete All
ON
OFF
ALLDATASHEET.COM
Part No.
Description
Marking
X
Match&Start
Match
Start with
End
Included
All Manufacturers
Preview
PDF
Download
HTML
PCR-SIN15V48F00 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers
Part No.
PCR-SIN15V48F00
Description
15REN@86Vrms
to
40REN@45Vrms
SINE
WAVE
TELEPHONE
RING
GENERATOR
Download
6 Pages
Scroll/Zoom
100%
Maker
ETC2 [List of Unclassifed Manufacturers]
Homepage
Logo
PCR-SIN15V48F00 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers
zoom in
zoom out
1
/ 6 page
15 Watt Sine Wave
Telephone Ring Generator
15REN@86Vrms to 40REN@45Vrms
PCR-SIN15V48F00
Html Pages
1
2
3
4
5
6
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
ACTX1018
5Vdc
or
3.3Vdc
TTL
/
CMOSAND
SINE
WAVE
TEMPERATURE-COMPENSATED
XTAL
OSCILLATORS
1
Abracon Corporation
LS656AD1
TELEPHONE
SPEECH
CIRCUIT
WITH
MULTIFREQUENCY
TONE
GENERATOR
INTERFACE
1
2
3
4
5
More
STMicroelectronics
HV440_07
High-Voltage
Ring
Generator
1
2
3
4
5
Supertex, Inc
HV441_03
High-Voltage
Ring
Generator
1
2
3
4
5
More
Supertex, Inc
FS6261-01
Motherboard
Clock
Generator
IC
1
2
3
4
5
More
List of Unclassifed Manufacturers
8224
CLOCK
GENERATOR
AND
DRIVER
FOR
8080A
CPU
1
2
3
4
5
Intel Corporation
NBC12439_07
3.3V/5V
Programmable
PLL
Synthesized
Clock
Generator
1
2
3
4
5
More
ON Semiconductor
AD9937
CCD
Signal
Processor
with
Precision
Timing™
Generator
1
2
3
4
5
More
Analog Devices
ICS9150-02
Pentium
Pro
and
SDRAM
Frequency
Generator
1
2
3
4
5
More
Integrated Circuit Systems
RD151TS501US
PLL
clock
generator
series
1
2
3
4
5
More
Renesas Technology Corp
Link URL
English
中国语
한국어
français
español
日本語
Deutsch
italiano
русский
polski
português
Tiếng việt
Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Datasheet Upload
|
Contact us
|
Privacy Policy
|
Alldatasheet API
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
Mirror Sites
English :
Alldatasheet.com
| English :
Alldatasheet.net
| Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
Russian :
Alldatasheetru.com
| Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl
| Vietnamese :
Alldatasheet.vn