Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4306-00 Datasheet(PDF) 7 Page - Peregrine Semiconductor Corp.

Part # 4306-00
Description  50 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

4306-00 Datasheet(HTML) 7 Page - Peregrine Semiconductor Corp.

Back Button 4306-00 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 4306-00 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 4306-00 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 4306-00 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 4306-00 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 4306-00 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 4306-00 Datasheet HTML 9Page - Peregrine Semiconductor Corp. 4306-00 Datasheet HTML 10Page - Peregrine Semiconductor Corp. 4306-00 Datasheet HTML 11Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Product Specification
PE4306
Page 7 of 11
Document No. 70-0160-04
│ www.psemi.com
©2003-2008 Peregrine Semiconductor Corp. All rights reserved.
Evaluation Kit
The Digital Attenuator Evaluation Kit board was
designed to ease customer evaluation of the
PE4306 DSA.
J9 is used in conjunction with the supplied DC
cable to supply VDD, GND, and –VDD. If use of
the internal negative voltage generator is desired,
then connect –VDD (black banana plug) to
ground. If an external –VDD is desired, then apply
-3V.
J1 should be connected to the LPT1 port of a PC
with the supplied control cable. The evaluation
software is written to operate the DSA in serial
mode, so switch 7 (P/S) on the DIP switch SW1
should be ON with all other switches off. Using the
software, enable or disable each attenuation
setting to the desired combined attenuation. The
software automatically programs the DSA each
time an attenuation state is enabled or disabled.
To evaluate the power up options, first disconnect
the control cable from the evaluation board. The
control cable must be removed to prevent the PC
port from biasing the control pins.
During power up with P/S=1 high and LE=0 or P/
S=0 low and LE=1, the default power-up signal
attenuation is set to the value present on the five
control bits on the five parallel data inputs (C1 to
C16). This allows any one of the 32 attenuation
settings to be specified as the power-up state.
During power up with P/S=0 high and LE=0, the
control bits are automatically set to one of four
possible values presented through the PUP
interface. These four values are selected by the
two power-up control bits, PUP1 and PUP2, as
shown in the Table 6.
Pin 20 is open and can be connected to any bias.
Resistor on Pin 1 & 3
A 10 k
Ω resistor on the inputs to pins 1 & 3
(Figure 16) will eliminate package resonance
between the RF input pin and the two digital
inputs. Specified attenuation error versus
frequency performance is dependent upon this
condition.
Figure 15. Evaluation Board Layout
Figure 16. Evaluation Board Schematic
Note: Resistors on pins 1 and 3 are required and should be placed as
close to the part as possible to avoid package resonance and
meet error specifications over frequency.
10 kohm
Z=50 Ohm
PS
J5
SMA
1
10kohm
J4
SMA
1
DATA
C2
C1
CLK
VCC
C16
LE
Z=50 Ohm
U1
QFN4X4
1
2
3
4
5
11
12
13
14
15
C16
RFin
DATA
CLK
LE
GND
VNEG
PS
RFout
C8
C8
100 pF
C4
Peregrine Specification 101/0112
Peregrine Specification 102/0144


Similar Part No. - 4306-00

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
4306-00 PEREGRINE-4306-00 Datasheet
451Kb / 11P
   50 廓 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
More results

Similar Description - 4306-00

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4306 PEREGRINE-PE4306 Datasheet
451Kb / 11P
   50 廓 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
PE4308 PEREGRINE-PE4308 Datasheet
519Kb / 11P
   75 Ohm RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
logo
Tyco Electronics
AT90-0263 MACOM-AT90-0263 Datasheet
268Kb / 5P
   Digital Attenuator, 31 dB, 5-Bit, TTL Driver, DC-4.0 GHz
logo
Peregrine Semiconductor...
PE4305 PEREGRINE-PE4305 Datasheet
457Kb / 11P
   50 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 4.0 GHz
PE4302 PEREGRINE-PE4302 Datasheet
470Kb / 11P
   50 -RF Digital Attenuator 6-bit, 31.5 dB, DC - 4.0 GHz
logo
Tyco Electronics
AT-260 MACOM-AT-260_1 Datasheet
193Kb / 3P
   Digital Attenuator 31 dB, 5-Bit DC-2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0020 MA-COM-MAATSS0020 Datasheet
119Kb / 3P
   Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
MAADSS0016 MA-COM-MAADSS0016 Datasheet
198Kb / 4P
   Digital Attenuator, 5-Bit, Single Control 31 dB, 0.05 - 4.0 GHz
logo
Tyco Electronics
AT-260 MACOM-AT-260 Datasheet
97Kb / 2P
   Digital Attenuator, 31 dB, 5-Bit DC . 2 GHz
MAATSS0020 MACOM-MAATSS0020 Datasheet
110Kb / 3P
   Digital Attenuator, 31 dB, 5-Bit DC - 2.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com