Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0906-2 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 0906-2
Description  N-Channel Enhancement-Mode Lateral MOSFETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

0906-2 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 0906-2 Datasheet HTML 4Page - Freescale Semiconductor, Inc 0906-2 Datasheet HTML 5Page - Freescale Semiconductor, Inc 0906-2 Datasheet HTML 6Page - Freescale Semiconductor, Inc 0906-2 Datasheet HTML 7Page - Freescale Semiconductor, Inc 0906-2 Datasheet HTML 8Page - Freescale Semiconductor, Inc 0906-2 Datasheet HTML 9Page - Freescale Semiconductor, Inc 0906-2 Datasheet HTML 10Page - Freescale Semiconductor, Inc 0906-2 Datasheet HTML 11Page - Freescale Semiconductor, Inc 0906-2 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
RF Device Data
Freescale Semiconductor
MRF5S4125NR1 MRF5S4125NBR1
N-CDMA TEST SIGNAL
10
0.0001
100
0
PEAK −TO −AVERAGE (dB)
Figure 14. Single-Carrier CCDF N-CDMA
10
1
0.1
0.01
0.001
24
6
8
IS −95 CDMA (Pilot, Sync, Paging, Traffic Codes 8
Through 13) 1.2288 MHz Channel Bandwidth
Carrier. ACPR Measured in 30 kHz Bandwidth @
±750 kHz Offset. PAR = 9.8 dB @ 0.01%
Probability on CCDF.
−60
−110
−10
−20
−30
−40
−50
−70
−80
−90
−100
1.2288 MHz
Channel BW
2.9
0.7
2.2
1.5
0
−0.7
−1.5
−2.2
−2.9
−3.6
3.6
f, FREQUENCY (MHz)
Figure 15. Single-Carrier N-CDMA Spectrum
−ACPR in 30 kHz
Integrated BW
−ACPR in 30 kHz
Integrated BW


Similar Part No. - 0906-2

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
0906-2-15-20-75-14-11-0 MILL-MAX-0906-2-15-20-75-14-11-0 Datasheet
400Kb / 1P
   SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
logo
Coilcraft lnc.
0906-2FLB COILCRAFT-0906-2FLB Datasheet
309Kb / 2P
   Micro Spring Air Core Inductors
0906-2FLC COILCRAFT-0906-2FLC Datasheet
309Kb / 2P
   Micro Spring Air Core Inductors
0906-2FLC COILCRAFT-0906-2FLC Datasheet
551Kb / 2P
   Micro Spring??Air Core Inductors
0906-2FLC COILCRAFT-0906-2FLC_15 Datasheet
551Kb / 2P
   Micro Spring??Air Core Inductors
More results

Similar Description - 0906-2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF5S19130R3 MOTOROLA-MRF5S19130R3 Datasheet
417Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF184R1 MOTOROLA-MRF184R1 Datasheet
1,015Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
logo
Freescale Semiconductor...
MRFE6S9125NR1 FREESCALE-MRFE6S9125NR1 Datasheet
598Kb / 18P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2150N FREESCALE-MRF6V2150N Datasheet
205Kb / 8P
   N-Channel Enhancement-Mode Lateral MOSFETs
logo
NXP Semiconductors
A2T18S160W31S NXP-A2T18S160W31S Datasheet
669Kb / 20P
   N--Channel Enhancement--Mode Lateral MOSFETs
Rev. 0, 5/2015
A2T27S020N NXP-A2T27S020N Datasheet
493Kb / 18P
   N--Channel Enhancement--Mode Lateral MOSFETs
Rev. 1, 01/2018
logo
Freescale Semiconductor...
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
442Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300N FREESCALE-MRF6V2300N Datasheet
208Kb / 8P
   N-Channel Enhancement-Mode Lateral MOSFETs
logo
NXP Semiconductors
AFT20P060-4NR3 NXP-AFT20P060-4NR3 Datasheet
557Kb / 16P
   N--Channel Enhancement--Mode Lateral MOSFETs
Rev. 1, 12/2013
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3 Datasheet
399Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com