Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC1616C Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT88SC1616C
Description  CryptoMemory 16 Kbit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC1616C Datasheet(HTML) 2 Page - ATMEL Corporation

  AT88SC1616C Datasheet HTML 1Page - ATMEL Corporation AT88SC1616C Datasheet HTML 2Page - ATMEL Corporation AT88SC1616C Datasheet HTML 3Page - ATMEL Corporation AT88SC1616C Datasheet HTML 4Page - ATMEL Corporation AT88SC1616C Datasheet HTML 5Page - ATMEL Corporation AT88SC1616C Datasheet HTML 6Page - ATMEL Corporation AT88SC1616C Datasheet HTML 7Page - ATMEL Corporation AT88SC1616C Datasheet HTML 8Page - ATMEL Corporation AT88SC1616C Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
AT88SC1616C
2030IS–SMIC–04/07
Figure 1. Package Options
Description
The AT88SC1616C member of the CryptoMemory
® family is a high-performance secure
memory providing 16 Kbits of user memory with advanced security and cryptographic
features built in. The user memory is divided into 16 128-byte zones, each of which may
be individually set with different security access rights or effectively combined together
to provide space for 1 to 16 data files.
Smart Card Applications
The AT88SC1616C provides high security, low cost, and ease of implementation with-
out the need for a microprocessor operating system. The embedded cryptographic
engine provides for dynamic and symmetric mutual authentication between the device
and host, as well as performing stream encryption for all data and passwords
exchanged between the device and host. Up to four unique key sets may be used for
these operations. The AT88SC1616C offers the ability to communicate with virtually any
smart card reader using the asynchronous T = 0 protocol (Gemplus patent) defined in
ISO 7816-3.
Embedded Applications
Through dynamic and symmetric mutual authentication, data encryption, and the use of
encrypted checksums, the AT88SC1616C provides a secure place for storage of sensi-
tive information within a system. With its tamper detection circuits, this information
remains safe even under attack. A 2-wire serial interface running at 1.0 MHz is used for
fast and efficient communications with up to 15 devices that may be individually
addressed. The AT88SC1616C is available in industry standard 8-lead packages with
the same familiar pinout as 2-wire serial EEPROMs.
Figure 2. Block Diagram
VCC = C1
RST = C2
SCL/CLK = C3
NC = C4
C5 = GND
C6 = NC
C7 = SDA/IO
C8 = NC
1
2
3
4
8
7
6
5
NC
NC
NC
GND
VCC
NC
SCL
SDA
Smart Card Module
8-lead SOIC, PDIP
Random
Generator
Authentication,
Encryption and
Certification Unit
EEPROM
Answer to Reset
Data Transfer
Password
Verification
Reset Block
Asynchronous
ISO Interface
Synchronous
Interface
Power
Management
VCC
GND
SCL/CLK
SDA/IO
RST


Similar Part No. - AT88SC1616C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC1616C ATMEL-AT88SC1616C Datasheet
176Kb / 11P
   8 x 128 x 16 CryptoMemory?
AT88SC1616C ATMEL-AT88SC1616C Datasheet
1Mb / 58P
   CryptoMemory Specification For Standard Mode of Operation
AT88SC1616C ATMEL-AT88SC1616C Datasheet
257Kb / 20P
   Atmel CryptoMemory, 16Kbit
AT88SC1616C-MJ ATMEL-AT88SC1616C-MJ Datasheet
209Kb / 20P
   CryptoMemory 16 Kbit
AT88SC1616C-MJ ATMEL-AT88SC1616C-MJ Datasheet
257Kb / 20P
   Atmel CryptoMemory, 16Kbit
More results

Similar Description - AT88SC1616C

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC1616C ATMEL-AT88SC1616C_09 Datasheet
209Kb / 20P
   CryptoMemory 16 Kbit
AT88SC1616C ATMEL-AT88SC1616C_14 Datasheet
424Kb / 21P
   Atmel CryptoMemory, 16-Kbit
AT88SC0104C ATMEL-AT88SC0104C_07 Datasheet
423Kb / 18P
   CryptoMemory 1 Kbit
AT88SC25616C ATMEL-AT88SC25616C_08 Datasheet
438Kb / 18P
   CryptoMemory 256 Kbit
AT88SC6416C ATMEL-AT88SC6416C_08 Datasheet
475Kb / 18P
   CryptoMemory 64 Kbit
AT88SC0808C ATMEL-AT88SC0808C_09 Datasheet
192Kb / 20P
   CryptoMemory 8 Kbit
AT88SC3216C ATMEL-AT88SC3216C_09 Datasheet
208Kb / 21P
   CryptoMemory 32 Kbit
AT88SC0808C ATMEL-AT88SC0808C Datasheet
199Kb / 14P
   CryptoMemory 8 Kbit
AT88SC0104C ATMEL-AT88SC0104C Datasheet
345Kb / 17P
   CryptoMemory 1 Kbit
AT88SC0808C ATMEL-AT88SC0808C_07 Datasheet
409Kb / 18P
   CryptoMemory 8 Kbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com