Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PACSZ1284-04Q Datasheet(PDF) 7 Page - California Micro Devices Corp

Part # PACSZ1284-04Q
Description  IEEE 1284 Parallel Port ESD/EMI/Termination Network
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACSZ1284-04Q Datasheet(HTML) 7 Page - California Micro Devices Corp

  PACSZ1284-04Q Datasheet HTML 1Page - California Micro Devices Corp PACSZ1284-04Q Datasheet HTML 2Page - California Micro Devices Corp PACSZ1284-04Q Datasheet HTML 3Page - California Micro Devices Corp PACSZ1284-04Q Datasheet HTML 4Page - California Micro Devices Corp PACSZ1284-04Q Datasheet HTML 5Page - California Micro Devices Corp PACSZ1284-04Q Datasheet HTML 6Page - California Micro Devices Corp PACSZ1284-04Q Datasheet HTML 7Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
06/28/06
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com
7
PACSZ1284
Mechanical Details
QSOP Mechanical Specifications:
PACSZ1284 devices are packaged in 28-pin QSOP
packages. Dimensions are presented below.
For complete information on the QSOP-28 package,
see the California Micro Devices QSOP Package Infor-
mation document.
* This is an approximate amount which may vary.
Package Dimensions for QSOP-28
PACKAGE DIMENSIONS
Package
QSOP (JEDEC name is SSOP)
Pins
28
Dimensions
Millimeters
Inches
Min
Max
Min
Max
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.004
0.010
B
0.20
0.30
0.008
0.012
C
0.18
0.25
0.007
0.010
D
9.80
9.98
0.386
0.393
E
3.81
3.98
0.150
0.157
e
0.64 BSC
0.025 BSC
H
5.79
6.20
0.228
0.244
L
0.40
0.89
0.016
0.035
# per tube
50 pieces*
# per tape
and reel
2500 pieces
Controlling Dimensions: inches
Mechanical Package Diagrams
E
D
H
TOP VIEW
L
END VIEW
C
e
B
A
A1
SEATING
PLANE
SIDE VIEW
56
78
910 11 12
12
34
24 23 22 21 20 19 18 17
28 27 26 25
Pin 1 Marking
13 14
16 15


Similar Part No. - PACSZ1284-04Q

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACSZ1284-04Q CALMIRCO-PACSZ1284-04Q Datasheet
112Kb / 7P
   P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
PACSZ1284-04QR CALMIRCO-PACSZ1284-04QR Datasheet
112Kb / 7P
   P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
logo
ON Semiconductor
PACSZ1284-04QR ONSEMI-PACSZ1284-04QR Datasheet
434Kb / 11P
   IEEE 1284 Parallel Port ESD/EMI/Termination Network
May 2010 Rev. 3
More results

Similar Description - PACSZ1284-04Q

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PACSZ1284 ONSEMI-PACSZ1284 Datasheet
434Kb / 11P
   IEEE 1284 Parallel Port ESD/EMI/Termination Network
May 2010 Rev. 3
logo
California Micro Device...
PACZIG1284 CALMIRCO-PACZIG1284 Datasheet
350Kb / 8P
   IEEE 1284 Parallel Port ESD/EMI/Eermination network
PAC1284 CALMIRCO-PAC1284 Datasheet
116Kb / 2P
   P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
PACSZ1284 CALMIRCO-PACSZ1284 Datasheet
112Kb / 7P
   P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
SUPER1284 CALMIRCO-SUPER1284 Datasheet
398Kb / 5P
   P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
PACS1284 CALMIRCO-PACS1284 Datasheet
114Kb / 7P
   P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
PACS1284-06 CALMIRCO-PACS1284-06 Datasheet
93Kb / 5P
   P/ACTIVE IEEE 1284 ECP/EPP TERMINATION NETWORK
logo
Vishay Siliconix
VSSX1284 VISHAY-VSSX1284 Datasheet
107Kb / 3P
   25 Mil Pitch, IEEE 1284 Termination Network Resistor, Capacitor, Diode
Revision: 03-Jul-08
logo
Intel Corporation
CD1283 INTEL-CD1283 Datasheet
1Mb / 94P
   IEEE 1284-Compatible Parallel Interface
logo
List of Unclassifed Man...
QRC1284 ETC-QRC1284 Datasheet
139Kb / 2P
   TaNCap IEEE 1284 Integrated Filter Network
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com