Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OQ2538HP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # OQ2538HP
Description  SDH/SONET main amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OQ2538HP Datasheet(HTML) 2 Page - NXP Semiconductors

  OQ2538HP_97 Datasheet HTML 1Page - NXP Semiconductors OQ2538HP_97 Datasheet HTML 2Page - NXP Semiconductors OQ2538HP_97 Datasheet HTML 3Page - NXP Semiconductors OQ2538HP_97 Datasheet HTML 4Page - NXP Semiconductors OQ2538HP_97 Datasheet HTML 5Page - NXP Semiconductors OQ2538HP_97 Datasheet HTML 6Page - NXP Semiconductors OQ2538HP_97 Datasheet HTML 7Page - NXP Semiconductors OQ2538HP_97 Datasheet HTML 8Page - NXP Semiconductors OQ2538HP_97 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
1997 Nov 26
2
Philips Semiconductors
Preliminary specification
SDH/SONET main amplifier
OQ2538HP
FEATURES
• Differential 100 Ω outputs for direct connection to
Current-Mode Logic (CML) inputs
• Wide bandwidth (3 GHz)
• 48.5 dB limiting gain
• Noise figure typically 11 dB
• Automatic offset compensation
• Input level-detection circuits for Automatic Gain Control
(AGC) and Loss Of Signal (LOS) detection
• Low power dissipation (typically 270 mW)
• Single −4.5 V supply voltage
• Low cost LQFP48 plastic package.
APPLICATIONS
• Main amplifier in Synchronous Digital Hierarchy (SDH)
and Synchronous Optical Network (SONET) systems for
short, medium and long haul optical transmission
• Level detector for laser diode control loops
• Wideband RF gain block with internal level detectors.
GENERAL DESCRIPTION
The OQ2538HP is a limiting amplifier IC intended for use
as the main amplifier in 2.5 Gbits/s Non-Return to Zero
(NRZ) transmission systems (SDH/SONET).
Comprised of four amplifier stages with a total gain of
48.5 dB, it provides for a wide input signal dynamic range
at a constant CML compatible output level.
Two level-detection circuits are provided for monitoring
AGC and LOS input signal levels. An internal automatic
offset compensation circuit eliminates offset in the
amplifier chain.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
OQ2538HP
LQFP48
plastic low profile quad flat package; 48 leads; body 7
× 7 × 1.4 mm
SOT313-2


Similar Part No. - OQ2538HP_97

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OQ2538HP PHILIPS-OQ2538HP Datasheet
167Kb / 24P
   SDH/SONET STM16/OC48 main amplifiers
1998 Oct 14
More results

Similar Description - OQ2538HP_97

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OQ2538HP PHILIPS-OQ2538HP Datasheet
167Kb / 24P
   SDH/SONET STM16/OC48 main amplifiers
1998 Oct 14
logo
Vitesse Semiconductor C...
VSC7902 VITESSE-VSC7902 Datasheet
99Kb / 4P
   SONET/SDH Transimpedance Amplifier
logo
NXP Semiconductors
TZA3036 PHILIPS-TZA3036 Datasheet
78Kb / 15P
   SDH/SONET STM1/OC3 transimpedance amplifier
Rev. 01-24 March 2006
TZA3033 PHILIPS-TZA3033 Datasheet
88Kb / 16P
   SDH/SONET STM1/OC3 transimpedance amplifier
1998 Jul 08
TZA3023 PHILIPS-TZA3023 Datasheet
191Kb / 24P
   SDH/SONET STM4/OC12 transimpedance amplifier
2000 Mar 29
TZA3013A PHILIPS-TZA3013A Datasheet
104Kb / 16P
   SDH/SONET STM16/OC48 transimpedance amplifier
2001 Feb 26
TZA3026 NXP-TZA3026 Datasheet
84Kb / 15P
   SDH/SONET STM4/OC12 transimpedance amplifier
Rev. 01-2 May 2005
logo
TriQuint Semiconductor
TQ8105 TRIQUINT-TQ8105 Datasheet
371Kb / 19P
   SONET/SDH Transceivers
logo
Mitsubishi Electric Sem...
MF-10KDS-T12-06X07X MITSUBISHI-MF-10KDS-T12-06X07X Datasheet
104Kb / 8P
   SONET/SDH TRANSMITTER & RECIEVER
MF-2500DS-T12-18X MITSUBISHI-MF-2500DS-T12-18X Datasheet
57Kb / 9P
   SONET/SDH TRANSMITTER & RECIEVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com