Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OQ2538HP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # OQ2538HP
Description  SDH/SONET main amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

OQ2538HP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button OQ2538HP_97 Datasheet HTML 2Page - NXP Semiconductors OQ2538HP_97 Datasheet HTML 3Page - NXP Semiconductors OQ2538HP_97 Datasheet HTML 4Page - NXP Semiconductors OQ2538HP_97 Datasheet HTML 5Page - NXP Semiconductors OQ2538HP_97 Datasheet HTML 6Page - NXP Semiconductors OQ2538HP_97 Datasheet HTML 7Page - NXP Semiconductors OQ2538HP_97 Datasheet HTML 8Page - NXP Semiconductors OQ2538HP_97 Datasheet HTML 9Page - NXP Semiconductors OQ2538HP_97 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
1997 Nov 26
6
Philips Semiconductors
Preliminary specification
SDH/SONET main amplifier
OQ2538HP
FUNCTIONAL DESCRIPTION
The OQ2538HP is comprised of four DC-coupled amplifier
stages along with additional circuitry for offset
compensation and level detection.
The first amplifier stage contains a modified
Cherry/Hooper amplifying cell with high gain
(approximately 20 dB) and a wide bandwidth. Special
attention is paid to minimizing the equivalent input noise at
this stage, thus reducing the overall noise level. Additional
feedback is applied at the second and third stages,
improving isolation and reducing the gain to 14 dB per
stage. The last stage is an output buffer, a unity gain
amplifier, with an output impedance of 100
Ω.
The total gain of the OQ2538HP amounts to 48.5 dB, thus
providing a constant CML-compatible output signal over a
wide input signal range.
Two rectifier circuits are used to measure the input signal
level. Two separate RF pre-amplifiers are used to
generate the voltage gain needed to obtain a suitable
rectifier output voltage. For rectifier A the gain is
approximately 18 dB, for rectifier B it is about 14 dB.
The output of rectifier A can be used for AGC at the
pre-amplifier stage in front of the OQ2538HP. The output
of rectifier B can be used for LOS detection. There is a
linear relationship between the rectifier output voltage and
the input signal level provided the amplifiers are not
saturated.
Because the four gain stages are DC-coupled and provide
a high overall gain, the effect of the input offset can be
considerable. The OQ2538HP features an internal offset
compensation circuit for eliminating the input offset.
The bandwidth of the offset control loop is determined by
an external capacitor.
COFF and COFFQ offset compensation
Automatic offset compensation eliminates the input offset
of the OQ2538HP. This offset cancellation influences the
low frequency gain of the amplifier stages. With a
capacitance of 100 nF between COFF and COFFQ the
loop bandwidth will be less than 1.5 kHz, small enough to
have no influence on amplifier gain over the frequencies of
interest. If the capacitor were omitted, the loop bandwidth
would be greater than 30 MHz, which would influence the
input signal gain. The loop bandwidth can be calculated
from the following formula:
(1)
f
loop
1
2
π 1250 Ω
×
C
ext
×
------------------------------------------------
=
where Cext is the capacitance connected between COFF
and COFFQ.
REF and CAPA band gap output and decoupling
capacitance
To reduce band gap noise levels, a 1 nF decoupling
capacitor on CAPA is recommended. Since the band gap
is referenced to the negative supply, VEE, the decoupling
capacitor should be connected between CAPA and VEE.
The band gap voltage is present for test purposes only.
It is not intended to serve as an external reference.
RF input and output connections
Striplines, or microstrips, with an odd mode characteristic
impedance of Zo,odd =50 Ω must be used for the
differential RF connections on the PCB. This applies to
both the input signal pair IN and INQ and to the output
signal pair OUT and OUTQ. The two lines in each pair
should be the same length.
RF input matching circuit
The input circuit for pins IN and INQ contains internal
100
Ω resistors decoupled to ground via an internal
common mode 6 pF capacitor. The topology is depicted in
Fig.3. An external 200
Ω resistor between IN and INQ is
recommended in order to match the inputs to a differential
transmission line, coupled microstrip or stripline with an
odd mode impedance Zo,odd of 50 Ω.
Fig.3 RF input topology.
handbook, halfpage
MGM114
IN
INQ
GND
100
6 pF
100


Similar Part No. - OQ2538HP_97

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OQ2538HP PHILIPS-OQ2538HP Datasheet
167Kb / 24P
   SDH/SONET STM16/OC48 main amplifiers
1998 Oct 14
More results

Similar Description - OQ2538HP_97

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OQ2538HP PHILIPS-OQ2538HP Datasheet
167Kb / 24P
   SDH/SONET STM16/OC48 main amplifiers
1998 Oct 14
logo
Vitesse Semiconductor C...
VSC7902 VITESSE-VSC7902 Datasheet
99Kb / 4P
   SONET/SDH Transimpedance Amplifier
logo
NXP Semiconductors
TZA3036 PHILIPS-TZA3036 Datasheet
78Kb / 15P
   SDH/SONET STM1/OC3 transimpedance amplifier
Rev. 01-24 March 2006
TZA3033 PHILIPS-TZA3033 Datasheet
88Kb / 16P
   SDH/SONET STM1/OC3 transimpedance amplifier
1998 Jul 08
TZA3023 PHILIPS-TZA3023 Datasheet
191Kb / 24P
   SDH/SONET STM4/OC12 transimpedance amplifier
2000 Mar 29
TZA3013A PHILIPS-TZA3013A Datasheet
104Kb / 16P
   SDH/SONET STM16/OC48 transimpedance amplifier
2001 Feb 26
TZA3026 NXP-TZA3026 Datasheet
84Kb / 15P
   SDH/SONET STM4/OC12 transimpedance amplifier
Rev. 01-2 May 2005
logo
TriQuint Semiconductor
TQ8105 TRIQUINT-TQ8105 Datasheet
371Kb / 19P
   SONET/SDH Transceivers
logo
Mitsubishi Electric Sem...
MF-10KDS-T12-06X07X MITSUBISHI-MF-10KDS-T12-06X07X Datasheet
104Kb / 8P
   SONET/SDH TRANSMITTER & RECIEVER
MF-2500DS-T12-18X MITSUBISHI-MF-2500DS-T12-18X Datasheet
57Kb / 9P
   SONET/SDH TRANSMITTER & RECIEVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com