Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25811SI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY25811SI
Description  Spread Spectrum Clock Generator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25811SI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY25811SI Datasheet HTML 1Page - Cypress Semiconductor CY25811SI Datasheet HTML 2Page - Cypress Semiconductor CY25811SI Datasheet HTML 3Page - Cypress Semiconductor CY25811SI Datasheet HTML 4Page - Cypress Semiconductor CY25811SI Datasheet HTML 5Page - Cypress Semiconductor CY25811SI Datasheet HTML 6Page - Cypress Semiconductor CY25811SI Datasheet HTML 7Page - Cypress Semiconductor CY25811SI Datasheet HTML 8Page - Cypress Semiconductor CY25811SI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CY25811/12/14
Document Number: 38-07112 Rev. *F
Page 2 of 12
Pinouts
Figure 1. Pin Diagram - 8 Pin SOIC/TSSOP
Table 1. Pin Definition - 8 Pin SOIC/TSSOP
Functional Description
The CY25811/12/14 products are Spread Spectrum Clock
Generator (SSCG) ICs used for the purpose of reducing electro-
magnetic interference (EMI) found in today’s high speed digital
electronic systems.
The devices use a Cypress proprietary phase-locked loop (PLL)
and Spread Spectrum Clock (SSC) technology to synthesize and
modulate the frequency of the input clock. By frequency
modulating the clock, the measured EMI at the fundamental and
harmonic frequencies is greatly reduced.
This reduction in radiated energy can significantly reduce the
cost of complying with regulatory agency requirements and
improve time to market without degrading system performance.
The input frequency range is 4 to 32 MHz and accepts clock,
crystal and ceramic resonator inputs. The output clock can be
selected to produce 1x, 2x, or 4x multiplication of the input
frequency with Spread Spectrum Frequency Modulation.
The use of 2x or 4x frequency multiplication eliminates the need
for higher order crystals and enables the user to generate up to
128 MHz Spread Spectrum Clock (SSC) by using only first order
crystals. This reduces the cost while improving the system clock
accuracy, performance and complexity.
Center Spread or Down Spread frequency modulation can be
selected by the user based on four discrete values of Spread %
for each Spread mode with the option of a Non Spread mode for
system test and verification purposes.
The CY25811/12/14 products are available in an 8 pin SOIC (150
mil.) package with a commercial operating temperature range of
0 to 70
°C and Industrial Temperature range of –40 to 85°C. Refer
to CY25568 for multiple clock output options such as modulated
and unmodulated clock outputs or Power-down function. For
Automotive applications, refer to CY25811/12/14SE data sheets.
Input Frequency Range and Selection
The CY25811/12/14 input frequency range is 4 to 32 MHz. This
range is divided into three segments and controlled by a 3-Level
FRSEL pin as given in Table 2.
1
2
3
4
8
7
6
5
XIN/CLKIN
VSS
S1
S0
XOUT
VDD
FRSEL
SSCLK
CY25811
CY25812
CY25814
Pin No.
Name
Type
Description
1Xin/CLK
Crystal, ceramic resonator or clock input pin
2VSS
Power supply ground.
3S1
Digital Spread% control pin. 3-Level input (H-M-L). Default = M.
4S0
Digital Spread% control pin. 3-Level input (H-M-L). Default = M.
5
SSCLK
Spread Spectrum output clock.
6
FRSEL
Input frequency range selection digital control input. 3-Level input (H-M-L). Default = M.
7VDD
Positive power supply.
8XOUT
Crystal or ceramic resonator output pin.
Table 2. Input Frequency Selection
FRSEL
Input Frequency Range
0
4.0 to 8.0 MHz
1
8.0 to 16.0 MHz
M
16.0 to 32.0 MHz
[+] Feedback


Similar Part No. - CY25811SI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25811SI CYPRESS-CY25811SI Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
CY25811SIT CYPRESS-CY25811SIT Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
More results

Similar Description - CY25811SI

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com