Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXK2-PL12-Q00 Datasheet(PDF) 9 Page - Lumileds Lighting Company

Part # LXK2-PL12-Q00
Description  the most robust and powerful LED
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXK2-PL12-Q00 Datasheet(HTML) 9 Page - Lumileds Lighting Company

Back Button LXK2-PL12-Q00 Datasheet HTML 5Page - Lumileds Lighting Company LXK2-PL12-Q00 Datasheet HTML 6Page - Lumileds Lighting Company LXK2-PL12-Q00 Datasheet HTML 7Page - Lumileds Lighting Company LXK2-PL12-Q00 Datasheet HTML 8Page - Lumileds Lighting Company LXK2-PL12-Q00 Datasheet HTML 9Page - Lumileds Lighting Company LXK2-PL12-Q00 Datasheet HTML 10Page - Lumileds Lighting Company LXK2-PL12-Q00 Datasheet HTML 11Page - Lumileds Lighting Company LXK2-PL12-Q00 Datasheet HTML 12Page - Lumileds Lighting Company LXK2-PL12-Q00 Datasheet HTML 13Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
LUXEON K2 Datasheet DS51 (7/07)
9
Typical Electrical Characteristics at 700mA
Part Numbers LXK2xxx2xxx, Junction Temperature, TJ = 25ºC
Table 5.
T
Ty
yp
piic
ca
all F
Fo
orrw
wa
arrd
d V
Vo
olltta
ag
ge
e V
Vff [1]
C
Co
ollo
orr
((V
V))
CoolWhite
3.60
NeutralWhite
3.60
WarmWhite
3.60
Green
3.60
Cyan
3.60
Blue
3.60
Royal Blue
3.60
Red
3.60
RedOrange
3.60
Amber
3.60
Notes for Table 5:
1.
Philips Lumileds maintains a tolerance of +/0.06V on forward voltage measurements.
2.
Dynamic resistance is the inverse of the slope in linear forward voltage model for LEDs. See figures 14 and 15.
3
Measured between 25°C = TJ = 110°C at If = 700 mA.


Similar Part No. - LXK2-PL12-Q00

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXK2-PWC4-0160 LUMILEDS-LXK2-PWC4-0160 Datasheet
655Kb / 26P
   power LED
LXK2-PWC4-0180 LUMILEDS-LXK2-PWC4-0180 Datasheet
655Kb / 26P
   power LED
LXK2-PWC4-0200 LUMILEDS-LXK2-PWC4-0200 Datasheet
655Kb / 26P
   power LED
More results

Similar Description - LXK2-PL12-Q00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WE1010NA ETC2-WE1010NA Datasheet
417Kb / 1P
   The most powerful station in its class, now in a new design
logo
ATMEL Corporation
ATTINY48PRE ATMEL-ATTINY48PRE Datasheet
8Mb / 298P
   123 Powerful Instructions ??Most Single Clock Cycle Execution
AT90USB647 ATMEL-AT90USB647_14 Datasheet
11Mb / 456P
   135 powerful instructions ??most single clock cycle execution
ATMEGA48PA ATMEL-ATMEGA48PA_14 Datasheet
487Kb / 326P
   131 Powerful Instructions ??Most Single Clock Cycle Execution
ATMEGA48P ATMEL-ATMEGA48P_11 Datasheet
6Mb / 420P
   131 Powerful Instructions - Most Single Clock Cycle Execution
AT90PWM161 ATMEL-AT90PWM161_14 Datasheet
3Mb / 327P
   131 powerful instructions - most single clock cycle execution
ATMEGA48PV ATMEL-ATMEGA48PV_14 Datasheet
401Kb / 420P
   131 Powerful Instructions ??Most Single Clock Cycle Execution
logo
NEC
T120B-M NEC-T120B-M Datasheet
872Kb / 2P
   The powerful departmental server
T120G NEC-T120G Datasheet
963Kb / 2P
   The powerful departmental server
T120F NEC-T120F Datasheet
727Kb / 2P
   The powerful departmental server
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com