Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY3672 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY3672
Description  Programmable Spread Spectrum Clock Generator for EMI Reduction
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY3672 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY3672 Datasheet HTML 4Page - Cypress Semiconductor CY3672 Datasheet HTML 5Page - Cypress Semiconductor CY3672 Datasheet HTML 6Page - Cypress Semiconductor CY3672 Datasheet HTML 7Page - Cypress Semiconductor CY3672 Datasheet HTML 8Page - Cypress Semiconductor CY3672 Datasheet HTML 9Page - Cypress Semiconductor CY3672 Datasheet HTML 10Page - Cypress Semiconductor CY3672 Datasheet HTML 11Page - Cypress Semiconductor CY3672 Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CY25200
Document #: 38-07633 Rev. *D
Page 9 of 12
DC Electrical Specifications
Parameter[3]
Name
Description
Min
Typ.
Max
Unit
IOH3.3
Output High Current
VOH = VDD – 0.5V, VDD/VDDL = 3.3V
10
12
mA
IOL3.3
Output Low Current
VOL = 0.5V, VDD/VDDL = 3.3V
10
12
mA
IOH2.5
Output High Current
VOH = VDDL – 0.5V, VDDL = 2.5V
8
16
mA
IOL2.5
Output Low Current
VOL = 0.5V, VDDL = 2.5V
8
16
mA
VIH
Input High Voltage
CMOS levels, 70% of VDD
0.7
1.0
VDD
VIL
Input Low Voltage
CMOS levels, 30% of VDD
0–
0.3
VDD
IVDD
[4]
Supply Current
AVDD/VDD Current
33
mA
IVDDL2.5
[4]
Supply Current
VDDL Current (VDDL = 2.625V)
20
mA
IVDDL3.3
[4]
Supply Current
VDDL Current (VDDL = 3.465V)
26
mA
IDDS
Power Down Current
VDD = VDDL = AVDD = 3.465V
50
uA
IOHZ
IOLZ
Output Leakage
VDD = VDDL = AVDD = 3.465V
10
uA
Notes
2. Rated for 10 years.
3. Not 100% tested, guaranteed by design.
4. IVDD currents specified for SSCLK1/2/3/4/5/6 = 33.33 MHz with CLKIN = 14.318 MHz and 15 pF on all the output clocks.
[+] Feedback


Similar Part No. - CY3672

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY3672 CYPRESS-CY3672 Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY3672 CYPRESS-CY3672 Datasheet
157Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY3672 CYPRESS-CY3672 Datasheet
201Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
CY3672 CYPRESS-CY3672 Datasheet
156Kb / 9P
   One-PLL General Purpose Flash Programmable Clock Generator
CY3672 CYPRESS-CY3672 Datasheet
212Kb / 10P
   200-MHz Field Programmable Zero Delay Buffer
More results

Similar Description - CY3672

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25200 CYPRESS-CY25200_12 Datasheet
583Kb / 15P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200 Datasheet
280Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25000 CYPRESS-CY25000 Datasheet
271Kb / 10P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_09 Datasheet
380Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25100 CYPRESS-CY25100 Datasheet
279Kb / 11P
   Field- and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25100 CYPRESS-CY25100_08 Datasheet
372Kb / 13P
   Field and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15101 SPECTRALINEAR-SL15101 Datasheet
194Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15300 SPECTRALINEAR-SL15300 Datasheet
372Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com