Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25200FZXC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY25200FZXC
Description  Programmable Spread Spectrum Clock Generator for EMI Reduction
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25200FZXC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY25200FZXC Datasheet HTML 4Page - Cypress Semiconductor CY25200FZXC Datasheet HTML 5Page - Cypress Semiconductor CY25200FZXC Datasheet HTML 6Page - Cypress Semiconductor CY25200FZXC Datasheet HTML 7Page - Cypress Semiconductor CY25200FZXC Datasheet HTML 8Page - Cypress Semiconductor CY25200FZXC Datasheet HTML 9Page - Cypress Semiconductor CY25200FZXC Datasheet HTML 10Page - Cypress Semiconductor CY25200FZXC Datasheet HTML 11Page - Cypress Semiconductor CY25200FZXC Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CY25200
Document #: 38-07633 Rev. *D
Page 11 of 12
Package Drawing and Dimensions
Figure 8. 16-lead TSSOP 4.40 MM Body Z16.173
Notes
5. Skew and phase alignment is guaranteed within all SSCLK outputs and within both REFOUT outputs. SSCLK and REFOUT outputs are not phase aligned to each other.
6. “XXX” denotes the assigned product dash number. “W” denotes the different revisions of the product.
Ordering Information
Ordering Code[6]
Package Type
Programming Temperature Operating Range
CY25200ZXC_XXXW
16-lead TSSOP (Pb Free)
Factory
Commercial, 0 to 70°C
CY25200ZXC_XXXWT
16-lead TSSOP – Tape and Reel (Pb Free)
Factory
Commercial, 0 to 70°C
CY25200FZXC
16-lead TSSOP (Pb Free)
Field
Commercial, 0 to 70°C
CY25200FZXCT
16-lead TSSOP – Tape and Reel (Pb Free)
Field
Commercial, 0 to 70°C
CY3672
FTG Development Kit
N/A
N/A
CY3672-PRG
FTG Programmer
N/A
N/A
CY3695
CY22050F/CY22150F/CY25200F Socket Adapter
N/A
N/A
Table 5. 16-lead TSSOP Package Characteristics
Parameter
Name
Value
Unit
θ
JA
theta JA
115
°C/W
4.90[0.193]
1.10[0.043] MAX.
0.65[0.025]
0.20[0.008]
0.05[0.002]
16
PIN1ID
6.50[0.256]
SEATING
PLANE
1
0.076[0.003]
6.25[0.246]
4.50[0.177]
4.30[0.169]
BSC.
5.10[0.200]
0.15[0.006]
0.19[0.007]
0.30[0.012]
0.09[[0.003]
BSC
0.25[0.010]
0°-8°
0.70[0.027]
0.50[0.020]
0.95[0.037]
0.85[0.033]
PLANE
GAUGE
DIMENSIONS IN MM[INCHES] MIN.
MAX.
REFERENCE JEDEC MO-153
PACKAGE WEIGHT 0.05gms
51-85091-*A
[+] Feedback


Similar Part No. - CY25200FZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25200FZXC CYPRESS-CY25200FZXC Datasheet
380Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200FZXCT CYPRESS-CY25200FZXCT Datasheet
380Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
More results

Similar Description - CY25200FZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25200 CYPRESS-CY25200_12 Datasheet
583Kb / 15P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200 Datasheet
280Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25000 CYPRESS-CY25000 Datasheet
271Kb / 10P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_09 Datasheet
380Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25100 CYPRESS-CY25100 Datasheet
279Kb / 11P
   Field- and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25100 CYPRESS-CY25100_08 Datasheet
372Kb / 13P
   Field and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15101 SPECTRALINEAR-SL15101 Datasheet
194Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15300 SPECTRALINEAR-SL15300 Datasheet
372Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com