Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25402 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY25402
Description  Two PLL Programmable Clock Generator with Spread Spectrum
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25402 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY25402 Datasheet HTML 1Page - Cypress Semiconductor CY25402 Datasheet HTML 2Page - Cypress Semiconductor CY25402 Datasheet HTML 3Page - Cypress Semiconductor CY25402 Datasheet HTML 4Page - Cypress Semiconductor CY25402 Datasheet HTML 5Page - Cypress Semiconductor CY25402 Datasheet HTML 6Page - Cypress Semiconductor CY25402 Datasheet HTML 7Page - Cypress Semiconductor CY25402 Datasheet HTML 8Page - Cypress Semiconductor CY25402 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CY25402/CY25422/CY25482
Document #: 001-12565 Rev. *B
Page 3 of 10
Figure 2. Pin Diagram - CY25482 8-LD SOIC
Table 2. Pin Definition - CY25482 (2.5V, 3.0V or 3.3V Supply)
Figure 3. Pin Diagram - CY25422 8-LD SOIC
Table 3. Pin Definition - CY25422 (1.8V Supply)
Pin Number
Name
IO
Description
1
EXCLKIN
Input
2.5V, 3.0V or 3.3V External Clock Input
2
VDD
Power
Power Supply: 2.5V, 3.0V or 3.3V
3
CLK1
Output
Programmable Clock Output with Spread Spectrum
4
REFOUT/FS0
Output/Input
Multifunction Programmable pin: Reference Clock Output or Frequency Select pin
5
PD#/OE/FS1
Input
Multifunction Programmable pin: Power Down, Output Enable or Frequency Select
pin
6
CLK2/SSON
Output/Input
Multifunction Programmable pin: Programmable Clock Output with Spread
Spectrum or Spread Spectrum ON/OFF control pin
7
GND
Power
Power Supply Ground
8
DNU
Output
Do not use this pin
Pin Number
Name
IO
Description
1
XIN/EXCLKIN
Input
Crystal Input or 1.8V External Clock Input
2
VDD
Power
Power Supply: 1.8V
3
CLK1
Output
Programmable Clock Output with Spread Spectrum
4
REFOUT/FS0
Output/Input
Multifunction Programmable pin: Reference Clock Output or Frequency Select pin
5
PD#/OE/FS1
Input
Multifunction Programmable pin: Power Down, Output Enable or Frequency Select
pin
6
CLK2/SSON
Output/Input
Multifunction Programmable pin: Programmable Clock Output with Spread
Spectrum or Spread Spectrum ON/OFF control pin
7
GND
Power
Power Supply Ground
8
XOUT
Output
Crystal Output
VDD
CY25482
1
2
3
4
8
7
6
5
DNU
GND
PD#/OE/FS1
EXCLKIN
CLK1
REFOUT/
FS0
CLK2/SSON
CY25422
1
2
3
4
8
7
6
5
XOUT
GND
PD#/OE/FS1
XIN/
EXCLKIN
VDD
CLK1
REFOUT/
FS0
CLK2/SSON
[+] Feedback


Similar Part No. - CY25402

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25402 CYPRESS-CY25402 Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402 Datasheet
215Kb / 14P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402FSXC CYPRESS-CY25402FSXC Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402FSXI CYPRESS-CY25402FSXI Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402FSXIT CYPRESS-CY25402FSXIT Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
More results

Similar Description - CY25402

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25402 CYPRESS-CY25402_11 Datasheet
215Kb / 14P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402 Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY2544 CYPRESS-CY2544 Datasheet
318Kb / 11P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY25403 CYPRESS-CY25403_11 Datasheet
253Kb / 14P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25403 CYPRESS-CY25403 Datasheet
261Kb / 8P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25404 CYPRESS-CY25404 Datasheet
216Kb / 13P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY2545 CYPRESS-CY2545 Datasheet
339Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545_0710 CYPRESS-CY2545_0710 Datasheet
334Kb / 15P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545 CYPRESS-CY2545_11 Datasheet
436Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com