Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25402 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY25402
Description  Two PLL Programmable Clock Generator with Spread Spectrum
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25402 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY25402 Datasheet HTML 2Page - Cypress Semiconductor CY25402 Datasheet HTML 3Page - Cypress Semiconductor CY25402 Datasheet HTML 4Page - Cypress Semiconductor CY25402 Datasheet HTML 5Page - Cypress Semiconductor CY25402 Datasheet HTML 6Page - Cypress Semiconductor CY25402 Datasheet HTML 7Page - Cypress Semiconductor CY25402 Datasheet HTML 8Page - Cypress Semiconductor CY25402 Datasheet HTML 9Page - Cypress Semiconductor CY25402 Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CY25402/CY25422/CY25482
Document #: 001-12565 Rev. *B
Page 7 of 10
AC Electrical Specifications
Parameter
Description
Conditions
Min
Typ
Max
Unit
FIN (crystal)
Crystal Frequency, XIN
8
48
MHz
FIN (clock)
Input Clock Frequency
(EXCLKIN)
8
166
MHz
FCLK
Output Clock Frequency
3
166
MHz
DC
Output Duty Cycle, All
Clocks except Ref Out
Duty Cycle is defined in
Figure 5 on page 8; t1/t2, measured
at 50% of VDD
45
50
55
%
DC
Ref Out Duty Cycle
Ref In Min 45%, Max 55%
40
60
%
TRF1
[1]
Output Rise/Fall Time
Measured from 20% to 80% of VDD, as shown in Figure 6
on page 8, CLOAD = 15 pF, drive strength [00]
–6.8
ns
TRF2
[1]
Output Rise/Fall Time
Measured from 20% to 80% of VDD, as shown in Figure 6
on page 8, CLOAD = 15 pF, drive strength [01]
–3.4
ns
TRF3
[1]
Output Rise/Fall Time
Measured from 20% to 80% of VDD, as shown in Figure 6
on page 8, CLOAD = 15 pF, drive strength [10]
–2.0
ns
TRF4
[1]
Output Rise/Fall Time
Measured from 20% to 80% of VDD, as shown in Figure 6
on page 8, CLOAD = 15 pF, drive strength [11]
–1.0
ns
TCCJ
[1,2]
Cycle-to-cycle Jitter
(peak)
Configuration dependent. See Table 5
100
ps
TLOCK
[1]
PLL Lock Time
Measured from 90% of the applied power supply level
1
3
ms
Table 5. Configuration Example for C-C Jitter
Ref. Frequency
(MHz)
CLK1 Output
CLK2 Output
Freq. (MHz)
C-C Jitter Typ
(ps)
Freq. (MHz)
C-C Jitter Typ
(ps)
14.3181
8.0
134
48
92
19.2
74.25
99
8
91
27
48
67
166
103
48
48
93
166
137
Recommended Crystal Specification for SMD Package
Parameter
Description
Range 1 Range 2 Range 3
Unit
Fmin
Minimum Frequency
8
14
28
MHz
Fmax
Maximum Frequency
14
28
48
MHz
R1
Motional Resistance (ESR)
135
50
30
Ω
C0
Shunt Capacitance
4
4
2
pF
CL
Parallel Load Capacitance
18
14
12
pF
DL(max)
Maximum Crystal Drive Level
300
300
300
µW
Recommended Crystal Specification for Thru-Hole Package
Parameter
Description
Range 1 Range 2 Range 3
Unit
Fmin
Minimum Frequency
8
14
24
MHz
Fmax
Maximum Frequency
14
24
32
MHz
R1
Motional Resistance (ESR)
90
50
30
Ω
C0
Shunt Capacitance
7
7
7
pF
CL
Parallel Load Capacitance
18
12
12
pF
DL(max)
Maximum Crystal Drive Level
1000
1000
1000
µW
[+] Feedback


Similar Part No. - CY25402

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25402 CYPRESS-CY25402 Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402 Datasheet
215Kb / 14P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402FSXC CYPRESS-CY25402FSXC Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402FSXI CYPRESS-CY25402FSXI Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402FSXIT CYPRESS-CY25402FSXIT Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
More results

Similar Description - CY25402

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25402 CYPRESS-CY25402_11 Datasheet
215Kb / 14P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402 Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY2544 CYPRESS-CY2544 Datasheet
318Kb / 11P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY25403 CYPRESS-CY25403_11 Datasheet
253Kb / 14P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25403 CYPRESS-CY25403 Datasheet
261Kb / 8P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25404 CYPRESS-CY25404 Datasheet
216Kb / 13P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY2545 CYPRESS-CY2545 Datasheet
339Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545_0710 CYPRESS-CY2545_0710 Datasheet
334Kb / 15P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545 CYPRESS-CY2545_11 Datasheet
436Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com