Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1888 Datasheet(PDF) 6 Page - Analog Devices

Part # AD1888
Description  AC 97 SoundMAX Codec
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1888 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD1888 Datasheet HTML 2Page - Analog Devices AD1888 Datasheet HTML 3Page - Analog Devices AD1888 Datasheet HTML 4Page - Analog Devices AD1888 Datasheet HTML 5Page - Analog Devices AD1888 Datasheet HTML 6Page - Analog Devices AD1888 Datasheet HTML 7Page - Analog Devices AD1888 Datasheet HTML 8Page - Analog Devices AD1888 Datasheet HTML 9Page - Analog Devices AD1888 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD1888
Rev. A | Page 6 of 32
TIMING PARAMETERS
Guaranteed over operating temperature range.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
RESET Active Low Pulse Width
tRST_LOW
1.0
μs
RESET Inactive to BIT_CLK Startup Delay
tRST2CLK
162.8
400,000
ns
SYNC Active High Pulse Width
tSYNC_HIGH
1.3
μs
SYNC Low Pulse Width
tSYNC_LOW
19.5
μs
SYNC Inactive to BIT_CLK Startup Delay
tSYNC2CLK
162.8
ns
BIT_CLK Frequency
12.288
MHz
BIT_CLK Frequency Accuracy
±1.0
ppm
BIT_CLK Period
tCLK_PERIOD
81.4
ns
BIT_CLK Output Jitter1, 2
750
ps
BIT_CLK High Pulse Width
tCLK_HIGH
40
41.7
ns
BIT_CLK Low Pulse Width
tCLK_LOW
39.7
41.4
ns
SYNC Frequency
48.0
kHz
SYNC Period
tSYNC_PERIOD
20.8
μs
Setup to Falling Edge of BIT_CLK
tSETUP
4
ns
Hold from Falling Edge of BIT_CLK
tHOLD
3
ns
BIT_CLK Rise Time
tRISECLK
2
4
6
ns
BIT_CLK Fall Time
tFALLCLK
2
4
6
ns
SYNC Rise Time
tRISESYNC
2
4
6
ns
SYNC Fall Time
tFALLSYNC
2
4
6
ns
SDATA_IN Rise Time
tRISEDIN
2
4
6
ns
SDATA_IN Fall Time
tFALLDIN
2
4
6
ns
SDATA_OUT Rise Time
tRISEDOUT
2
4
6
ns
SDATA_OUT Fall Time
tFALLDOUT
2
4
6
ns
End of Slot 2 to BIT_CLK, SDATA_IN Low
tS2_PDOWN
0
1.0
μs
Setup to RESET Inactive (SYNC, SDATA_OUT)
tSETUP2RST
15
ns
Rising Edge of RESET to Hi-Z Delay
tOFF
25
ns
Propagation Delay
15
ns
RESET Rise Time
50
ns
Output Valid Delay from BIT_CLK Rising
15
ns
1 Guaranteed but not tested.
2 Output jitter directly dependent on crystal input jitter.
RESET
BIT_CLK
SDATA_IN
tRST_LOW
tRST2CLK
tTRI2ACTV
tTRI2ACTV
Figure 2. Cold Reset Timing (Codec is Supplying the Bit_CLK Signal)
SYNC
BIT_CLK
tSYNC_HIGH
tSYNC2CLK
Figure 3. Warm Reset Timing


Similar Part No. - AD1888

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1888 AD-AD1888 Datasheet
312Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
AD1888JCP AD-AD1888JCP Datasheet
312Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
AD1888JCP-REEL AD-AD1888JCP-REEL Datasheet
312Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
AD1888JST AD-AD1888JST Datasheet
312Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
AD1888JST-REEL AD-AD1888JST-REEL Datasheet
312Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
More results

Similar Description - AD1888

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1885 AD-AD1885_15 Datasheet
292Kb / 27P
   AC 97 SoundMAX Codec
REV. 0
AD1887 AD-AD1887_15 Datasheet
160Kb / 16P
   AC 97 SoundMAX Codec
REV. 0
AD1981A AD-AD1981A_15 Datasheet
188Kb / 24P
   AC 97 SoundMAX Codec
REV. 0
AD1881JST AD-AD1881JST Datasheet
5Mb / 22P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL Datasheet
969Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1980JST-REEL AD-AD1980JST-REEL Datasheet
524Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A_15 Datasheet
261Kb / 28P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL_15 Datasheet
970Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1881A AD-AD1881A_15 Datasheet
261Kb / 26P
   AC 97 SoundMAX Codec
REV. 0
AD1981BBSTZ AD-AD1981BBSTZ Datasheet
979Kb / 32P
   AC 97 SoundMAX Codec
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com