Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

59-23UWD Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 59-23UWD
Description  Luminosity white Color LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

59-23UWD Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  59-23UWD Datasheet HTML 1Page - Everlight Electronics Co., Ltd 59-23UWD Datasheet HTML 2Page - Everlight Electronics Co., Ltd 59-23UWD Datasheet HTML 3Page - Everlight Electronics Co., Ltd 59-23UWD Datasheet HTML 4Page - Everlight Electronics Co., Ltd 59-23UWD Datasheet HTML 5Page - Everlight Electronics Co., Ltd 59-23UWD Datasheet HTML 6Page - Everlight Electronics Co., Ltd 59-23UWD Datasheet HTML 7Page - Everlight Electronics Co., Ltd 59-23UWD Datasheet HTML 8Page - Everlight Electronics Co., Ltd 59-23UWD Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
59-23 UWD/TR8
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1.0
Page: 3 of 10
Device No.: DSE-593-001
Prepared date: 14-OCT-2004
Prepared by: Jeff Tsai
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-25 ~ +80
Storage Temperature
Tstg
-40 ~ +90
Soldering Temperature
Tsol
260 (for 5 second)
Electrostatic Discharge (HBM)
ESD
1000
V
Power Dissipation
Pd
111
mW
Forward Current
IF
30
mA
Peak Forward Current
(Duty 1/10 @ 400ms)
IFP
100
mA
* The value are base d on the 1-die performance.
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
3.0
5.0
10.0
IF=20mA*2
Luminous Intensity*1
Iv
7.0
15.0
35.0
cd
IFP=100mA*2
(Duty 1/10 @ 400ms)
Viewing Angle*1
1/2
-----
60
-----
deg
IF=20mA*2
Forward Voltage*2
2.7
3.3
3.7
IF=20mA*2
Forward Voltage*2
VF
3.6
4.4
5.2
V
IFP=100mA*2
(Duty 1/10 @ 400ms)
Reverse Current*2
IR
-----
-----
50
μA
VR=5V*2
*1
When 3 LED dies are operated simultaneously.
*2
For each die.
Note: The products are sensitive to static electricity and care must be fully taken when
handling products.


Similar Part No. - 59-23UWD

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
59-23UWD-TR8 EVERLIGHT-59-23UWD-TR8 Datasheet
159Kb / 10P
   Luminosity white Color LED
59-23UWD/TR8 EVERLIGHT-59-23UWD/TR8 Datasheet
159Kb / 10P
   Luminosity white Color LED
More results

Similar Description - 59-23UWD

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
61-25UTC EVERLIGHT-61-25UTC Datasheet
158Kb / 10P
   Luminosity white Color LED
47-23UWD EVERLIGHT-47-23UWD Datasheet
185Kb / 10P
   Luminosity White Color LED
59-146UWD-TR8 EVERLIGHT-59-146UWD-TR8 Datasheet
190Kb / 10P
   Luminosity white Color LED
61-25-UWC-S400-A6-TR8 EVERLIGHT-61-25-UWC-S400-A6-TR8 Datasheet
163Kb / 10P
   Luminosity white Color LED
69-23BUMD-TR8 EVERLIGHT-69-23BUMD-TR8 Datasheet
239Kb / 11P
   Luminosity white Color LED
59-146UTD-TR8 EVERLIGHT-59-146UTD-TR8 Datasheet
142Kb / 10P
   Luminosity white Color LED
59-14UWD EVERLIGHT-59-14UWD Datasheet
162Kb / 10P
   Luminosity white Color LED
59-146UWD EVERLIGHT-59-146UWD Datasheet
190Kb / 10P
   Luminosity white Color LED
67-235UWC-TR8 EVERLIGHT-67-235UWC-TR8_09 Datasheet
251Kb / 11P
   Luminosity white Color LED
59-14UWD-TR8 EVERLIGHT-59-14UWD-TR8 Datasheet
162Kb / 10P
   Luminosity white Color LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com