Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXML-PWN1-0070 Datasheet(PDF) 8 Page - Lumileds Lighting Company

Part # LXML-PWN1-0070
Description  ultra-compact, surface-mount, high-power LED
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXML-PWN1-0070 Datasheet(HTML) 8 Page - Lumileds Lighting Company

Back Button LXML-PWN1-0070 Datasheet HTML 4Page - Lumileds Lighting Company LXML-PWN1-0070 Datasheet HTML 5Page - Lumileds Lighting Company LXML-PWN1-0070 Datasheet HTML 6Page - Lumileds Lighting Company LXML-PWN1-0070 Datasheet HTML 7Page - Lumileds Lighting Company LXML-PWN1-0070 Datasheet HTML 8Page - Lumileds Lighting Company LXML-PWN1-0070 Datasheet HTML 9Page - Lumileds Lighting Company LXML-PWN1-0070 Datasheet HTML 10Page - Lumileds Lighting Company LXML-PWN1-0070 Datasheet HTML 11Page - Lumileds Lighting Company LXML-PWN1-0070 Datasheet HTML 12Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
LUXEON Rebel Datasheet DS56 (7/07)
8
Absolute Maximum Ratings
Table 5.
P
Pa
arra
am
me
ette
err
C
Co
oo
oll W
Wh
hiitte
e // N
Ne
eu
uttrra
all W
Wh
hiitte
e // W
Wa
arrm
m W
Wh
hiitte
e
R
Re
ed
d // R
Re
ed
d O
Orra
an
ng
ge
e // A
Am
mb
be
err
// G
Grre
ee
en
n // C
Cy
ya
an
n // B
Bllu
ue
e // R
Ro
oy
ya
all B
Bllu
ue
e
DC Forward Current (mA)
1000
700
Peak Pulsed Forward Current (mA)
1000
700
Average Forward Current (mA)
1000
700
ESD Sensitivity
< 8000V Human Body Model (HBM)
< 8000V Human Body Model (HBM)
Class 2 JESD22A114B
Class 2 JESD22A114B
< 400V Machine Model (MM)
< 400V Machine Model (MM)
Class 2 JESD22A115B
Class 2 JESD22A115B
LED Junction Temperature
[1]
150°C
135°C
Operating Case Temperature at 350mA
40°C
135°C
40°C
120°C
Storage Temperature
40°C
135°C
40°C
135°C
Soldering Temperature
JEDEC 020c 260°C
JEDEC 020c 260°C
Allowable Reflow Cycles
3
3
Autoclave Conditions
121°C at 2 ATM
100% Relative Humidity for 96 Hours Maximum
Reverse Voltage (Vr)
See Note 2
See Note 2
Notes for Table 5:
1.
Proper current derating must be observed to maintain junction temperature below the maximum.
2.
LUXEON Rebel LEDs are not designed to be driven in reverse bias.
JEDEC Moisture Sensitivity
Table 6.
S
So
oa
ak
k R
Re
eq
qu
uiirre
em
me
en
ntts
s
L
Le
ev
ve
ell
F
Fllo
oo
orr L
Liiffe
e
S
Stta
an
nd
da
arrd
d
T
Tiim
me
e
C
Co
on
nd
diittiio
on
ns
s
T
Tiim
me
e
C
Co
on
nd
diittiio
on
ns
s
((h
ho
ou
urrs
s))
1
unlimited
≤ 30°C /
168
85°C / 85%
85% RH
+ 5/0
RH


Similar Part No. - LXML-PWN1-0070

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXML-PWN1-0090 ETC2-LXML-PWN1-0090 Datasheet
1Mb / 26P
   LUXEON짰 Rebel General Purpose White Portfolio
LXML-PWN1-0090 ETC2-LXML-PWN1-0090 Datasheet
2Mb / 26P
   LUXEON Rebel General Purpose White Portfolio
logo
Lumileds Lighting Compa...
LXML-PWN1-0090 LUMILEDS-LXML-PWN1-0090 Datasheet
2Mb / 26P
   General purpose white
LXML-PWN1-0090 LUMILEDS-LXML-PWN1-0090 Datasheet
1Mb / 2P
   General purpose white
More results

Similar Description - LXML-PWN1-0070

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC410 SHARP-PC410 Datasheet
50Kb / 5P
   Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
PC417 SHARP-PC417 Datasheet
58Kb / 5P
   Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
logo
STANLEY ELECTRIC CO.,LT...
UB1112H STANLEY-UB1112H Datasheet
73Kb / 6P
   ULTRA HIGH BRIGHTNESS TYPE SURFACE MOUNT LED
logo
List of Unclassifed Man...
EESX1109 ETC-EESX1109 Datasheet
208Kb / 9P
   Ultra-Compact Photomicrosensors with Surface-Mount Design
logo
Inolux Corporation
IN-3021PUV INOLUX-IN-3021PUV Datasheet
662Kb / 10P
   Surface Mount High Power Ultraviolet LED
IN-5051SCUV INOLUX-IN-5051SCUV Datasheet
631Kb / 12P
   Surface Mount High Power Ultraviolet LED
IN-5053PUV INOLUX-IN-5053PUV Datasheet
704Kb / 12P
   Surface Mount High Power Ultraviolet LED
IN-7074GCUV INOLUX-IN-7074GCUV Datasheet
1Mb / 14P
   Surface Mount High Power Ultraviolet LED
IN-3531ACUV INOLUX-IN-3531ACUV Datasheet
1Mb / 13P
   Surface Mount High Power Ultraviolet LED
IN-505FCHWV INOLUX-IN-505FCHWV Datasheet
3Mb / 12P
   Inolux Surface Mount High Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com