Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXHL-BW03 Datasheet(PDF) 6 Page - Lumileds Lighting Company

Part # LXHL-BW03
Description  power light source LUXEON짰 Warm White Emitter and Star
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXHL-BW03 Datasheet(HTML) 6 Page - Lumileds Lighting Company

Back Button LXHL-BW03 Datasheet HTML 2Page - Lumileds Lighting Company LXHL-BW03 Datasheet HTML 3Page - Lumileds Lighting Company LXHL-BW03 Datasheet HTML 4Page - Lumileds Lighting Company LXHL-BW03 Datasheet HTML 5Page - Lumileds Lighting Company LXHL-BW03 Datasheet HTML 6Page - Lumileds Lighting Company LXHL-BW03 Datasheet HTML 7Page - Lumileds Lighting Company LXHL-BW03 Datasheet HTML 8Page - Lumileds Lighting Company LXHL-BW03 Datasheet HTML 9Page - Lumileds Lighting Company LXHL-BW03 Datasheet HTML 10Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
LUXEON Warm White Emitter & Star DS47 (7/06)
6
Flux Characteristics of 5500K LUXEON at 350mA,
Junction Temperature, TJ = 25ºC
Table 4.
T
Ty
yp
piic
ca
all L
Lu
um
miin
no
ou
us
s
C
Co
ollo
orr
R
Ra
ad
diia
attiio
on
n
F
Fllu
ux
x ((llm
m))
P
Pa
arrtt N
Nu
um
mb
be
err
T
Te
em
mp
pe
erra
attu
urre
e
C
Co
on
nffiig
gu
urra
attiio
on
n
P
Pa
atttte
errn
n
Φ
Φ
V
[2]
LXHLBW02
[1]
5500 K
Emitter
Batwing
45
LXHLPW01
[1]
5500 K
Emitter
Lambertian
45
LXHLDW01
[1]
5500 K
Emitter
Side Emitting
40.5
LXHLMWEC
[1]
5500 K
Star
Batwing
45
LXHLMW1D
[1]
5500 K
Star
Lambertian
45
LXHLFW1C
[1]
5500 K
Star
Side Emitting
40.5
LXHLNWE8
[1]
5500 K
Star/O
[2]
Collimated
38
LXHLMWEA
[1]
5500 K
Star/C
Batwing
45
LXHLMW1B
[1]
5500 K
Star/C
Lambertian
45
Notes for Table 4:
1.
5500K LUXEON product data shown for reference only. For more detailed information on these products please consult
Technical Data Sheets DS23 and DS25 for Star and Emitter products, respectively.
2.
The efficiency of collimating optics is approximately 85%.
3.
LUXEON types with even higher luminous flux levels will become available in the future. Please consult your Philips
Lumileds Authorized Distributor or Philips Lumileds sales representative for more information.
Optical Characteristics at 350mA, Junction Temperature, TJ = 25ºC
Table 5.
T
To
otta
all IIn
nc
cllu
ud
de
ed
d
V
Viie
ew
wiin
ng
g A
An
ng
glle
e [[22]]
T
Ty
yp
piic
ca
all C
Ca
an
nd
de
ella
a
A
An
ng
glle
e [[11]] ((d
de
eg
grre
ee
e))
((d
de
eg
grre
ee
e))
o
on
n A
Ax
xiis
s [[33]]
P
Pa
arrtt N
Nu
um
mb
be
err
C
Co
on
nffiig
gu
urra
attiio
on
n
θθ
0
0..9
90
0V
V
2
2
θθ 11//22
((c
cd
d))
LXHLBW03
Emitter
110
110
N/A
LXHLMWGC
Star
110
110
N/A
LXHLNWG8
Star/O
25
10
200
Notes for Table 5:
1.
Total angle at which 90% of total luminous flux is captured.
2.
θ½ is the off axis angle from lamp centerline where the luminous intensity is ½ of the peak value.
3.
Typical Candela value listed for collimated Star/O product only.
4.
All products built with Indium Gallium Nitride (InGaN).
Electrical Characteristics at 350mA, Junction Temperature, TJ = 25ºC
Table 6.
T
Te
em
mp
pe
erra
attu
urre
e C
Co
oe
effffiic
ciie
en
ntt
F
Fo
orrw
wa
arrd
d V
Vo
olltta
ag
ge
e V
VFF [[11]]
D
Dy
yn
na
am
miic
c
o
off F
Fo
orrw
wa
arrd
d V
Vo
olltta
ag
ge
e [[33]]
T
Th
he
errm
ma
all R
Re
es
siis
stta
an
nc
ce
e,,
((V
V))
R
Re
es
siis
stta
an
nc
ce
e [[22]]
((m
mV
V//ººC
C))
J
Ju
un
nc
cttiio
on
n tto
o C
Ca
as
se
e
P
Pa
arrtt N
Nu
um
mb
be
err
M
Miin
n..
T
Ty
yp
p..
M
Ma
ax
x..
((
Ω
Ω)) R
RDD
ΔΔVV
F
F // Δ
ΔTT
J
J
((ººC
C//W
W)) R
R
θθ
J
J C
C
LXHLBW03
2.79
3.42
3.99
1.0
2.0
15
Notes for Table 6:
1.
Philips Lumileds maintains a tolerance of ± 0.06V on forward voltage measurements.
2.
Dynamic resistance is the inverse of the slope in linear forward voltage model for LEDs. See Figures 3a and 3b.
3.
Measured between 25°C
≤ T
J ≤ 110°C at IF = 350mA.


Similar Part No. - LXHL-BW03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXHL-BW03 ETC-LXHL-BW03 Datasheet
579Kb / 18P
   Luxeon Emitter
logo
Lumileds Lighting Compa...
LXHL-BW03 LUMILEDS-LXHL-BW03 Datasheet
956Kb / 19P
   power light source LUXEON짰 Emitter
More results

Similar Description - LXHL-BW03

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS25 LUMILEDS-DS25 Datasheet
956Kb / 19P
   power light source LUXEON짰 Emitter
DS46 LUMILEDS-DS46 Datasheet
368Kb / 15P
   power light source LUXEON짰 III Star
DS45 LUMILEDS-DS45 Datasheet
916Kb / 17P
   power light source LUXEON짰 III Emitter
DS49 LUMILEDS-DS49 Datasheet
404Kb / 11P
   power light source LUXEON짰 Flash
DS26 LUMILEDS-DS26 Datasheet
259Kb / 4P
   power light source LUXEON짰 Collimator
DS52 LUMILEDS-DS52 Datasheet
250Kb / 8P
   power light source LUXEON짰 Portable PWT
DS50 LUMILEDS-DS50 Datasheet
600Kb / 11P
   power light source LUXEON짰 Flash Module
DS40 LUMILEDS-DS40 Datasheet
667Kb / 11P
   power light source LUXEON짰 V Portable
DS30 LUMILEDS-DS30 Datasheet
342Kb / 7P
   power light source Luxeon V Star
AB05 LUMILEDS-AB05 Datasheet
376Kb / 12P
   LUXEON짰 Power Light Sources
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com