Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXML-PWC1-0090 Datasheet(PDF) 6 Page - Lumileds Lighting Company

Part # LXML-PWC1-0090
Description  ultra-compact, surface-mount, high-power LED
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXML-PWC1-0090 Datasheet(HTML) 6 Page - Lumileds Lighting Company

Back Button LXML-PWC1-0090 Datasheet HTML 2Page - Lumileds Lighting Company LXML-PWC1-0090 Datasheet HTML 3Page - Lumileds Lighting Company LXML-PWC1-0090 Datasheet HTML 4Page - Lumileds Lighting Company LXML-PWC1-0090 Datasheet HTML 5Page - Lumileds Lighting Company LXML-PWC1-0090 Datasheet HTML 6Page - Lumileds Lighting Company LXML-PWC1-0090 Datasheet HTML 7Page - Lumileds Lighting Company LXML-PWC1-0090 Datasheet HTML 8Page - Lumileds Lighting Company LXML-PWC1-0090 Datasheet HTML 9Page - Lumileds Lighting Company LXML-PWC1-0090 Datasheet HTML 10Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
LUXEON Rebel Datasheet DS56 (7/07)
6
Optical Characteristics
Lambertian LUXEON Rebel at Test Current[1]
Thermal Pad Temperature = 25°C
Table 2.
T
Ty
yp
piic
ca
all
T
Te
em
mp
pe
erra
attu
urre
e
T
Ty
yp
piic
ca
all
D
Do
om
miin
na
an
ntt W
Wa
av
ve
elle
en
ng
gtth
h [2]
λλ
D
D,,
T
Ty
yp
piic
ca
all
C
Co
oe
effffiic
ciie
en
ntt o
off
T
To
otta
all
T
Ty
yp
piic
ca
all
P
Pe
ea
ak
k W
Wa
av
ve
elle
en
ng
gtth
h [3]
λλ
P
P,,
S
Sp
pe
ec
cttrra
all
D
Do
om
miin
na
an
ntt
IIn
nc
cllu
ud
de
ed
d
V
Viie
ew
wiin
ng
g
o
orr C
Co
ollo
orr T
Te
em
mp
pe
erra
attu
urre
e [4]
H
Ha
allff w
wiid
dtth
h [6]
W
Wa
av
ve
elle
en
ng
gtth
h
A
An
ng
glle
e [7]
A
An
ng
glle
e [8]
C
CC
CT
T
((n
nm
m))
((n
nm
m//ooC
C))
((d
de
eg
grre
ee
es
s))
((d
de
eg
grre
ee
es
s))
C
Co
ollo
orr
M
Miin
n..
T
Ty
yp
p..
M
Ma
ax
x..
ΔΔλλ
1
1//2
2
ΔΔλλ
D
D/
/
ΔΔTT
J
J
θθ
0
0..9
90
0V
V
2
2
θθ 11//22
CoolWhite
4500 K
6500 K
10,000 K
N/A
N/A
160
140
NeutralWhite
3500 K
4100 K
4500 K
N/A
N/A
160
140
WarmWhite
2670 K
3100 K
3500 K
N/A
N/A
160
140
Green
520 nm
530 nm
550 nm
30
0.05
160
140
Cyan
490 nm
505 nm
520 nm
30
0.04
160
140
Blue
460 nm
470 nm
490 nm
33
0.05
160
140
RoyalBlue
[3]
440 nm
455 nm
460 nm
24
0.04
160
140
Red
620.5 nm
627 nm
645 nm
29
0.05
160
140
RedOrange
613.5 nm
617 nm
620.5 nm
28
0.08
160
140
Amber
584.5 nm
590 nm
597 nm
28
0.10
160
140
Notes for Table 2:
1.
Test current is 350 mA for all LXMLPxx10xxx products.
2.
Dominant wavelength is derived from the CIE 1931 Chromaticity diagram and represents the perceived color.
Philips Lumileds maintains a tolerance of ± 0.5 nm for dominant wavelength measurements.
3.
RoyalBlue product is binned by radiometric power and peak wavelength rather than photometric lumens.
Philips Lumileds maintains a tolerance of ± 2nm for peak wavelength measurements.
4.
CCT ±5% tester tolerance.
5.
Typical CRI (Color Rendering Index) for CoolWhite is 70, NeutralWhite is 75 and WarmWhite is 80.
6.
Spectral width at ½ of the peak intensity.
7.
Total angle at which 90% of total luminous flux is captured.
8.
Viewing angle is the off axis angle from lamp centerline where the luminous intensity is ½ of the peak value.
9.
All white, green, cyan, blue and royalblue products are built with Indium Gallium Nitride (InGaN).
10. All red, redorange, and amber are built with Aluminum Indium Gallium Phosphide (AlInGaP).
11. CoolWhite, NeutralWhite, WarmWhite, Blue and RoyalBlue power light sources represented here are IEC825
class 2 for eye safety.


Similar Part No. - LXML-PWC1-0090

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXML-PWC1-0090 ETC2-LXML-PWC1-0090 Datasheet
1Mb / 26P
   LUXEON짰 Rebel General Purpose White Portfolio
logo
Lumileds Lighting Compa...
LXML-PWC1-0090 LUMILEDS-LXML-PWC1-0090 Datasheet
2Mb / 26P
   General purpose white
LXML-PWC1-0090 LUMILEDS-LXML-PWC1-0090 Datasheet
1Mb / 2P
   General purpose white
logo
List of Unclassifed Man...
LXML-PWC1-0090 ETC2-LXML-PWC1-0090_14 Datasheet
2Mb / 26P
   LUXEON Rebel General Purpose White Portfolio
More results

Similar Description - LXML-PWC1-0090

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC410 SHARP-PC410 Datasheet
50Kb / 5P
   Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
PC417 SHARP-PC417 Datasheet
58Kb / 5P
   Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
logo
STANLEY ELECTRIC CO.,LT...
UB1112H STANLEY-UB1112H Datasheet
73Kb / 6P
   ULTRA HIGH BRIGHTNESS TYPE SURFACE MOUNT LED
logo
List of Unclassifed Man...
EESX1109 ETC-EESX1109 Datasheet
208Kb / 9P
   Ultra-Compact Photomicrosensors with Surface-Mount Design
logo
Inolux Corporation
IN-3021PUV INOLUX-IN-3021PUV Datasheet
662Kb / 10P
   Surface Mount High Power Ultraviolet LED
IN-5051SCUV INOLUX-IN-5051SCUV Datasheet
631Kb / 12P
   Surface Mount High Power Ultraviolet LED
IN-5053PUV INOLUX-IN-5053PUV Datasheet
704Kb / 12P
   Surface Mount High Power Ultraviolet LED
IN-7074GCUV INOLUX-IN-7074GCUV Datasheet
1Mb / 14P
   Surface Mount High Power Ultraviolet LED
IN-3531ACUV INOLUX-IN-3531ACUV Datasheet
1Mb / 13P
   Surface Mount High Power Ultraviolet LED
IN-505FCHWV INOLUX-IN-505FCHWV Datasheet
3Mb / 12P
   Inolux Surface Mount High Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com