Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2K2-MWC4-11-0200 Datasheet(PDF) 6 Page - Lumileds Lighting Company

Part # L2K2-MWC4-11-0200
Description  power LED
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L2K2-MWC4-11-0200 Datasheet(HTML) 6 Page - Lumileds Lighting Company

Back Button L2K2-MWC4-11-0200 Datasheet HTML 2Page - Lumileds Lighting Company L2K2-MWC4-11-0200 Datasheet HTML 3Page - Lumileds Lighting Company L2K2-MWC4-11-0200 Datasheet HTML 4Page - Lumileds Lighting Company L2K2-MWC4-11-0200 Datasheet HTML 5Page - Lumileds Lighting Company L2K2-MWC4-11-0200 Datasheet HTML 6Page - Lumileds Lighting Company L2K2-MWC4-11-0200 Datasheet HTML 7Page - Lumileds Lighting Company L2K2-MWC4-11-0200 Datasheet HTML 8Page - Lumileds Lighting Company L2K2-MWC4-11-0200 Datasheet HTML 9Page - Lumileds Lighting Company L2K2-MWC4-11-0200 Datasheet HTML 10Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LUXEON K2 with TFFC Datasheet DS60 (10/07)
6
Electrical Characteristics
Electrical Characteristics at 1000mA
Junction and Case Temperature = 25ºC[4]
Table 4.
T
Ty
yp
piic
ca
all T
Te
em
mp
pe
erra
attu
urre
e
T
Ty
yp
piic
ca
all
T
Ty
yp
piic
ca
all
C
Co
oe
effffiic
ciie
en
ntt o
off
T
Th
he
errm
ma
all
D
Dy
yn
na
am
miic
c
F
Fo
orrw
wa
arrd
d
R
Re
es
siis
stta
an
nc
ce
e
F
Fo
orrw
wa
arrd
d V
Vo
olltta
ag
ge
e V
Vff [1]
R
Re
es
siis
stta
an
nc
ce
e [2]
V
Vo
olltta
ag
ge
e
J
Ju
un
nc
cttiio
on
n tto
o
((V
V))
((Ω
Ω))
((m
mV
V//ooC
C))
C
Ca
as
se
e ((ooC
C//W
W))
C
Co
ollo
orr
M
Miin
n..
T
Ty
yp
p..
M
Ma
ax
x..
R
R
D
D
ΔΔVV
F
F /
/
ΔΔTT
J
J
R
R
θθ
J
J C
C
CoolWhite
[3]
3.03
3.65
4.71
0.45
2.8
5.5 (9.5 for Star)
Notes for Table 4:
1.
Philips Lumileds maintains a tolerance of ±0.06V on forward voltage measurements
2.
Dynamic resistance is the inverse of the slope in linear forward voltage model for LEDs. See figure 13.
3.
The forward voltage of the LUXEON K2 with TFFC LED will reduce by up to 0.50V at 1000mA during the first few hours of
operation after SMT reflow. Due to this effect, Philips Lumileds recommends current source drive for consistent and reliable
performance. Cross connected series/parallel arrays or voltage drivers which could result in current hogging or variation in
drive current are not recommended. Please consult your Philips Lumileds authorized distributor or Philips Lumileds Sales
Representative for further information.
4.
Luxeon K2 with TFFC is tested and binned at 25°C with a 20ms monopulse test to minimize heating of the junction
or case.
Typical Electrical Characteristics
Junction and Case Temperature = 25ºC
Table 5.
T
Ty
yp
piic
ca
all F
Fo
orrw
wa
arrd
d V
Vo
olltta
ag
ge
e V
Vff ((V
V))
C
Co
ollo
orr
a
att 1
15
50
00
0m
mA
A
a
att 7
70
00
0m
mA
A
a
att 3
35
50
0m
mA
A
CoolWhite
3.85
3.5
3.3


Similar Part No. - L2K2-MWC4-11-0200

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L2K2-MW12-11-BR00 LUMILEDS-L2K2-MW12-11-BR00 Datasheet
1Mb / 41P
   the most robust and powerful LED
L2K2-MW12-11-BS00 LUMILEDS-L2K2-MW12-11-BS00 Datasheet
1Mb / 41P
   the most robust and powerful LED
L2K2-MW14-11-BT00 LUMILEDS-L2K2-MW14-11-BT00 Datasheet
1Mb / 41P
   the most robust and powerful LED
L2K2-MW14-11-BU00 LUMILEDS-L2K2-MW14-11-BU00 Datasheet
1Mb / 41P
   the most robust and powerful LED
L2K2-MW14-11-BV00 LUMILEDS-L2K2-MW14-11-BV00 Datasheet
1Mb / 41P
   the most robust and powerful LED
More results

Similar Description - L2K2-MWC4-11-0200

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
31-01UTC-S463 EVERLIGHT-31-01UTC-S463 Datasheet
134Kb / 8P
   POWER LED
logo
Arch Electronics Corp.
ALF100 ARCH-ALF100 Datasheet
332Kb / 5P
   LED Power
ALF150 ARCH-ALF150 Datasheet
332Kb / 5P
   LED Power
ZLF100 ARCH-ZLF100 Datasheet
300Kb / 2P
   LED Power
logo
DOMINANT Semiconductors
DWS-SJS-ST2-1 DOMINANT-DWS-SJS-ST2-1 Datasheet
880Kb / 13P
   Power LED
logo
Arch Electronics Corp.
QLF75 ARCH-QLF75_16 Datasheet
225Kb / 2P
   LED Power
QLF100 ARCH-QLF100_16 Datasheet
221Kb / 2P
   LED Power
logo
DOMINANT Semiconductors
DWS-EJS-VW1-1 DOMINANT-DWS-EJS-VW1-1 Datasheet
864Kb / 13P
   Power LED
logo
Arch Electronics Corp.
ALF60 ARCH-ALF60 Datasheet
276Kb / 5P
   LED Power
APF60 ARCH-APF60 Datasheet
296Kb / 5P
   LED Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com