Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXK2-PWC4-0180 Datasheet(PDF) 7 Page - Lumileds Lighting Company

Part # LXK2-PWC4-0180
Description  power LED
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LXK2-PWC4-0180 Datasheet(HTML) 7 Page - Lumileds Lighting Company

Back Button LXK2-PWC4-0180 Datasheet HTML 3Page - Lumileds Lighting Company LXK2-PWC4-0180 Datasheet HTML 4Page - Lumileds Lighting Company LXK2-PWC4-0180 Datasheet HTML 5Page - Lumileds Lighting Company LXK2-PWC4-0180 Datasheet HTML 6Page - Lumileds Lighting Company LXK2-PWC4-0180 Datasheet HTML 7Page - Lumileds Lighting Company LXK2-PWC4-0180 Datasheet HTML 8Page - Lumileds Lighting Company LXK2-PWC4-0180 Datasheet HTML 9Page - Lumileds Lighting Company LXK2-PWC4-0180 Datasheet HTML 10Page - Lumileds Lighting Company LXK2-PWC4-0180 Datasheet HTML 11Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Preliminary LUXEON K2 Emitter Datasheet DS51a (1/07)
7
Absolute Maximum Ratings[3]
Table 6.
C
Co
oo
oll W
Wh
hiitte
e
P
Pa
arra
am
me
ette
err
V
Va
allu
ue
e
DC Forward Current (mA)
1500
Peak Pulsed Forward Current (mA)
1500
Average Forward Current (mA)
1500
ESD Sensitivity
> 2,000 V HBM
Class 2 JESD22A114B
LED Junction Temperature
[1]
150°C
Storage Temperature
40°C
185°C
Soldering Temperature
JEDEC 020c 260°C
Allowable Reflow Cycles
3
Autoclave Conditions
121°C at 2 ATM,
100% RH for 72 hours max
Reverse Voltage (Vr)
See Note 2
Notes for Table 6:
1.
Proper current derating and thermal management must be observed to maintain junction temperature below the maximum.
2.
LEDs are not designed to be driven in reverse bias.
3.
Stresses in excess of the absolute maximum ratings can cause damage to the emitter. Maximum Rating limits apply to
each parameter in isolation, all parameters having values within the Current Derating Curve. It should not be assumed that
limiting values of more than one parameter can be applied to the product at the same time. Exposures to the absolute
maximum ratings for extended periods can adversely affect device reliability.


Similar Part No. - LXK2-PWC4-0180

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXK2-PW12-R00 LUMILEDS-LXK2-PW12-R00 Datasheet
1Mb / 41P
   the most robust and powerful LED
LXK2-PW12-S00 LUMILEDS-LXK2-PW12-S00 Datasheet
1Mb / 41P
   the most robust and powerful LED
LXK2-PW14-T00 LUMILEDS-LXK2-PW14-T00 Datasheet
1Mb / 41P
   the most robust and powerful LED
LXK2-PW14-U00 LUMILEDS-LXK2-PW14-U00 Datasheet
1Mb / 41P
   the most robust and powerful LED
LXK2-PW14-V00 LUMILEDS-LXK2-PW14-V00 Datasheet
1Mb / 41P
   the most robust and powerful LED
More results

Similar Description - LXK2-PWC4-0180

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
31-01UTC-S463 EVERLIGHT-31-01UTC-S463 Datasheet
134Kb / 8P
   POWER LED
logo
Arch Electronics Corp.
ALF100 ARCH-ALF100 Datasheet
332Kb / 5P
   LED Power
ALF150 ARCH-ALF150 Datasheet
332Kb / 5P
   LED Power
ZLF100 ARCH-ZLF100 Datasheet
300Kb / 2P
   LED Power
logo
DOMINANT Semiconductors
DWS-SJS-ST2-1 DOMINANT-DWS-SJS-ST2-1 Datasheet
880Kb / 13P
   Power LED
logo
Arch Electronics Corp.
QLF75 ARCH-QLF75_16 Datasheet
225Kb / 2P
   LED Power
QLF100 ARCH-QLF100_16 Datasheet
221Kb / 2P
   LED Power
logo
DOMINANT Semiconductors
DWS-EJS-VW1-1 DOMINANT-DWS-EJS-VW1-1 Datasheet
864Kb / 13P
   Power LED
logo
Arch Electronics Corp.
ALF60 ARCH-ALF60 Datasheet
276Kb / 5P
   LED Power
APF60 ARCH-APF60 Datasheet
296Kb / 5P
   LED Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com