Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25XXXSC-WT Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY25XXXSC-WT
Description  Programmable Spread Spectrum Clock Generator for EMI Reduction
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25XXXSC-WT Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY25XXXSC-WT Datasheet HTML 1Page - Cypress Semiconductor CY25XXXSC-WT Datasheet HTML 2Page - Cypress Semiconductor CY25XXXSC-WT Datasheet HTML 3Page - Cypress Semiconductor CY25XXXSC-WT Datasheet HTML 4Page - Cypress Semiconductor CY25XXXSC-WT Datasheet HTML 5Page - Cypress Semiconductor CY25XXXSC-WT Datasheet HTML 6Page - Cypress Semiconductor CY25XXXSC-WT Datasheet HTML 7Page - Cypress Semiconductor CY25XXXSC-WT Datasheet HTML 8Page - Cypress Semiconductor CY25XXXSC-WT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CY25000
Document #: 38-07424 Rev. *B
Page 5 of 10
Reference Output (REFOUT, pin 6)
The reference clock output has the same frequency and the
same phase as the input clock. This output can be
programmed to be enabled (clock on) or disabled (High-Z,
clock off). If this output is not needed, it is recommended that
users request the disabled (High-Z, Clock Off) option.
Frequency Modulation
The frequency modulation is programmed at 30 kHz for all
SSCLK frequencies from 3 to 200 MHz. Contact the factory if
a higher modulation frequency is required.
Power-down or Output Enable (PD# or OE, pin 3):
Users can select either PD# or OE function which are also
factory programmable.
Application Circuit[3, 4, 5]
Switching Waveforms
Notes:
3. Since the load capacitors (CXIN and CXOUT) are provided by the CY25000, no external capacitors are needed on the XIN and XOUT pins to match the crystal load
capacitor (CL). Only a single 0.1-µF bypass capacitor is required on the VDD pin.
4. If an external clock is used, apply the clock to XIN (pin 1) and leave XOUT (pin 8) floating (unconnected).
5. If SSON (pin 7) is LOW (VSS), the frequency modulation will be stopped on SSCLK pin (pin 5).
1
2
3
4
VDD
XOUT
VSS
SSCLK
REFCLK
5
6
7
8
XIN
SSON
Power
0.1
µF
VDD
VDD
PD#/OE
Crystal
Duty Cycle Timing (DC = t1A/t1B)
t1A
t1B
OUTPUT
Output Rise/Fall Time (SSCLK and REFCLK)
OUTPUT
Tr
VDD
0V
Tf
Output Rise time (Tr) = (0.6 x VDD)/SR1 (or SR3)
Output Fall time (Tf) = (0.6 x VDD)/SR2 (or SR4)
Refer to AC Electrical Characteristics table for SR (Slew Rate) values.
Power-down Timing and Power-up Timing
CLKOUT
VDD
tPU
tSTP
VIL
VIH
POWER-
DOWN
0V
(Asynchronous)
High Impedance


Similar Part No. - CY25XXXSC-WT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CY250 ETC1-CY250 Datasheet
1Mb / 107P
   Stepper System Controller
logo
Cypress Semiconductor
CY25010 CYPRESS-CY25010 Datasheet
211Kb / 11P
   Spread Aware?? Ten/Eleven Output Zero Delay Buffer
CY2509 CYPRESS-CY2509 Datasheet
100Kb / 6P
   Spread Aware, Ten/Eleven Output Zero Delay Buffer
CY2509 CYPRESS-CY2509 Datasheet
153Kb / 6P
   Spread Aware?? Ten/Eleven Output Zero Delay Buffer
CY2509 CYPRESS-CY2509 Datasheet
211Kb / 11P
   Spread Aware?? Ten/Eleven Output Zero Delay Buffer
More results

Similar Description - CY25XXXSC-WT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25200 CYPRESS-CY25200_12 Datasheet
583Kb / 15P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200 Datasheet
280Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_07 Datasheet
364Kb / 12P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_09 Datasheet
380Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25100 CYPRESS-CY25100 Datasheet
279Kb / 11P
   Field- and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25100 CYPRESS-CY25100_08 Datasheet
372Kb / 13P
   Field and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15101 SPECTRALINEAR-SL15101 Datasheet
194Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15300 SPECTRALINEAR-SL15300 Datasheet
372Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com