Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2305SZC-1H Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2305SZC-1H
Description  Low-Cost 3.3V Zero Delay Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2305SZC-1H Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2305SZC-1H Datasheet HTML 1Page - Cypress Semiconductor CY2305SZC-1H Datasheet HTML 2Page - Cypress Semiconductor CY2305SZC-1H Datasheet HTML 3Page - Cypress Semiconductor CY2305SZC-1H Datasheet HTML 4Page - Cypress Semiconductor CY2305SZC-1H Datasheet HTML 5Page - Cypress Semiconductor CY2305SZC-1H Datasheet HTML 6Page - Cypress Semiconductor CY2305SZC-1H Datasheet HTML 7Page - Cypress Semiconductor CY2305SZC-1H Datasheet HTML 8Page - Cypress Semiconductor CY2305SZC-1H Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Low-Cost 3.3V Zero Delay Buffer
CY2305
CY2309
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-07140 Rev. *G
Revised August 4, 2005
Features
• 10-MHz to 100-/133-MHz operating range, compatible
with CPU and PCI bus frequencies
• Zero input-output propagation delay
• 60 ps typical cycle-to-cycle jitter (high drive)
• Multiple low-skew outputs
— 85 ps typical output-to-output skew
— One input drives five outputs (CY2305)
— One input drives nine outputs, grouped as 4 + 4 + 1
(CY2309)
• Compatible with Pentium-based systems
• Test Mode to bypass phase-locked loop (PLL) (CY2309
only [see “Select Input Decoding” on page 2])
• Available in space-saving 16-pin 150-mil SOIC or
4.4-mm TSSOP packages (CY2309), and 8-pin, 150-mil
SOIC package (CY2305)
• 3.3V operation
• Industrial temperature available
Functional Description
The CY2309 is a low-cost 3.3V zero delay buffer designed to
distribute high-speed clocks and is available in a 16-pin SOIC
or TSSOP package. The CY2305 is an 8-pin version of the
CY2309. It accepts one reference input, and drives out five
low-skew clocks. The -1H versions of each device operate at
up to 100-/133-MHz frequencies, and have higher drive than
the -1 devices. All parts have on-chip PLLs which lock to an
input clock on the REF pin. The PLL feedback is on-chip and
is obtained from the CLKOUT pad.
The CY2309 has two banks of four outputs each, which can
be controlled by the Select inputs as shown in the “Select Input
Decoding” table on page 2. If all output clocks are not required,
BankB can be three-stated. The select inputs also allow the
input clock to be directly applied to the outputs for chip and
system testing purposes.
The CY2305 and CY2309 PLLs enter a power-down mode
when there are no rising edges on the REF input. In this state,
the outputs are three-stated and the PLL is turned off, resulting
in less than 12.0
µA of current draw for commercial temper-
ature devices and 25.0
µA for industrial temperature parts. The
CY2309 PLL shuts down in one additional case as shown in
the table below.
Multiple CY2305 and CY2309 devices can accept the same
input clock and distribute it. In this case, the skew between the
outputs of two devices is guaranteed to be less than 700 ps.
The CY2305/CY2309 is available in two/three different config-
urations, as shown in the ordering information (page 10). The
CY2305-1/CY2309-1 is the base part. The CY2305-1H/
CY2309-1H is the high-drive version of the -1, and its rise and
fall times are much faster than the -1s.
Block Diagram
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
REF
CLKA1
CLKA2
VDD
GND
CLKB1
CLKB2
S2
CLKOUT
CLKA4
CLKA3
VDD
GND
CLKB4
CLKB3
S1
SOIC/TSSOP
Top View
Pin Configuration
1
2
3
4
5
8
7
6
REF
CLK2
CLK1
GND
VDD
CLKOUT
CLK4
CLK3
SOIC
Top View
PLL
MUX
Select Input
REF
S2
S1
CLKA1
CLKA2
CLKA3
CLKA4
CLKB1
CLKB2
CLKB3
CLKB4
Decoding
CLKOUT


Similar Part No. - CY2305SZC-1H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2305SC-1 CYPRESS-CY2305SC-1 Datasheet
133Kb / 10P
   CY2305 and CY2309 as PCI and SDRAM Buffers
CY2305SC-1 CYPRESS-CY2305SC-1 Datasheet
200Kb / 13P
   LOW-COST 3.3V ZERO DELAY BUFFER
CY2305SC-1 CYPRESS-CY2305SC-1 Datasheet
363Kb / 15P
   Low-Cost 3.3V Zero Delay Buffer
CY2305SC-1 CYPRESS-CY2305SC-1 Datasheet
380Kb / 15P
   Low Cost 3.3V Zero Delay Buffer
CY2305SC-1 CYPRESS-CY2305SC-1 Datasheet
490Kb / 19P
   Low Cost 3.3-V Zero Delay Buffer
More results

Similar Description - CY2305SZC-1H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2305 CYPRESS-CY2305_09 Datasheet
380Kb / 15P
   Low Cost 3.3V Zero Delay Buffer
CY2305 CYPRESS-CY2305_08 Datasheet
363Kb / 15P
   Low-Cost 3.3V Zero Delay Buffer
CY2309 CYPRESS-CY2309 Datasheet
200Kb / 13P
   LOW-COST 3.3V ZERO DELAY BUFFER
logo
Exar Corporation
XRK32309 EXAR-XRK32309 Datasheet
302Kb / 13P
   LOW-COST 3.3V ZERO DELAY BUFFER
logo
Renesas Technology Corp
MPC962305 RENESAS-MPC962305 Datasheet
801Kb / 19P
   Low-Cost, 3.3V Zero Delay Buffer
2019
logo
Integrated Device Techn...
MPC962305EF-1H IDT-MPC962305EF-1H Datasheet
500Kb / 18P
   Low-Cost, 3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY23S09 CYPRESS-CY23S09_09 Datasheet
313Kb / 9P
   Low Cost 3.3V Spread Aware Zero Delay Buffer
CY23S09 CYPRESS-CY23S09_04 Datasheet
188Kb / 9P
   Low-Cost 3.3V Spread Aware??Zero Delay Buffer
CY23S05 CYPRESS-CY23S05 Datasheet
302Kb / 9P
   Low Cost 3.3V Spread Aware Zero Delay Buffer
CY23S09 CYPRESS-CY23S09 Datasheet
184Kb / 9P
   Low-Cost 3.3V Spread Aware??Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com